Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNY274-280 Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # TNY274-280
Description  Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY274-280 Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button TNY274-280 Datasheet HTML 13Page - Power Integrations, Inc. TNY274-280 Datasheet HTML 14Page - Power Integrations, Inc. TNY274-280 Datasheet HTML 15Page - Power Integrations, Inc. TNY274-280 Datasheet HTML 16Page - Power Integrations, Inc. TNY274-280 Datasheet HTML 17Page - Power Integrations, Inc. TNY274-280 Datasheet HTML 18Page - Power Integrations, Inc. TNY274-280 Datasheet HTML 19Page - Power Integrations, Inc. TNY274-280 Datasheet HTML 20Page - Power Integrations, Inc. TNY274-280 Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Rev. N 12/21
17
TNY274-280
www.power.com
NOTES:
A. I
S1 is an accurate estimate of device controller current consumption at no-load, since operating frequency is so low under these
conditions. Total device consumption at no-load is the sum of I
S1 and IDSS2.
B. Since the output MOSFET is switching, it is difficult to isolate the switching current from the supply current at the DRAIN.
An alternative is to measure the BP/M pin current at 6.1 V.
C. BP/M pin is not intended for sourcing supply current to external circuitry.
D. To ensure correct current limit it is recommended that nominal 0.1
mF / 1 mF / 10 mF capacitors are used. In addition, the BP/M
capacitor value tolerance should be equal or better than indicated below across the ambient temperature range of the target
application. The minimum and maximum capacitor values are guaranteed by characterization.
E. For current limit at other di/dt values, refer to Figure 23.
F. TNY274 does not set an increased current limit value, but with a 10
mF BP/M pin capacitor the current limit is the same as with a
1
mF BP/M pin capacitor (reduced current limit value).
G. This parameter is derived from characterization.
H. This parameter is derived from the change in current limit measured at 1X and 4X of the di/dt shown in the I
LIMIT specification.
I. I
DSS1 is the worst-case OFF-state leakage specification at 80% of BVDSS and maximum operating junction temperature. IDSS2 is a
typical specification under worst-case application conditions (rectified 265 VAC) for no-load consumption calculations.
J. Breakdown voltage may be checked against minimum BV
DSS specification by ramping the DRAIN pin voltage up to but not
exceeding minimum BV
DSS.
K. Auto-restart on time has the same temperature characteristics as the oscillator (inversely proportional to frequency).
Nominal BP/M
Pin Cap Value
Tolerance Relative to Nominal
Capacitor Value
Min
Max
0.1
mF
-60%
+100%
1
mF
-50%
+100%
10
mF
-50%
NA


Similar Part No. - TNY274-280

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY274 POWERINT-TNY274 Datasheet
1Mb / 24P
   Energy Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
TNY274 POWERINT-TNY274 Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY274 POWERINT-TNY274 Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
TNY274G POWERINT-TNY274G Datasheet
1Mb / 24P
   Energy Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
TNY274G POWERINT-TNY274G Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
More results

Similar Description - TNY274-280

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY274 POWERINT-TNY274 Datasheet
1Mb / 24P
   Energy Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
TNY274 POWERINT-TNY274_V01 Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
TNY174 POWERINT-TNY174_V01 Datasheet
1Mb / 22P
   Energy Efficient, Offline Switcher with Enhanced Flexibility and Extended Power Range
September 2020
TNY275PG POWERINT-TNY275PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY274 POWERINT-TNY274_09 Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY277PG POWERINT-TNY277PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
TNY263 POWERINT-TNY263_04 Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com