Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNY274-280 Datasheet(PDF) 15 Page - Power Integrations, Inc.

Part # TNY274-280
Description  Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY274-280 Datasheet(HTML) 15 Page - Power Integrations, Inc.

Back Button TNY274-280 Datasheet HTML 11Page - Power Integrations, Inc. TNY274-280 Datasheet HTML 12Page - Power Integrations, Inc. TNY274-280 Datasheet HTML 13Page - Power Integrations, Inc. TNY274-280 Datasheet HTML 14Page - Power Integrations, Inc. TNY274-280 Datasheet HTML 15Page - Power Integrations, Inc. TNY274-280 Datasheet HTML 16Page - Power Integrations, Inc. TNY274-280 Datasheet HTML 17Page - Power Integrations, Inc. TNY274-280 Datasheet HTML 18Page - Power Integrations, Inc. TNY274-280 Datasheet HTML 19Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Rev. N 12/21
15
TNY274-280
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
See Figure 16
(Unless Otherwise Specified)
Min
Typ
Max
Units
Circuit Protection (cont.)
Power Coefficient
I2f
Standard Current
Limit, I2f = I
LIMIT(TYP)
2
× f
OSC(TYP)
T
J = 25 °C
TNY274-280P
0.9 ×
I2f
I2f
1.12 ×
I2f
A2Hz
TNY274-280G
0.9 ×
I2f
I2f
1.16 ×
I2f
Reduced Current
Limit, I2f = I
LIMITred(TYP)
2
× f
OSC(TYP)
T
J = 25 °C
TNY274-280P
0.9 ×
I2f
I2f
1.16 ×
I2f
TNY274-280G
0.9 ×
I2f
I2f
1.20 ×
I2f
Increased Current
Limit, I2f = I
LIMITinc(TYP)
2
× f
OSC(TYP)
T
J = 25 °C
TNY274-280P
0.9 ×
I2f
I2f
1.16 ×
I2f
TNY274-280G
0.9 ×
I2f
I2f
1.20 ×
I2f
Initial Current Limit
I
INIT
See Figure 19
T
J = 25 °C, See Note G
0.75 ×
I
LIMIT(MIN)
mA
Leading Edge
Blanking Time
t
LEB
T
J = 25 °C
See Note G
170
215
ns
Current Limit
Delay
t
ILD
T
J = 25 °C
See Note G, H
150
ns
Thermal Shutdown
Temperature
T
SD
135
142
150
°C
Thermal Shutdown
Hysteresis
T
SDH
75
°C
BP/M Pin Shutdown
Threshold Current
I
SD
4
6.5
9
mA
BP/M Pin Power up
Reset Threshold
Voltage
V
BP/M(RESET)
1.6
2.6
3.6
V
Output
ON-State
Resistance
R
DS(ON)
TNY274
I
D = 25 mA
T
J = 25 °C
28
32
W
T
J = 100 °C
42
48
TNY275
I
D = 28 mA
T
J = 25 °C
19
22
T
J = 100 °C
29
33
TNY276
I
D = 35 mA
T
J = 25 °C
14
16
T
J = 100 °C
21
24


Similar Part No. - TNY274-280

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY274 POWERINT-TNY274 Datasheet
1Mb / 24P
   Energy Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
TNY274 POWERINT-TNY274 Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY274 POWERINT-TNY274 Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
TNY274G POWERINT-TNY274G Datasheet
1Mb / 24P
   Energy Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
TNY274G POWERINT-TNY274G Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
More results

Similar Description - TNY274-280

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY274 POWERINT-TNY274 Datasheet
1Mb / 24P
   Energy Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
TNY274 POWERINT-TNY274_V01 Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
TNY174 POWERINT-TNY174_V01 Datasheet
1Mb / 22P
   Energy Efficient, Offline Switcher with Enhanced Flexibility and Extended Power Range
September 2020
TNY275PG POWERINT-TNY275PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY274 POWERINT-TNY274_09 Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY277PG POWERINT-TNY277PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
TNY263 POWERINT-TNY263_04 Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com