Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB-RS232-WE-1800-BT-0.0 Datasheet(PDF) 6 Page - Future Technology Devices International Ltd.

Part # USB-RS232-WE-1800-BT-0.0
Description  Future Technology Devices International Ltd USB to RS232 Serial Converter Range of Cables
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB-RS232-WE-1800-BT-0.0 Datasheet(HTML) 6 Page - Future Technology Devices International Ltd.

Back Button USB-RS232-WE-1800-BT-0.0 Datasheet HTML 2Page - Future Technology Devices International Ltd. USB-RS232-WE-1800-BT-0.0 Datasheet HTML 3Page - Future Technology Devices International Ltd. USB-RS232-WE-1800-BT-0.0 Datasheet HTML 4Page - Future Technology Devices International Ltd. USB-RS232-WE-1800-BT-0.0 Datasheet HTML 5Page - Future Technology Devices International Ltd. USB-RS232-WE-1800-BT-0.0 Datasheet HTML 6Page - Future Technology Devices International Ltd. USB-RS232-WE-1800-BT-0.0 Datasheet HTML 7Page - Future Technology Devices International Ltd. USB-RS232-WE-1800-BT-0.0 Datasheet HTML 8Page - Future Technology Devices International Ltd. USB-RS232-WE-1800-BT-0.0 Datasheet HTML 9Page - Future Technology Devices International Ltd. USB-RS232-WE-1800-BT-0.0 Datasheet HTML 10Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Copyright © 2010 Future Technology Devices International Limited
5
Document Reference No.: FT_000077
USB TO RS232 SERIAL CONVERTER RANGE OF CABLES Datasheet Version 1.3
Clearance No.: FTDI# 51
3.2 Features
USB-RS232 converter cable provides a USB to
RS232 serial interface with customised end
connectors.
Entire USB protocol handled by the electronics
in the cable USB.
EIA/TIA-232 and V.28/V.24 communication
interface with low power requirements.
UART interface support for 7 or 8 data bits, 1
or 2 stop bits and odd / even / mark / space /
no parity.
Internal EEPROM with user writeable area.
FTDI’s royalty-free VCP allow for
communication as a standard emulated COM
port and D2XX ‘direct’ drivers provide DLL
application programming interface.
Visual indication of Tx and Rx traffic via LEDs in
the transparent USB connector.
Fully assisted hardware (RTS#/CTS#) or X-On
/ X-Off software handshaking.
Data transfer rates from 300 baud to 1 Mbaud.
Support for FT232R FTDIChip-ID™ feature for
improved security.
Low USB bandwidth consumption.
UHCI / OHCI / EHCI host controller compatible.
USB 2.0 Full Speed compatible.
-40°C to +85°C operating temperature range.
Cable length is 1.80m (6 feet).
ESD Protection for RS-232 I/O's
±15kV Human Body Model (HBM)
±15kV EN61000-4-2 Air Gap Discharge
±8kV EN61000-4-2 Contact Discharge
FCC and CE compliant.
Custom versions available on request (subject
to MOQ).


Similar Part No. - USB-RS232-WE-1800-BT-0.0

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
USB-RS232-WE-1800-BT-0.0 FTDI-USB-RS232-WE-1800-BT-0.0 Datasheet
368Kb / 15P
   Serial Converter Range of Cables
USB-RS232-WE-1800-BT-0.0 FTDI-USB-RS232-WE-1800-BT-0.0 Datasheet
368Kb / 15P
   Future Technology Devices International Ltd USB to RS232 Serial Converter Range of Cables
2010
More results

Similar Description - USB-RS232-WE-1800-BT-0.0

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT_000077 FTDI-FT_000077 Datasheet
368Kb / 15P
   Future Technology Devices International Ltd USB to RS232 Serial Converter Range of Cables
2010
logo
List of Unclassifed Man...
DS_USB_RS232_PCB ETC2-DS_USB_RS232_PCB Datasheet
423Kb / 16P
   Future Technology Devices International Ltd USB to RS232 UART Serial Converter PCB Datasheet
logo
Future Technology Devic...
FT-000117 FTDI-FT-000117 Datasheet
512Kb / 16P
   Future Technology Devices International Ltd USB to RS485 Serial Converter Cable
27th July 2010
logo
List of Unclassifed Man...
VNC2-32L1B-REEL ETC2-VNC2-32L1B-REEL Datasheet
2Mb / 88P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
FT230XS-R FTDI-FT230XS-R Datasheet
828Kb / 44P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
FT232H ETC2-FT232H Datasheet
1Mb / 66P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
FT600Q FTDI-FT600Q Datasheet
1Mb / 32P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
FT240XQ-R ETC2-FT240XQ-R Datasheet
754Kb / 40P
   Future Technology Devices International Ltd
FT232RQ-REEL ETC2-FT232RQ-REEL Datasheet
776Kb / 43P
   Future Technology Devices International Ltd.
logo
Future Technology Devic...
FT231XS-R FTDI-FT231XS-R Datasheet
830Kb / 44P
   Future Technology Devices International Ltd.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com