Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB-RS232-WE-1800-BT-0.0 Datasheet(PDF) 2 Page - Future Technology Devices International Ltd.

Part # USB-RS232-WE-1800-BT-0.0
Description  Future Technology Devices International Ltd USB to RS232 Serial Converter Range of Cables
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB-RS232-WE-1800-BT-0.0 Datasheet(HTML) 2 Page - Future Technology Devices International Ltd.

  USB-RS232-WE-1800-BT-0.0 Datasheet HTML 1Page - Future Technology Devices International Ltd. USB-RS232-WE-1800-BT-0.0 Datasheet HTML 2Page - Future Technology Devices International Ltd. USB-RS232-WE-1800-BT-0.0 Datasheet HTML 3Page - Future Technology Devices International Ltd. USB-RS232-WE-1800-BT-0.0 Datasheet HTML 4Page - Future Technology Devices International Ltd. USB-RS232-WE-1800-BT-0.0 Datasheet HTML 5Page - Future Technology Devices International Ltd. USB-RS232-WE-1800-BT-0.0 Datasheet HTML 6Page - Future Technology Devices International Ltd. USB-RS232-WE-1800-BT-0.0 Datasheet HTML 7Page - Future Technology Devices International Ltd. USB-RS232-WE-1800-BT-0.0 Datasheet HTML 8Page - Future Technology Devices International Ltd. USB-RS232-WE-1800-BT-0.0 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Copyright © 2010 Future Technology Devices International Limited
1
Document Reference No.: FT_000077
USB TO RS232 SERIAL CONVERTER RANGE OF CABLES Datasheet Version 1.3
Clearance No.: FTDI# 51
1 Description
The USB_RS232 cables are a family of USB to RS232 levels serial UART converter cables incorporating
FTDI’s FT232RQ USB to serial UART interface IC device which handles all the USB signalling and
protocols. The cables provide a fast, simple way to connect devices with a RS232 level serial UART
interface to USB.
Each USB-RS232 cable contains a small internal electronic circuit board, utilising the FT232R, which is
encapsulated into the USB connector end of the cable. The FT232R datasheet, DS_FT232R, is available at
http://www.ftdichip.com. The integrated electronics also include the RS232 level shifter plus Tx and Rx
LEDs which give a visual indication of traffic on the cable (if transparent USB connector specified).
The other end of the cable is bare, tinned wire ended connections by default, but can be customised
using different connectors to support various applications.
Cables are FCC, CE, RoHS compliant.
The USB side of the cable is USB powered and USB 2.0 full speed compatible. Each cable is 1.8m long
and supports a data transfer rate up to 1 Mbaud. Each cable supports the FTDIChip-ID™, with a unique
USB serial number programmed into the FT232R. This feature can be used to create a security or
password protected file transfer access using the cable. Further information and examples on this feature
are available at http://www.ftdichip.com under FTDIChip-ID Projects.
The USB-RS232 cables require USB drivers, available free from http://www.ftdichip.com, which are
used to make the FT232R in the cable appear as a virtual COM port (VCP). This then allows the user to
communicate with the USB interface via a standard PC serial emulation port (for example TTY). Another
FTDI USB driver, the D2XX driver, can also be used with application software to directly access the
FT232R on the cable though a DLL. This is illustrated in the Figure 1.1
TTY
USB
USB_RS232
Virtual COM Port
Software application access to USB via D2XX
USB
TTY
Wire Ended
Customised connectors
Various Connector
Options
Wire Ended
Various Connector
Options
Customised connectors
Figure 1.1 Using the USB-RS232 Cable


Similar Part No. - USB-RS232-WE-1800-BT-0.0

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
USB-RS232-WE-1800-BT-0.0 FTDI-USB-RS232-WE-1800-BT-0.0 Datasheet
368Kb / 15P
   Serial Converter Range of Cables
USB-RS232-WE-1800-BT-0.0 FTDI-USB-RS232-WE-1800-BT-0.0 Datasheet
368Kb / 15P
   Future Technology Devices International Ltd USB to RS232 Serial Converter Range of Cables
2010
More results

Similar Description - USB-RS232-WE-1800-BT-0.0

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT_000077 FTDI-FT_000077 Datasheet
368Kb / 15P
   Future Technology Devices International Ltd USB to RS232 Serial Converter Range of Cables
2010
logo
List of Unclassifed Man...
DS_USB_RS232_PCB ETC2-DS_USB_RS232_PCB Datasheet
423Kb / 16P
   Future Technology Devices International Ltd USB to RS232 UART Serial Converter PCB Datasheet
logo
Future Technology Devic...
FT-000117 FTDI-FT-000117 Datasheet
512Kb / 16P
   Future Technology Devices International Ltd USB to RS485 Serial Converter Cable
27th July 2010
logo
List of Unclassifed Man...
VNC2-32L1B-REEL ETC2-VNC2-32L1B-REEL Datasheet
2Mb / 88P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
FT230XS-R FTDI-FT230XS-R Datasheet
828Kb / 44P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
FT232H ETC2-FT232H Datasheet
1Mb / 66P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
FT600Q FTDI-FT600Q Datasheet
1Mb / 32P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
FT240XQ-R ETC2-FT240XQ-R Datasheet
754Kb / 40P
   Future Technology Devices International Ltd
FT232RQ-REEL ETC2-FT232RQ-REEL Datasheet
776Kb / 43P
   Future Technology Devices International Ltd.
logo
Future Technology Devic...
FT231XS-R FTDI-FT231XS-R Datasheet
830Kb / 44P
   Future Technology Devices International Ltd.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com