Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB-RS232-WE-1800-BT-0.0 Datasheet(PDF) 9 Page - Future Technology Devices International Ltd.

Part # USB-RS232-WE-1800-BT-0.0
Description  Future Technology Devices International Ltd USB to RS232 Serial Converter Range of Cables
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB-RS232-WE-1800-BT-0.0 Datasheet(HTML) 9 Page - Future Technology Devices International Ltd.

Back Button USB-RS232-WE-1800-BT-0.0 Datasheet HTML 5Page - Future Technology Devices International Ltd. USB-RS232-WE-1800-BT-0.0 Datasheet HTML 6Page - Future Technology Devices International Ltd. USB-RS232-WE-1800-BT-0.0 Datasheet HTML 7Page - Future Technology Devices International Ltd. USB-RS232-WE-1800-BT-0.0 Datasheet HTML 8Page - Future Technology Devices International Ltd. USB-RS232-WE-1800-BT-0.0 Datasheet HTML 9Page - Future Technology Devices International Ltd. USB-RS232-WE-1800-BT-0.0 Datasheet HTML 10Page - Future Technology Devices International Ltd. USB-RS232-WE-1800-BT-0.0 Datasheet HTML 11Page - Future Technology Devices International Ltd. USB-RS232-WE-1800-BT-0.0 Datasheet HTML 12Page - Future Technology Devices International Ltd. USB-RS232-WE-1800-BT-0.0 Datasheet HTML 13Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Copyright © 2010 Future Technology Devices International Limited
8
Document Reference No.: FT_000077
USB TO RS232 SERIAL CONVERTER RANGE OF CABLES Datasheet Version 1.3
Clearance No.: FTDI# 51
5.2 USB-RS232-WE Cable Signal Descriptions
Colour
Name
Type
Description
Black
GND
GND
Device ground supply pin.
Brown
CTS#
Input
Clear to Send Control input / Handshake signal.
Red
POWER
Output
Power output. Default is GND, but can be customised to
output +3.3V or +5V. If required, contact FTDI Sales Team
(sales1@ftdichip.com)
Orange
TXD
Output
Transmit Asynchronous Data output.
Yellow
RXD
Input
Receive Asynchronous Data input.
Green
RTS#
Output
Request To Send Control Output / Handshake signal.
Table 5.1 USB-RS232-WE Cable Signal Descriptions
5.3 USB-RS232-WE Electrical Parameters
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
VCC_5V
Output Power Voltage*
4.25
5.0*
5.25
V
*Default is GND. This figure
only applies when cable has
been customised to output
+5V. The range is
dependent on the USB port
that the USB-RS232-WE is
connected to
VCC_3.3V
Output Power Voltage**
3.2
3.3**
3.4
V
**Default is GND. This
figure only applies when
cable has been customised
to output +3.3V.
IO
Output Power Current***
-
75
mA
***Only applies when
POWER output is customised
to +5V or+3.3V
Must be less that 2.5mA
during suspend.
T
Operating Temperature
Range
-40
+85
oC
Table 5.2 USB-RS232-WE I/O Operating Parameters


Similar Part No. - USB-RS232-WE-1800-BT-0.0

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
USB-RS232-WE-1800-BT-0.0 FTDI-USB-RS232-WE-1800-BT-0.0 Datasheet
368Kb / 15P
Serial Converter Range of Cables
USB-RS232-WE-1800-BT-0.0 FTDI-USB-RS232-WE-1800-BT-0.0 Datasheet
368Kb / 15P
Future Technology Devices International Ltd USB to RS232 Serial Converter Range of Cables
2010
More results

Similar Description - USB-RS232-WE-1800-BT-0.0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DS_USB_RS232_PCB ETC2-DS_USB_RS232_PCB Datasheet
423Kb / 16P
Future Technology Devices International Ltd USB to RS232 UART Serial Converter PCB Datasheet
FT232H ETC2-FT232H Datasheet
1Mb / 66P
Future Technology Devices International Ltd
VNC2-32L1B-REEL ETC2-VNC2-32L1B-REEL Datasheet
2Mb / 88P
Future Technology Devices International Ltd
FT232RQ-REEL ETC2-FT232RQ-REEL Datasheet
776Kb / 43P
Future Technology Devices International Ltd.
FT240XQ-R ETC2-FT240XQ-R Datasheet
754Kb / 40P
Future Technology Devices International Ltd
logo
Future Technology Devic...
FT600Q FTDI-FT600Q Datasheet
1Mb / 32P
Future Technology Devices International Ltd.
FT230XS-R FTDI-FT230XS-R Datasheet
828Kb / 44P
Future Technology Devices International Ltd.
FT231XS-R FTDI-FT231XS-R Datasheet
830Kb / 44P
Future Technology Devices International Ltd.
FT_000077 FTDI-FT_000077 Datasheet
368Kb / 15P
Future Technology Devices International Ltd USB to RS232 Serial Converter Range of Cables
2010
FT-000117 FTDI-FT-000117 Datasheet
512Kb / 16P
Future Technology Devices International Ltd USB to RS485 Serial Converter Cable
27th July 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com