Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN1523 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN1523
Description  11W FLYBACK CONVERTER FOR AUXILIARY POWER SUPPLY APPLICATION USING THE L6590
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1523 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN1523 Datasheet HTML 16Page - STMicroelectronics AN1523 Datasheet HTML 17Page - STMicroelectronics AN1523 Datasheet HTML 18Page - STMicroelectronics AN1523 Datasheet HTML 19Page - STMicroelectronics AN1523 Datasheet HTML 20Page - STMicroelectronics AN1523 Datasheet HTML 21Page - STMicroelectronics AN1523 Datasheet HTML 22Page - STMicroelectronics AN1523 Datasheet HTML 23Page - STMicroelectronics AN1523 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AN1523 APPLICATION NOTE
20/24
ANNEX 2 - Switch Mode Transformer Specification (continued)
SWITCH MODE TRANSFORMER SPECIFICATION
2362.0019 C
CUSTOMER CODE
ISSUE A
This document and its content are property of ELDOR CORPORATION S.p.A. No part of this document may be
reproduced, published, disclosed or used in any form with out written permission of ELDOR CORPORATION S.p.A.
DOC.N.
PAG. 3 / 6
2.0
ELECTRICAL CHARACTERISTICS
For pins identifi cation refer to mechanical drawing
2.1
Static characteristics
2.1.1
Inductance and DC resistance:
Measurement of inductance is made using a LCR bridge at frequency of 10KHz at output voltage of 1 V r.m.s.
Measurement of resistance is made using a four wire ohmmeter.
Temperature should be 23
± 2°C.
L(mH)
tol(%)
R(
Ω)
tol(%)
Between pin
2 and pin 1
2.0
±10
2.31
±15
2.1.2
Leakage Inductance:
LL=
6
%Lp
(pin
2
pin
1
)
Measurement is made with the secondary windings short circuited.
Measurement if inductance is made using a LCR bridge at frequency of 10 kHz and at output voltage of 1 V R.M.S.
2.1.3
Withstanding voltage
The transformer shall withstand a voltage of 3.75kV RMS for 60 seconds between primary winding and secondary
windings.
The frequency of the test voltage shall be 50 or 60Hz.
2.2
Test circuit diagram and application conditions
+5V/1.4A
+12V/0.3A
1
4
5
7
6
8
2
3
+V
Drain
supply IC


Similar Part No. - AN1523

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1526 STMICROELECTRONICS-AN1526 Datasheet
311Kb / 26P
ST7FLITE0 QUICK REFERENCE NOTE
AN1527 STMICROELECTRONICS-AN1527 Datasheet
78Kb / 14P
DEVELOPING A USB SMARTCARD READER WITH ST7SCR
AN1528 STMICROELECTRONICS-AN1528 Datasheet
160Kb / 18P
The testflash is a ST reserved flash area that contains device information
More results

Similar Description - AN1523

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
30QWK2C48 TOSHIBA-30QWK2C48 Datasheet
206Kb / 4P
Switching Type Power Supply Application Converter & Chopper Application
logo
Power Integrations, Inc...
TNY267P POWERINT-TNY267P Datasheet
171Kb / 16P
11W DVD Power Supply
DER-58 POWERINT-DER-58 Datasheet
883Kb / 22P
3W Wide Range Flyback Power Supply using LNK304P
DER-106 POWERINT-DER-106 Datasheet
939Kb / 29P
15W Flyback Power Supply using TOP244P
logo
KEC(Korea Electronics)
MBR1560CT KEC-MBR1560CT Datasheet
35Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBR20150CT KEC-MBR20150CT Datasheet
35Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION.
MBRF20100CT KEC-MBRF20100CT Datasheet
439Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBRF1060CT KEC-MBRF1060CT Datasheet
443Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
logo
STMicroelectronics
AN4214 STMICROELECTRONICS-AN4214 Datasheet
3Mb / 37P
High power factor flyback converter using the L6564
STEVAL-ISA142V1 STMICROELECTRONICS-STEVAL-ISA142V1 Datasheet
219Kb / 4P
50 W, wide-range, high power factor flyback converter using the L6564
November 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com