Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN1523 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN1523
Description  11W FLYBACK CONVERTER FOR AUXILIARY POWER SUPPLY APPLICATION USING THE L6590
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1523 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN1523 Datasheet HTML 15Page - STMicroelectronics AN1523 Datasheet HTML 16Page - STMicroelectronics AN1523 Datasheet HTML 17Page - STMicroelectronics AN1523 Datasheet HTML 18Page - STMicroelectronics AN1523 Datasheet HTML 19Page - STMicroelectronics AN1523 Datasheet HTML 20Page - STMicroelectronics AN1523 Datasheet HTML 21Page - STMicroelectronics AN1523 Datasheet HTML 22Page - STMicroelectronics AN1523 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19/24
AN1523 APPLICATION NOTE
ANNEX 2 - Switch Mode Transformer Specification (continued)
SWITCH MODE TRANSFORMER SPECIFICATION
2362.0019 C
CUSTOMER CODE
ISSUE A
This document and its content are property of ELDOR CORPORATION S.p.A. No part of this document may be
reproduced, published, disclosed or used in any form with out written permission of ELDOR CORPORATION S.p.A.
DOC.N.
PAG. 2 / 6
1.0
GENERAL INFORMATION
1.1
Description
The magnetic circuit comprises two soft ferrite E-cores glued together and gapped on the central leg.
The windings are placed concentrically on single plastic bobbin made in self extinguish material.
The transformer comply with the standard (Refer to pharagraf “3.0 SAFETY”) for the component connected to the
mains because:
the use of triple insulation wire (three different layers) for the secondary winding.
the thickness of insulation that exceed 0.40 mm.
the shape of coilformer that maintain the safety creeping distance from the core , that is consired
belong the primary side, and the secondary output pins and the circuit components.
Winding outputs are made through 8 pins placed in two parallel rows (Refer to page 6).
1.2
Application
The transformer is designed for use in a switch mode flyback power supply.
1.2.1
Operating conditions
Operating ambient temperature:
0
°C to +60°C
Operating humidity range non condensing
10% to 85%RH
Ambient temperature is the medium value measured at 30 mm. of distance from the surface of the transformer.
When the transformer is placed inside a metallic shield the above temperature value will be referred to the inside of
the shield even if it is closer then 30 mm to the SMT.
1.3
Storage conditions
Storage temperature
-20
°C to +50°C
After storage to allow a minimum of 24 hours recovery time before testing.
1.4
Marking
The component is marked with:
-
Eldor part number and customer part number (if required).
-
Production date.
1.5
Packaging
TDB
1.6
Weight
The transformer weight is approx 15g.


Similar Part No. - AN1523

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1526 STMICROELECTRONICS-AN1526 Datasheet
311Kb / 26P
   ST7FLITE0 QUICK REFERENCE NOTE
AN1527 STMICROELECTRONICS-AN1527 Datasheet
78Kb / 14P
   DEVELOPING A USB SMARTCARD READER WITH ST7SCR
AN1528 STMICROELECTRONICS-AN1528 Datasheet
160Kb / 18P
   The testflash is a ST reserved flash area that contains device information
More results

Similar Description - AN1523

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4214 STMICROELECTRONICS-AN4214 Datasheet
3Mb / 37P
   High power factor flyback converter using the L6564
logo
Power Integrations, Inc...
DER-106 POWERINT-DER-106 Datasheet
939Kb / 29P
   15W Flyback Power Supply using TOP244P
TNY267P POWERINT-TNY267P Datasheet
171Kb / 16P
   11W DVD Power Supply
logo
STMicroelectronics
STEVAL-ISA142V1 STMICROELECTRONICS-STEVAL-ISA142V1 Datasheet
219Kb / 4P
   50 W, wide-range, high power factor flyback converter using the L6564
November 2013 Rev 1
logo
Power Integrations, Inc...
DER-58 POWERINT-DER-58 Datasheet
883Kb / 22P
   3W Wide Range Flyback Power Supply using LNK304P
logo
KEC(Korea Electronics)
MBR1560CT KEC-MBR1560CT Datasheet
35Kb / 2P
   SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBRF20100CT KEC-MBRF20100CT Datasheet
439Kb / 2P
   SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBRF1060CT KEC-MBRF1060CT Datasheet
443Kb / 2P
   SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
logo
Toshiba Semiconductor
30QWK2C48 TOSHIBA-30QWK2C48 Datasheet
206Kb / 4P
   Switching Type Power Supply Application Converter & Chopper Application
logo
KEC(Korea Electronics)
MBR20150CT KEC-MBR20150CT Datasheet
35Kb / 2P
   SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com