Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN1523 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN1523
Description  11W FLYBACK CONVERTER FOR AUXILIARY POWER SUPPLY APPLICATION USING THE L6590
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1523 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN1523 Datasheet HTML 12Page - STMicroelectronics AN1523 Datasheet HTML 13Page - STMicroelectronics AN1523 Datasheet HTML 14Page - STMicroelectronics AN1523 Datasheet HTML 15Page - STMicroelectronics AN1523 Datasheet HTML 16Page - STMicroelectronics AN1523 Datasheet HTML 17Page - STMicroelectronics AN1523 Datasheet HTML 18Page - STMicroelectronics AN1523 Datasheet HTML 19Page - STMicroelectronics AN1523 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AN1523 APPLICATION NOTE
16/24
Thermal measures
In order to check the reliability of the design, a thermal mapping by means of an IR Camera has been done.
Here below the thermal measures on the board at both nominal input mains voltage at ambient temperature
(25
°C) are shown. The pointers A÷D have been placed across some key components affecting the reliability of
the circuit. The points correspond to the following components:
As shown on the maps, all the other points of the board are within the temperature limits ensuring a reliable
performance of the devices. TAMB =25°C for all measures
Figure 35. QUASI-PEAK MEASURE
Figure 36. QUASI-PEAK MEASURE
Vin = 115 Vrms - 50 Hz @STAND-BY
Limits: EN55022 CLASS B
Vin = 220 Vrms - 50 Hz @STAND-BY
Limits: EN55022 CLASS B
TESTED POINT
NOTES
A
IC1 - L6590
Copper dissipating area: 4 cm2
B
D1 - BZW06–188
Lead length: 13mm each side – Diode mounted 7mm from the
top of PCB surface
C
T1 - TRAFO
Checked the hottest point
D
D4 – BYW98-200
Lead length: 8 mm each side – Diode body placed on PCB
surface
Figure 37. TEMPERATURE IR MEASURE
Figure 38. TEMPERATURE IR MEASURE
Vin = 115 Vrms - 50 Hz @FULL LOAD
Vin = 220 Vrms - 50 Hz @FULL LOAD


Similar Part No. - AN1523

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1526 STMICROELECTRONICS-AN1526 Datasheet
311Kb / 26P
ST7FLITE0 QUICK REFERENCE NOTE
AN1527 STMICROELECTRONICS-AN1527 Datasheet
78Kb / 14P
DEVELOPING A USB SMARTCARD READER WITH ST7SCR
AN1528 STMICROELECTRONICS-AN1528 Datasheet
160Kb / 18P
The testflash is a ST reserved flash area that contains device information
More results

Similar Description - AN1523

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
30QWK2C48 TOSHIBA-30QWK2C48 Datasheet
206Kb / 4P
Switching Type Power Supply Application Converter & Chopper Application
logo
Power Integrations, Inc...
TNY267P POWERINT-TNY267P Datasheet
171Kb / 16P
11W DVD Power Supply
DER-58 POWERINT-DER-58 Datasheet
883Kb / 22P
3W Wide Range Flyback Power Supply using LNK304P
DER-106 POWERINT-DER-106 Datasheet
939Kb / 29P
15W Flyback Power Supply using TOP244P
logo
KEC(Korea Electronics)
MBR1560CT KEC-MBR1560CT Datasheet
35Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBR20150CT KEC-MBR20150CT Datasheet
35Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION.
MBRF20100CT KEC-MBRF20100CT Datasheet
439Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBRF1060CT KEC-MBRF1060CT Datasheet
443Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
logo
STMicroelectronics
AN4214 STMICROELECTRONICS-AN4214 Datasheet
3Mb / 37P
High power factor flyback converter using the L6564
STEVAL-ISA142V1 STMICROELECTRONICS-STEVAL-ISA142V1 Datasheet
219Kb / 4P
50 W, wide-range, high power factor flyback converter using the L6564
November 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com