Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN1523 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN1523
Description  11W FLYBACK CONVERTER FOR AUXILIARY POWER SUPPLY APPLICATION USING THE L6590
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1523 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN1523 Datasheet HTML 11Page - STMicroelectronics AN1523 Datasheet HTML 12Page - STMicroelectronics AN1523 Datasheet HTML 13Page - STMicroelectronics AN1523 Datasheet HTML 14Page - STMicroelectronics AN1523 Datasheet HTML 15Page - STMicroelectronics AN1523 Datasheet HTML 16Page - STMicroelectronics AN1523 Datasheet HTML 17Page - STMicroelectronics AN1523 Datasheet HTML 18Page - STMicroelectronics AN1523 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15/24
AN1523 APPLICATION NOTE
The figure 32 has been acquired testing the open
loop protection when working in stand-by: as visible,
even in this condition the circuit stops the switching
cycles when the Vcc reaches 16.5V and the value of
the output voltages never overstress the output elec-
trolytic capacitors.
In case a lower OVP threshold is required, it is possi-
ble to connect the inverting input of the E/A (VFB-pin
5) to ground via a resistor (e.g. 1K
) and a zener be-
tween the pin 5 and Vcc. A small ceramic capacitor in
parallel to the resistor could be required. In this case
the OVP threshold will be VZENER + 2.5V.
Figure 32. OPEN LOOP
Vin = 220 Vrms - 50 Hz @STAND-BY
CH1:
VPIN1 - DRAIN VOLTAGE
CH2:
VPIN3 -Vcc
CH3:
+5VOUT
CH4:
+12VOUT
Conducted Noise Measurements (Pre-Compliance Test)
The following pictures are shown the quasi-peak conducted noise measurements at full load and standby with
both nominal input mains voltages. The limits shown on the diagrams are referred to the EN55022 CLASS B,
which is the most widely used for domestic equipment like a TV or a STB. As visible on the diagrams, there is
a good margin of the measures with respect to the limits in overall conditions.
Figure 33. QUASI-PEAK MEASURE
Figure 34. QUASI-PEAK MEASURE
Vin = 115 Vrms - 50 Hz @FULL LOAD
Limits: EN55022 CLASS B
Vin = 220 Vrms - 50 Hz @ FULL LOAD
Limits: EN55022 CLASS B


Similar Part No. - AN1523

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1526 STMICROELECTRONICS-AN1526 Datasheet
311Kb / 26P
   ST7FLITE0 QUICK REFERENCE NOTE
AN1527 STMICROELECTRONICS-AN1527 Datasheet
78Kb / 14P
   DEVELOPING A USB SMARTCARD READER WITH ST7SCR
AN1528 STMICROELECTRONICS-AN1528 Datasheet
160Kb / 18P
   The testflash is a ST reserved flash area that contains device information
More results

Similar Description - AN1523

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4214 STMICROELECTRONICS-AN4214 Datasheet
3Mb / 37P
   High power factor flyback converter using the L6564
logo
Power Integrations, Inc...
DER-106 POWERINT-DER-106 Datasheet
939Kb / 29P
   15W Flyback Power Supply using TOP244P
TNY267P POWERINT-TNY267P Datasheet
171Kb / 16P
   11W DVD Power Supply
logo
STMicroelectronics
STEVAL-ISA142V1 STMICROELECTRONICS-STEVAL-ISA142V1 Datasheet
219Kb / 4P
   50 W, wide-range, high power factor flyback converter using the L6564
November 2013 Rev 1
logo
Power Integrations, Inc...
DER-58 POWERINT-DER-58 Datasheet
883Kb / 22P
   3W Wide Range Flyback Power Supply using LNK304P
logo
KEC(Korea Electronics)
MBR1560CT KEC-MBR1560CT Datasheet
35Kb / 2P
   SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBRF20100CT KEC-MBRF20100CT Datasheet
439Kb / 2P
   SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBRF1060CT KEC-MBRF1060CT Datasheet
443Kb / 2P
   SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
logo
Toshiba Semiconductor
30QWK2C48 TOSHIBA-30QWK2C48 Datasheet
206Kb / 4P
   Switching Type Power Supply Application Converter & Chopper Application
logo
KEC(Korea Electronics)
MBR20150CT KEC-MBR20150CT Datasheet
35Kb / 2P
   SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com