Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN1523 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN1523
Description  11W FLYBACK CONVERTER FOR AUXILIARY POWER SUPPLY APPLICATION USING THE L6590
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1523 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN1523 Datasheet HTML 7Page - STMicroelectronics AN1523 Datasheet HTML 8Page - STMicroelectronics AN1523 Datasheet HTML 9Page - STMicroelectronics AN1523 Datasheet HTML 10Page - STMicroelectronics AN1523 Datasheet HTML 11Page - STMicroelectronics AN1523 Datasheet HTML 12Page - STMicroelectronics AN1523 Datasheet HTML 13Page - STMicroelectronics AN1523 Datasheet HTML 14Page - STMicroelectronics AN1523 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11/24
AN1523 APPLICATION NOTE
Short-Circuit Tests @ Full Load
The short circuit tests have been done in two phases, making the test shorting by a power switch the output
electrolytic capacitor or making the short by the active load option. This gives an idea about the circuit behaviour
with a hard short (at very low impedance) or with a ”soft” short that could happen on the STB main board, having
slightly higher impedance. All the tests have been done at maximum, nominal and minimum input voltage. For
all conditions the drain voltage is always below the BVDSS, while the mean value of the output current has a
value close to the nominal one, thus preventing component melting for excessive dissipation in case of long term
shorts. The auto-restart is correct at short removal in all conditions.
Figure 19. SHORT ON +5V
Figure 20. SHORT ON +5V
Vin = 88 Vrms - 50 Hz @FULL LOAD
Vin = 265 Vrms - 50 Hz @FULL LOAD
CH1:
VPIN1 – DRAIN VOLTAGE
CH1:
VPIN1 – DRAIN VOLTAGE
CH2:
VPIN3 - Vcc
CH2:
VPIN3 -Vcc
CH4:
ISHORT CIRCUIT
CH4:
ISHORTCIRCUIT
Figure 21. SHORT ON +12V
Figure 22. SHORT ON +12V
Vin = 88 Vrms - 50 Hz @FULL LOAD
Vin = 265 Vrms - 50 Hz @FULL LOAD
CH1:
VPIN1 – DRAIN VOLTAGE
CH1:
VPIN1 – DRAIN VOLTAGE
CH2:
VPIN3 - Vcc
CH2:
VPIN3 -Vcc
CH4:
ISHORT CIRCUIT
CH4:
ISHORTCIRCUIT


Similar Part No. - AN1523

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1526 STMICROELECTRONICS-AN1526 Datasheet
311Kb / 26P
   ST7FLITE0 QUICK REFERENCE NOTE
AN1527 STMICROELECTRONICS-AN1527 Datasheet
78Kb / 14P
   DEVELOPING A USB SMARTCARD READER WITH ST7SCR
AN1528 STMICROELECTRONICS-AN1528 Datasheet
160Kb / 18P
   The testflash is a ST reserved flash area that contains device information
More results

Similar Description - AN1523

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4214 STMICROELECTRONICS-AN4214 Datasheet
3Mb / 37P
   High power factor flyback converter using the L6564
logo
Power Integrations, Inc...
DER-106 POWERINT-DER-106 Datasheet
939Kb / 29P
   15W Flyback Power Supply using TOP244P
TNY267P POWERINT-TNY267P Datasheet
171Kb / 16P
   11W DVD Power Supply
logo
STMicroelectronics
STEVAL-ISA142V1 STMICROELECTRONICS-STEVAL-ISA142V1 Datasheet
219Kb / 4P
   50 W, wide-range, high power factor flyback converter using the L6564
November 2013 Rev 1
logo
Power Integrations, Inc...
DER-58 POWERINT-DER-58 Datasheet
883Kb / 22P
   3W Wide Range Flyback Power Supply using LNK304P
logo
KEC(Korea Electronics)
MBR1560CT KEC-MBR1560CT Datasheet
35Kb / 2P
   SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBRF20100CT KEC-MBRF20100CT Datasheet
439Kb / 2P
   SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBRF1060CT KEC-MBRF1060CT Datasheet
443Kb / 2P
   SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
logo
Toshiba Semiconductor
30QWK2C48 TOSHIBA-30QWK2C48 Datasheet
206Kb / 4P
   Switching Type Power Supply Application Converter & Chopper Application
logo
KEC(Korea Electronics)
MBR20150CT KEC-MBR20150CT Datasheet
35Kb / 2P
   SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com