Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN1523 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1523
Description  11W FLYBACK CONVERTER FOR AUXILIARY POWER SUPPLY APPLICATION USING THE L6590
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1523 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1523 Datasheet HTML 2Page - STMicroelectronics AN1523 Datasheet HTML 3Page - STMicroelectronics AN1523 Datasheet HTML 4Page - STMicroelectronics AN1523 Datasheet HTML 5Page - STMicroelectronics AN1523 Datasheet HTML 6Page - STMicroelectronics AN1523 Datasheet HTML 7Page - STMicroelectronics AN1523 Datasheet HTML 8Page - STMicroelectronics AN1523 Datasheet HTML 9Page - STMicroelectronics AN1523 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AN1523 APPLICATION NOTE
6/24
the circuit efficiency is always high and the input power is lower than 1W with twice the specified stand-
by load. In figure 7 the input power as a function of the 5V current, without load on the 12V is represented. The
only shortcoming is the 12V variation: the 12V increases above its limit when the +5V current exceeds 50mA,
due to coupling between the transformer windings. A bit heavier bleeder on the 12V solves this problem very
easily. Decreasing the R8 to 1.2k
or providing for the same residual load, brings the mains power consump-
tion to 1.06W @220Vac delivering 5V@100mA, or to 0.69W@220Vac delivering 5V@50mA.
At the oppo-
site, accepting an higher voltage variation of the 12V, it decreases the input power significantly: increasing R8
to 10K
when delivering 5V@100mA, decrease the consumption to 0.935W@220Vac. Hence, a compro-
mise between the bleeder resistors and the residual loads can be easily found giving the best results in stand-
by. In fact, if a stable load is present on the 5V and we remove the 5V bleeder (R8), delivering
5V@100mA the
consumption becomes 0.886W@220Vac.
In figure 8 there are the waveforms relevant to the L6590 during standby operation: it is easy to recognize that
the switching frequency has decreased from the initial value to about 22KHz. This feature is very important to
5V
12V
220Vac
PoutTOT
Vout
@Iout
Vout
@Iout
Pin
η
[V]
[mA]
[V]
[mA]
[W]
[W]
5.02
10
11.95
0
0.050
0.330
15.2%
5.02
30
12.34
0
0.151
0.474
31.8%
5.02
50
12.66
0
0.251
0.627
40.0%
5.02
80
13.06
0
0.402
0.842
47.7%
5.02
100
13.28
0
0.502
0.986
50.9%
Figure 7. Input power @stand-by
F igure 8 . L6 590 sign als @ I+5V= 50m A -I+12V=0
I+5V=50mA - I+12V=0
Vin = 220 Vrms - 50 Hz
CH1:
VPIN1 – DRAIN VOLTAGE
CH2:
VPIN4 - COMP
CH3:
VPIN3 - Vcc
INPUT POWER @LOW LOAD
0.000
0.100
0.200
0.300
0.400
0.500
0.600
0.700
0.800
0.900
1.000
1.100
1 0
30
50
80
100
Iout +5 V
Pin @220Vac [W]
Pin @115Vac [W]


Similar Part No. - AN1523

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1526 STMICROELECTRONICS-AN1526 Datasheet
311Kb / 26P
ST7FLITE0 QUICK REFERENCE NOTE
AN1527 STMICROELECTRONICS-AN1527 Datasheet
78Kb / 14P
DEVELOPING A USB SMARTCARD READER WITH ST7SCR
AN1528 STMICROELECTRONICS-AN1528 Datasheet
160Kb / 18P
The testflash is a ST reserved flash area that contains device information
More results

Similar Description - AN1523

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4214 STMICROELECTRONICS-AN4214 Datasheet
3Mb / 37P
High power factor flyback converter using the L6564
logo
Power Integrations, Inc...
DER-106 POWERINT-DER-106 Datasheet
939Kb / 29P
15W Flyback Power Supply using TOP244P
TNY267P POWERINT-TNY267P Datasheet
171Kb / 16P
11W DVD Power Supply
logo
STMicroelectronics
STEVAL-ISA142V1 STMICROELECTRONICS-STEVAL-ISA142V1 Datasheet
219Kb / 4P
50 W, wide-range, high power factor flyback converter using the L6564
November 2013 Rev 1
logo
Power Integrations, Inc...
DER-58 POWERINT-DER-58 Datasheet
883Kb / 22P
3W Wide Range Flyback Power Supply using LNK304P
logo
KEC(Korea Electronics)
MBR1560CT KEC-MBR1560CT Datasheet
35Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBRF20100CT KEC-MBRF20100CT Datasheet
439Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBRF1060CT KEC-MBRF1060CT Datasheet
443Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
logo
Toshiba Semiconductor
30QWK2C48 TOSHIBA-30QWK2C48 Datasheet
206Kb / 4P
Switching Type Power Supply Application Converter & Chopper Application
logo
KEC(Korea Electronics)
MBR20150CT KEC-MBR20150CT Datasheet
35Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com