Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VX756-2.53D-INMHZ-50 Datasheet(PDF) 1 Page - Yuechung International Corp.

Part # VX756-2.53D-INMHZ-50
Description  VX Series : Voltage - Controlled Crystal Oscillators - CMOS Output 1.000 ~ 200.000MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIC [Yuechung International Corp.]
Direct Link  https://www.yic.com.tw/en/home-en/
Logo YIC - Yuechung International Corp.

VX756-2.53D-INMHZ-50 Datasheet(HTML) 1 Page - Yuechung International Corp.

  VX756-2.53D-INMHZ-50 Datasheet HTML 1Page - Yuechung International Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATION
PART NUMBERING
DIMENSIONS (mm)
TEST CIRCUIT
OUTPUT WAVEFORM
2 ns max.
45% ~ 55%
Start-up Time
Rise / Fall Time
Duty Cycle
Pulling Range
Output Load
±30ppm ~ ±200ppm (Optional, See Below)
15pF
10 ms max.
90% VDD min.
Control Voltage Range (VC)
1.25±1.0V (VDD=2.5V)
1.65±1.35V (VDD=3.3V)
Output voltage level (VOL)
10% VDD max.
Output voltage level (VOH)
Frequency Range
Input Voltage (VDD)
Frequency stability
Operation Temperature
Storage Temperature Range
1.000 ~ 200.000MHz
+1.8V , +2.5V , +3.0V , +3.3V , +5.0V
±25ppm , ±50ppm , ±100ppm
-10°C ~ +70°C Typical , (-40°C ~ +85°C Available)
- 55°C ~ + 125°C
Current Consumption
50mA max.
Enable : 70% VDD min.
Disable : 30% VDD max.
VX
Linearity
10% max.
Aging at 25°C
±2.0ppm max. in the 1st year
Tri-state OE (Pad 2)
VCXO
(VX324 Series)
VX Series : Voltage - Controlled Crystal Oscillators - CMOS Output
1.000 ~ 200.000MHz
PIN CONNECTIONS
PIN 1 : [ Voltage Control ]
PIN 2 : [ Ground ]
PIN 3 : [ Output ]
PIN 4 : [ VDD ]
Input
Packing Code
Pulling
Frequency
Stability
Custom
Operation
10 : ±10.0PPM
25 : ±25.0PPM
50 : ±50.0PPM
100 : ±100.0PPM
SMD Type
756 : 7.0x5.0mm,6P
534 : 5.0x3.2mm,4P
536 : 5.0x3.2mm,6P
324 : 3.2x2.5mm,4P
326 : 3.2x2.5mm,6P
Through Hole Type
F : Full Size, 20.2x12.8mm
H : Half Size, 12.8x12.8mm
In MHz
1.8 : 1.8V
2.5 : 2.5V
3 : 3.0V
3.3 : 3.3V
5 : 5.0V
1 : -10~+60°C
Blank : -10~+70°C
2 : -20~+70°C
27 : -20~+75°C
28 : -20~+85°C
3 : -30~+75°C
38 : -30~+85°C
I : -40~+85°C
A : -40~+105°C
B : -40~+125°C
C : -55~+125°C
D : -40~+150°C
X : Custom
A : ±30.0PPM
B : ±50.0PPM
C : ±100.0PPM
D : ±200.0PPM
*


Similar Part No. - VX756-2.53D-INMHZ-50

ManufacturerPart #DatasheetDescription
logo
Yuechung International ...
VX756-2.53D-INMHZ-50 YIC-VX756-2.53D-INMHZ-50 Datasheet
248Kb / 1P
   VX Series : Voltage - Controlled Crystal Oscillators - CMOS Output 1.000 ~ 200.000MHz
More results

Similar Description - VX756-2.53D-INMHZ-50

ManufacturerPart #DatasheetDescription
logo
Yuechung International ...
VX536 YIC-VX536 Datasheet
250Kb / 1P
   VX Series : Voltage - Controlled Crystal Oscillators - CMOS Output 1.000 ~ 200.000MHz
VX534 YIC-VX534 Datasheet
265Kb / 1P
   VX Series : Voltage - Controlled Crystal Oscillators - CMOS Output 1.000 ~ 200.000MHz
VX326 YIC-VX326 Datasheet
248Kb / 1P
   VX Series : Voltage - Controlled Crystal Oscillators - CMOS Output 1.000 ~ 200.000MHz
TX1313T YIC-TX1313T Datasheet
276Kb / 1P
   (V)TX Series:(Voltage-Controlled) Temperature Compensation Crystal Oscillators 1.000 - 150.000MHz
TX1812T YIC-TX1812T Datasheet
275Kb / 1P
   (V)TX Series:(Voltage-Controlled) Temperature Compensation Crystal Oscillators 1.000 - 150.000MHz
TX11106T YIC-TX11106T Datasheet
269Kb / 1P
   (V)TX Series:(Voltage-Controlled) Temperature Compensation Crystal Oscillators 1.000 - 150.000MHz
TX1812C YIC-TX1812C Datasheet
275Kb / 1P
   (V)TX Series:(Voltage-Controlled) Temperature Compensation Crystal Oscillators 1.000 - 150.000MHz
TX2013T YIC-TX2013T Datasheet
278Kb / 1P
   (V)TX Series:(Voltage-Controlled) Temperature Compensation Crystal Oscillators 1.000 - 150.000MHz
TX11104T YIC-TX11104T Datasheet
309Kb / 2P
   (V)TX Series:(Voltage-Controlled) Temperature Compensation Crystal Oscillators 1.000 - 150.000MHz
TX1313C YIC-TX1313C Datasheet
276Kb / 1P
   (V)TX Series:(Voltage-Controlled) Temperature Compensation Crystal Oscillators 1.000 - 150.000MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com