Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

89H32H8G2ZCBL Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 89H32H8G2ZCBL
Description  32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

89H32H8G2ZCBL Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 89H32H8G2ZCBL Datasheet HTML 17Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 18Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 19Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 20Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 21Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 22Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 23Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 24Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
21 of 40
November 28, 2011
IDT 89HPES32H8G2 Data Sheet
Serial Link
(cont.)
PCIe Receive
VRX-DIFFp-p
Differential input voltage (peak-to-
peak)
175
1200
120
1200
mV
RLRX-DIFF
Receiver Differential Return Loss
10
10
dB
0.05 - 1.25GHz
8
1.25 - 2.5GHz
RLRX-CM
Receiver Common Mode Return
Loss
66
dB
ZRX-DIFF-DC
Differential input impedance (DC)
80
100
120
Refer to return loss spec
Ω
ZRX--DC
DC common mode impedance
40
50
60
40
60
Ω
ZRX-COMM-DC
Powered down input common
mode impedance (DC)
200k
350k
50k
Ω
ZRX-HIGH-IMP-DC-
POS
DC input CM input impedance for
V>0 during reset or power down
50k
50k
Ω
ZRX-HIGH-IMP-DC-
NEG
DC input CM input impedance for
V<0 during reset or power down
1.0k
1.0k
Ω
VRX-IDLE-DET-
DIFFp-p
Electrical idle detect threshold
65
175
65
175
mV
VRX-CM-ACp
Receiver AC common-mode peak
voltage
150
150
mV
VRX-CM-ACp
PCIe REFCLK
CIN
Input Capacitance
1.5
1.5
pF
Other I/Os
LOW Drive
Output
IOL
—2.5
2.5
mA
VOL = 0.4v
IOH
—-5.5
—-5.5
mA
VOH = 1.5V
High Drive
Output
IOL
12.0
12.0
mA
VOL = 0.4v
IOH
-20.0
-20.0
mA
VOH = 1.5V
Schmitt Trig-
ger Input
(STI)
VIL
-0.3
0.8
-0.3
0.8
V
VIH
2.0
VDDI/O +
0.5
2.0
VDDI/O +
0.5
V—
Input
VIL
-0.3
0.8
-0.3
0.8
V
VIH
2.0
VDDI/O +
0.5
2.0
VDDI/O +
0.5
V—
Capacitance
CIN
8.5
8.5
pF
Leakage
Inputs
+ 10
+ 10
μAV
DDI/O (max)
I/O
LEAK W
/O
Pull-ups/downs
——
+ 10
+ 10
μAV
DDI/O (max)
I/O
LEAK WITH
Pull-ups/downs
——
+ 80
+ 80
μAVDDI/O (max)
1. Minimum, Typical, and Maximum values meet the requirements under PCI Specification 2.0.
I/O Type Parameter
Description
Gen1
Gen2
Unit
Condi-
tions
Min1
Typ1 Max1 Min1
Typ1
Max1
Table 18 DC Electrical Characteristics (Part 2 of 2)


Similar Part No. - 89H32H8G2ZCBL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89H32T8G2ZBBL RENESAS-89H32T8G2ZBBL Datasheet
493Kb / 40P
   32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
89H32T8G2ZBBLG RENESAS-89H32T8G2ZBBLG Datasheet
493Kb / 40P
   32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
89H32T8G2ZBBLGI RENESAS-89H32T8G2ZBBLGI Datasheet
493Kb / 40P
   32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
89H32T8G2ZBBLI RENESAS-89H32T8G2ZBBLI Datasheet
493Kb / 40P
   32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
89H32T8G2ZCBL RENESAS-89H32T8G2ZCBL Datasheet
493Kb / 40P
   32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
More results

Similar Description - 89H32H8G2ZCBL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89HPES32NT8BG2 RENESAS-89HPES32NT8BG2 Datasheet
530Kb / 36P
   32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES32NT8AG2 RENESAS-89HPES32NT8AG2 Datasheet
532Kb / 36P
   32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES32NT24BG2 RENESAS-89HPES32NT24BG2 Datasheet
550Kb / 38P
   32-Lane 24-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES32NT24AG2 RENESAS-89HPES32NT24AG2 Datasheet
553Kb / 39P
   32-Lane 24-Port PCIe® Gen2 System Interconnect Switch
December 17, 201
89HPES64H16AG2 RENESAS-89HPES64H16AG2 Datasheet
671Kb / 63P
   64-Lane 16-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
89HPES24NT24G2 RENESAS-89HPES24NT24G2 Datasheet
479Kb / 36P
   24-Lane 24-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES48T12G2 RENESAS-89HPES48T12G2 Datasheet
543Kb / 44P
   48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
Revision 2.0
89HPES64H16G2 RENESAS-89HPES64H16G2 Datasheet
659Kb / 58P
   64-Lane 16-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
89HPES24NT6AG2 RENESAS-89HPES24NT6AG2 Datasheet
546Kb / 35P
   24-Lane 6-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES48H12AG2 RENESAS-89HPES48H12AG2 Datasheet
656Kb / 60P
   48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
December 12, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com