Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

89H32H8G2ZCBL Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # 89H32H8G2ZCBL
Description  32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

89H32H8G2ZCBL Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button 89H32H8G2ZCBL Datasheet HTML 14Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 15Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 16Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 17Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 18Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 19Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 20Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 21Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
18 of 40
November 28, 2011
IDT 89HPES32H8G2 Data Sheet
Power Consumption
Typical power is measured under the following conditions: 25°C Ambient, 35% total link usage on all ports, typical voltages defined in Table 13
(and also listed below).
Maximum power is measured under the following conditions: 70°C Ambient, 85% total link usage on all ports, maximum voltages defined in
Table 13 (and also listed below).
Note 1: I/O supply of 3.3V is preferred.
Note 2: The above power consumption assumes that all ports are functioning at Gen2 (5.0 GT/S) speeds. Power consumption can be
reduced by turning off unused ports through software or through boot EEPROM. Power savings will occur in VDDPEA, VDDPEHA, and
VDDPETA. Power savings can be estimated as directly proportional to the number of unused ports, since the power consumption of a turned-
off port is close to zero. For example, if 2 ports out of 8 are turned off, then the power savings for each of the above three power rails can be
calculated quite simply as 2/8 multiplied by the power consumption indicated in the above table.
Note 3: Using a port in Gen1 mode (2.5GT/S) results in approximately 18% power savings for each power rail: VDDPEA, VDDPEHA, and
VDDPETA.
Number of Active
Lanes per Port
Core Supply
PCIe Analog
Supply
PCIe Analog
High Supply
PCIe
Transmitter
Supply
I/O Supply
Total
Typ
1.0V
Max
1.1V
Typ
1.0V
Max
1.1V
Typ
2.5V
Max
2.75V
Typ
1.0V
Max
1.1V
Typ
2.5V
Max
2.75V
Typ
Power
Max
Power
8/8/8/8
(Full Swing)
mA
2920
5336
1514
1826
507
514
561
603
24
29
Watts
2.92
5.87
1.51
2.01
1.27
1.41
0.56
0.66
0.06
0.08
6.32
10.04
8/8/8/8
(Half Swing)
mA
2920
5336
1302
1571
507
514
292
313
24
29
Watts
2.92
5.87
1.30
1.73
1.27
1.41
0.29
0.34
0.06
0.08
5.84
9.44
Table 15 PES32H8G2 Power Consumption — 2.5V I/O
Number of Active
Lanes per Port
Core Supply
PCIe Analog
Supply
PCIe Analog
High Supply
PCIe
Transmitter
Supply
I/O Supply
Total
Typ
1.0V
Max
1.1V
Typ
1.0V
Max
1.1V
Typ
2.5V
Max
2.75V
Typ
1.0V
Max
1.1V
Typ
3.3V
Max
3.465
Typ
Power
Max
Power
8/8/8/8
(Full Swing)
mA
2920
5336
1514
1826
507
514
561
603
30
35
Watts
2.92
5.87
1.51
2.01
1.27
1.41
0.56
0.66
0.10
0.12
6.36
10.08
8/8/8/8
(Half Swing)
mA
2920
5336
1302
1571
507
514
292
313
30
35
Watts
2.92
5.87
1.30
1.73
1.27
1.41
0.29
0.34
0.10
0.12
5.88
9.48
Table 16 PES32H8G2 Power Consumption — 3.3V I/O


Similar Part No. - 89H32H8G2ZCBL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89H32T8G2ZBBL RENESAS-89H32T8G2ZBBL Datasheet
493Kb / 40P
32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
89H32T8G2ZBBLG RENESAS-89H32T8G2ZBBLG Datasheet
493Kb / 40P
32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
89H32T8G2ZBBLGI RENESAS-89H32T8G2ZBBLGI Datasheet
493Kb / 40P
32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
89H32T8G2ZBBLI RENESAS-89H32T8G2ZBBLI Datasheet
493Kb / 40P
32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
89H32T8G2ZCBL RENESAS-89H32T8G2ZCBL Datasheet
493Kb / 40P
32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
More results

Similar Description - 89H32H8G2ZCBL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89HPES32NT8BG2 RENESAS-89HPES32NT8BG2 Datasheet
530Kb / 36P
32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES32NT8AG2 RENESAS-89HPES32NT8AG2 Datasheet
532Kb / 36P
32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES32NT24BG2 RENESAS-89HPES32NT24BG2 Datasheet
550Kb / 38P
32-Lane 24-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES32NT24AG2 RENESAS-89HPES32NT24AG2 Datasheet
553Kb / 39P
32-Lane 24-Port PCIe® Gen2 System Interconnect Switch
December 17, 201
89HPES64H16AG2 RENESAS-89HPES64H16AG2 Datasheet
671Kb / 63P
64-Lane 16-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
89HPES24NT24G2 RENESAS-89HPES24NT24G2 Datasheet
479Kb / 36P
24-Lane 24-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES48T12G2 RENESAS-89HPES48T12G2 Datasheet
543Kb / 44P
48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
Revision 2.0
89HPES64H16G2 RENESAS-89HPES64H16G2 Datasheet
659Kb / 58P
64-Lane 16-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
89HPES24NT6AG2 RENESAS-89HPES24NT6AG2 Datasheet
546Kb / 35P
24-Lane 6-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES48H12AG2 RENESAS-89HPES48H12AG2 Datasheet
656Kb / 60P
48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
December 12, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com