Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

89H32H8G2ZCBL Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # 89H32H8G2ZCBL
Description  32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

89H32H8G2ZCBL Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button 89H32H8G2ZCBL Datasheet HTML 10Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 11Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 12Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 13Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 14Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 15Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 16Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 17Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
14 of 40
November 28, 2011
IDT 89HPES32H8G2 Data Sheet
System Clock Parameters
Values based on systems running at recommended supply voltages and operating temperatures, as shown in Tables 13 and 14.
AC Timing Characteristics
Parameter
Description
Condition
Min
Typical
Max
Unit
RefclkFREQ
Input reference clock frequency range
100
1251
1. The input clock frequency will be either 100 or 125 MHz depending on signal GCLKFSEL.
MHz
TC-RISE
Rising edge rate
Differential
0.6
4
V/ns
TC-FALL
Falling edge rate
Differential
0.6
4
V/ns
VIH
Differential input high voltage
Differential
+150
mV
VIL
Differential input low voltage
Differential
-150
mV
VCROSS
Absolute single-ended crossing point
voltage
Single-ended
+250
+550
mV
VCROSS-DELTA
Variation of VCROSS over all rising clock
edges
Single-ended
+140
mV
VRB
Ring back voltage margin
Differential
-100
+100
mV
TSTABLE
Time before VRB is allowed
Differential
500
ps
TPERIOD-AVG
Average clock period accuracy
-300
2800
ppm
TPERIOD-ABS
Absolute period, including spread-spec-
trum and jitter
9.847
10.203
ns
TCC-JITTER
Cycle to cycle jitter
150
ps
VMAX
Absolute maximum input voltage
+1.15
V
VMIN
Absolute minimum input voltage
-0.3
V
Duty Cycle
Duty cycle
40
60
%
Rise/Fall Matching
Single ended rising Refclk edge rate ver-
sus falling Refclk edge rate
20
%
ZC-DC
Clock source output DC impedance
40
60
Ω
Table 9 Input Clock Requirements
Parameter
Description
Gen 1
Gen 2
Units
Min1 Typ1 Max1 Min1 Typ1 Max1
PCIe Transmit
UI
Unit Interval
399.88
400
400.12
199.94
200
200.06
ps
TTX-EYE
Minimum Tx Eye Width
0.75
0.75
UI
TTX-EYE-MEDIAN-to-
MAX-JITTER
Maximum time between the jitter median and maximum
deviation from the median
0.125
UI
TTX-RISE, TTX-FALL
TX Rise/Fall Time: 20% - 80%
0.125
0.15
UI
TTX- IDLE-MIN
Minimum time in idle
20
20
UI
Table 10 PCIe AC Timing Characteristics (Part 1 of 2)


Similar Part No. - 89H32H8G2ZCBL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89H32T8G2ZBBL RENESAS-89H32T8G2ZBBL Datasheet
493Kb / 40P
   32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
89H32T8G2ZBBLG RENESAS-89H32T8G2ZBBLG Datasheet
493Kb / 40P
   32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
89H32T8G2ZBBLGI RENESAS-89H32T8G2ZBBLGI Datasheet
493Kb / 40P
   32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
89H32T8G2ZBBLI RENESAS-89H32T8G2ZBBLI Datasheet
493Kb / 40P
   32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
89H32T8G2ZCBL RENESAS-89H32T8G2ZCBL Datasheet
493Kb / 40P
   32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
More results

Similar Description - 89H32H8G2ZCBL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89HPES32NT8BG2 RENESAS-89HPES32NT8BG2 Datasheet
530Kb / 36P
   32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES32NT8AG2 RENESAS-89HPES32NT8AG2 Datasheet
532Kb / 36P
   32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES32NT24BG2 RENESAS-89HPES32NT24BG2 Datasheet
550Kb / 38P
   32-Lane 24-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES32NT24AG2 RENESAS-89HPES32NT24AG2 Datasheet
553Kb / 39P
   32-Lane 24-Port PCIe® Gen2 System Interconnect Switch
December 17, 201
89HPES64H16AG2 RENESAS-89HPES64H16AG2 Datasheet
671Kb / 63P
   64-Lane 16-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
89HPES24NT24G2 RENESAS-89HPES24NT24G2 Datasheet
479Kb / 36P
   24-Lane 24-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES48T12G2 RENESAS-89HPES48T12G2 Datasheet
543Kb / 44P
   48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
Revision 2.0
89HPES64H16G2 RENESAS-89HPES64H16G2 Datasheet
659Kb / 58P
   64-Lane 16-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
89HPES24NT6AG2 RENESAS-89HPES24NT6AG2 Datasheet
546Kb / 35P
   24-Lane 6-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES48H12AG2 RENESAS-89HPES48H12AG2 Datasheet
656Kb / 60P
   48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
December 12, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com