Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

89H32H8G2ZCBL Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # 89H32H8G2ZCBL
Description  32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

89H32H8G2ZCBL Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button 89H32H8G2ZCBL Datasheet HTML 8Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 9Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 10Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 11Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 12Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 13Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 14Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 15Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
12 of 40
November 28, 2011
IDT 89HPES32H8G2 Data Sheet
PCI Express Interface
(cont.)
GCLKN[1:0]
I
HCSL
Diff. Clock
Input
Refer to Table 9
GCLKP[1:0]
I
P[2:0]CLKN
I
P[2:0]CLKP
I
SMBus
MSMBCLK
I/O
LVTTL
STI3
pull-up on board
MSMBDAT
I/O
STI
pull-up on board
SSMBADDR[2,1]
I
Input
pull-up
SSMBCLK
I/O
STI
pull-up on board
SSMBDAT
I/O
STI
pull-up on board
General Purpose I/O
GPIO[8:0]
I/O
LVTTL
STI,
High Drive
pull-up
System Pins
CLKMODE[1:0]
I
LVTTL
Input
pull-up
CLKMODE[2]
I
pull-down
GCLKFSEL
I
pull-down
P01MERGEN
I
pull-down
P23MERGEN
I
pull-down
P45MERGEN
I
pull-down
P67MERGEN
I
pull-down
PERSTN
I
STI
RSTHALT
I
Input
pull-down
SWMODE[3:0]
I
pull-down
EJTAG / JTAG
JTAG_TCK
I
LVTTL
STI
pull-up
JTAG_TDI
I
STI
pull-up
JTAG_TDO
O
JTAG_TMS
I
STI
pull-up
JTAG_TRST_N
I
STI
pull-up
SerDes Reference
Resistors
REFRES0
I/O
Analog
REFRES1
I/O
REFRES2
I/O
REFRES3
I/O
REFRES4
I/O
REFRES5
I/O
REFRES6
I/O
REFRES7
I/O
REFRESPLL
I/O
1. Internal resistor values under typical operating conditions are 92K Ω for pull-up and 91K Ω for pull-down.
2. All receiver pins set the DC common mode voltage to ground. All transmitters must be AC coupled to the media.
3. Schmitt Trigger Input (STI).
Function
Pin Name
Type
Buffer
I/O
Type
Internal
Resistor1
Notes
Table 8 Pin Characteristics (Part 2 of 2)


Similar Part No. - 89H32H8G2ZCBL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89H32T8G2ZBBL RENESAS-89H32T8G2ZBBL Datasheet
493Kb / 40P
32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
89H32T8G2ZBBLG RENESAS-89H32T8G2ZBBLG Datasheet
493Kb / 40P
32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
89H32T8G2ZBBLGI RENESAS-89H32T8G2ZBBLGI Datasheet
493Kb / 40P
32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
89H32T8G2ZBBLI RENESAS-89H32T8G2ZBBLI Datasheet
493Kb / 40P
32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
89H32T8G2ZCBL RENESAS-89H32T8G2ZCBL Datasheet
493Kb / 40P
32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
More results

Similar Description - 89H32H8G2ZCBL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89HPES32NT8BG2 RENESAS-89HPES32NT8BG2 Datasheet
530Kb / 36P
32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES32NT8AG2 RENESAS-89HPES32NT8AG2 Datasheet
532Kb / 36P
32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES32NT24BG2 RENESAS-89HPES32NT24BG2 Datasheet
550Kb / 38P
32-Lane 24-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES32NT24AG2 RENESAS-89HPES32NT24AG2 Datasheet
553Kb / 39P
32-Lane 24-Port PCIe® Gen2 System Interconnect Switch
December 17, 201
89HPES64H16AG2 RENESAS-89HPES64H16AG2 Datasheet
671Kb / 63P
64-Lane 16-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
89HPES24NT24G2 RENESAS-89HPES24NT24G2 Datasheet
479Kb / 36P
24-Lane 24-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES48T12G2 RENESAS-89HPES48T12G2 Datasheet
543Kb / 44P
48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
Revision 2.0
89HPES64H16G2 RENESAS-89HPES64H16G2 Datasheet
659Kb / 58P
64-Lane 16-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
89HPES24NT6AG2 RENESAS-89HPES24NT6AG2 Datasheet
546Kb / 35P
24-Lane 6-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES48H12AG2 RENESAS-89HPES48H12AG2 Datasheet
656Kb / 60P
48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
December 12, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com