Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

89H32H8G2ZCBL Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 89H32H8G2ZCBL
Description  32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

89H32H8G2ZCBL Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 89H32H8G2ZCBL Datasheet HTML 7Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 8Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 9Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 10Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 11Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 12Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 13Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 14Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
11 of 40
November 28, 2011
IDT 89HPES32H8G2 Data Sheet
Pin Characteristics
Note: Some input pads of the switch do not contain internal pull-ups or pull-downs. Unused SMBus and System inputs should be tied off to
appropriate levels. This is especially critical for unused control signal inputs which, if left floating, could adversely affect operation. Also, floating
pins can cause a slight increase in power consumption. Unused Serdes (Rx and Tx) pins should be left floating. Finally, No Connection pins
should not be connected.
Function
Pin Name
Type
Buffer
I/O
Type
Internal
Resistor1
Notes
PCI Express Interface
PE00RN[3:0]
I
PCIe
differential2
Serial Link
PE00RP[3:0]
I
PE00TN[3:0]
O
PE00TP[3:0]
O
PE01RN[3:0]
I
PE01RP[3:0]
I
PE01TN[3:0]
O
PE01TP[3:0]
O
PE02RN[3:0]
I
PE02RP[3:0]
I
PE02TN[3:0]
O
PE02TP[3:0]
O
PE03RN[3:0]
I
PE03RP[3:0]
I
PE03TN[3:0]
O
PE03TP[3:0]
O
PE04RN[3:0]
I
PE04RP[3:0]
I
PE04TN[3:0]
O
PE04TP[3:0]
O
PE05RN[3:0]
I
PE05RP[3:0]
I
PE05TN[3:0]
O
PE05TP[3:0]
O
PE06RN[3:0]
I
PE06RP[3:0]
I
PE06TN[3:0]
O
PE06TP[3:0]
O
PE07RN[3:0]
I
PE07RP[3:0]
I
PE07TN[3:0]
O
PE07TP[3:0]
O
Table 8 Pin Characteristics (Part 1 of 2)


Similar Part No. - 89H32H8G2ZCBL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89H32T8G2ZBBL RENESAS-89H32T8G2ZBBL Datasheet
493Kb / 40P
   32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
89H32T8G2ZBBLG RENESAS-89H32T8G2ZBBLG Datasheet
493Kb / 40P
   32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
89H32T8G2ZBBLGI RENESAS-89H32T8G2ZBBLGI Datasheet
493Kb / 40P
   32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
89H32T8G2ZBBLI RENESAS-89H32T8G2ZBBLI Datasheet
493Kb / 40P
   32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
89H32T8G2ZCBL RENESAS-89H32T8G2ZCBL Datasheet
493Kb / 40P
   32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
More results

Similar Description - 89H32H8G2ZCBL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89HPES32NT8BG2 RENESAS-89HPES32NT8BG2 Datasheet
530Kb / 36P
   32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES32NT8AG2 RENESAS-89HPES32NT8AG2 Datasheet
532Kb / 36P
   32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES32NT24BG2 RENESAS-89HPES32NT24BG2 Datasheet
550Kb / 38P
   32-Lane 24-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES32NT24AG2 RENESAS-89HPES32NT24AG2 Datasheet
553Kb / 39P
   32-Lane 24-Port PCIe® Gen2 System Interconnect Switch
December 17, 201
89HPES64H16AG2 RENESAS-89HPES64H16AG2 Datasheet
671Kb / 63P
   64-Lane 16-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
89HPES24NT24G2 RENESAS-89HPES24NT24G2 Datasheet
479Kb / 36P
   24-Lane 24-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES48T12G2 RENESAS-89HPES48T12G2 Datasheet
543Kb / 44P
   48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
Revision 2.0
89HPES64H16G2 RENESAS-89HPES64H16G2 Datasheet
659Kb / 58P
   64-Lane 16-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
89HPES24NT6AG2 RENESAS-89HPES24NT6AG2 Datasheet
546Kb / 35P
   24-Lane 6-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES48H12AG2 RENESAS-89HPES48H12AG2 Datasheet
656Kb / 60P
   48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
December 12, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com