Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

89H32H8G2ZCBL Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 89H32H8G2ZCBL
Description  32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

89H32H8G2ZCBL Datasheet(HTML) 1 Page - Renesas Technology Corp

  89H32H8G2ZCBL Datasheet HTML 1Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 2Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 3Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 4Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 5Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 6Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 7Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 8Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
1 of 40
November 28, 2011
®
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc.
Device Overview
The 89HPES32H8G2 is a member of the IDT PRECISE™ family of
PCI Express® switching solutions. The PES32H8G2 is a 32-lane, 8-port
system interconnect switch optimized for PCI Express Gen2 packet
switching in high-performance applications, supporting multiple simulta-
neous peer-to-peer traffic flows. Target applications include servers,
storage, communications, embedded systems, and multi-host or intelli-
gent I/O based systems with inter-domain communication.
Features
 High Performance Non-Blocking Switch Architecture
32-lane 8-port PCIe switch
• Four x8 switch ports each of which can bifurcate to two x4
ports (total of eight x4 ports)
Integrated SerDes supports 5.0 GT/s Gen2 and 2.5 GT/s
Gen1 operation
Delivers up to 32 GBps (256 Gbps) of switching capacity
Supports 128 Bytes to 2 KB maximum payload size
Low latency cut-through architecture
Supports one virtual channel and eight traffic classes
 Standards and Compatibility
PCI Express Base Specification 2.0 compliant
Implements the following optional PCI Express features
• Advanced Error Reporting (AER) on all ports
• End-to-End CRC (ECRC)
• Access Control Services (ACS)
• Power Budgeting Enhanced Capability
• Device Serial Number Enhanced Capability
• Sub-System ID and Sub-System Vendor ID Capability
• Internal Error Reporting ECN
• Multicast ECN
• VGA and ISA enable
• L0s and L1 ASPM
•ARI ECN
 Port Configurability
x4 and x8 ports
• Ability to merge adjacent x4 ports to create a x8 port
Automatic per port link width negotiation
(x8
→ x4 → x2 → x1)
Crosslink support
Automatic lane reversal
Autonomous and software managed link width and speed
control
Per lane SerDes configuration
• De-emphasis
• Receive equalization
• Drive strength
 Switch Partitioning
IDT proprietary feature that creates logically independent
switches in the device
Supports up to 8 fully independent switch partitions
Configurable downstream port device numbering
Supports dynamic reconfiguration of switch partitions
• Dynamic port reconfiguration (downstream, and upstream)
• Dynamic migration of ports between partitions
• Movable upstream port within and between switch partitions
 Initialization / Configuration
Supports Root (BIOS, OS, or driver), Serial EEPROM, or
SMBus switch initialization
Common switch configurations are supported with pin strap-
ping (no external components)
Supports in-system Serial EEPROM initialization/program-
ming
 Quality of Service (QoS)
Port arbitration
• Round robin
Request metering
• IDT proprietary feature that balances bandwidth among
switch ports for maximum system throughput
High performance switch core architecture
• Combined Input Output Queued (CIOQ) switch architecture
with large buffers
 Multicast
Compliant to the PCI-SIG multicast ECN
Supports arbitrary multicasting of Posted transactions
Supports 64 multicast groups
Multicast overlay mechanism support
ECRC regeneration support
 Clocking
Supports 100 MHz and 125 MHz reference clock frequencies
Flexible port clocking modes
• Common clock
• Non-common clock
• Local port clock with SSC and port reference clock input
 Hot-Plug and Hot Swap
Hot-plug controller on all ports
• Hot-plug supported on all downstream switch ports
All ports support hot-plug using low-cost external I2C I/O
expanders
89HPES32H8G2
Data Sheet
32-Lane 8-Port PCIe® Gen2
System Interconnect Switch


Similar Part No. - 89H32H8G2ZCBL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89H32T8G2ZBBL RENESAS-89H32T8G2ZBBL Datasheet
493Kb / 40P
   32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
89H32T8G2ZBBLG RENESAS-89H32T8G2ZBBLG Datasheet
493Kb / 40P
   32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
89H32T8G2ZBBLGI RENESAS-89H32T8G2ZBBLGI Datasheet
493Kb / 40P
   32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
89H32T8G2ZBBLI RENESAS-89H32T8G2ZBBLI Datasheet
493Kb / 40P
   32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
89H32T8G2ZCBL RENESAS-89H32T8G2ZCBL Datasheet
493Kb / 40P
   32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
More results

Similar Description - 89H32H8G2ZCBL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89HPES32NT8BG2 RENESAS-89HPES32NT8BG2 Datasheet
530Kb / 36P
   32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES32NT8AG2 RENESAS-89HPES32NT8AG2 Datasheet
532Kb / 36P
   32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES32NT24BG2 RENESAS-89HPES32NT24BG2 Datasheet
550Kb / 38P
   32-Lane 24-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES32NT24AG2 RENESAS-89HPES32NT24AG2 Datasheet
553Kb / 39P
   32-Lane 24-Port PCIe® Gen2 System Interconnect Switch
December 17, 201
89HPES64H16AG2 RENESAS-89HPES64H16AG2 Datasheet
671Kb / 63P
   64-Lane 16-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
89HPES24NT24G2 RENESAS-89HPES24NT24G2 Datasheet
479Kb / 36P
   24-Lane 24-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES48T12G2 RENESAS-89HPES48T12G2 Datasheet
543Kb / 44P
   48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
Revision 2.0
89HPES64H16G2 RENESAS-89HPES64H16G2 Datasheet
659Kb / 58P
   64-Lane 16-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
89HPES24NT6AG2 RENESAS-89HPES24NT6AG2 Datasheet
546Kb / 35P
   24-Lane 6-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES48H12AG2 RENESAS-89HPES48H12AG2 Datasheet
656Kb / 60P
   48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
December 12, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com