Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

89H32H8G2ZCBL Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 89H32H8G2ZCBL
Description  32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

89H32H8G2ZCBL Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 89H32H8G2ZCBL Datasheet HTML 3Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 4Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 5Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 6Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 7Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 8Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 9Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 10Page - Renesas Technology Corp 89H32H8G2ZCBL Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
7 of 40
November 28, 2011
IDT 89HPES32H8G2 Data Sheet
GPIO[3]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
Alternate function pin name: PART3PERSTN
Alternate function pin type: Input/Output
Alternate function: Assertion of this signal initiated a partition fundamental
reset in the corresponding partition.
GPIO[4]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
1st Alternate function — Reserved
2nd Alternate function pin name: P0LINKUPN
2nd Alternate function pin type: Output
2nd Alternate function: Port 0 Link Up Status output.
GPIO[5]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
1st Alternate function pin name: GPEN
1st Alternate function pin type: Output
1st Alternate function: Hot-plug general purpose even output.
2nd Alternate function pin name: P0ACTIVEN
2nd Alternate function pin type: Output
2nd Alternate function: Port 0 Link Active Status Output.
GPIO[6]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
GPIO[7]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
GPIO[8]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
Alternate function pin name: IOEXPINTN
Alternate function pin type: Input
Alternate function: IO expander interrupt.
Signal
Type
Name/Description
CLKMODE[2:0]
Clock Mode. These signals determine the port clocking mode used by
ports of the device.
GCLKFSEL
I
Global Clock Frequency Select. These signals select the frequency of
the GCLKP and GCLKN signals.
0x0 100 MHz
0x1 125 MHz
P01MERGEN
I
Port 0 and 1 Merge. P01MERGEN is an active low signal. It is pulled low
internally. When this pin is low, port 0 is merged with port 1 to form a single
x8 port. The Serdes lanes associated with port 1 become lanes 4 through 7
of port 0. When this pin is high, port 0 and port 1 are not merged, and each
operates as a single x4 port.
P23MERGEN
I
Port 2 and 3 Merge. P23MERGEN is an active low signal. It is pulled low
internally. When this pin is low, port 2 is merged with port 3 to form a single
x8 port. The Serdes lanes associated with port 3 become lanes 4 through 7
of port 2. When this pin is high, port 2 and port 3 are not merged, and each
operates as a single x4 port.
Table 5 System Pins (Part 1 of 2)
Signal
Type
Name/Description
Table 4 General Purpose I/O Pins (Part 2 of 2)


Similar Part No. - 89H32H8G2ZCBL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89H32T8G2ZBBL RENESAS-89H32T8G2ZBBL Datasheet
493Kb / 40P
32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
89H32T8G2ZBBLG RENESAS-89H32T8G2ZBBLG Datasheet
493Kb / 40P
32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
89H32T8G2ZBBLGI RENESAS-89H32T8G2ZBBLGI Datasheet
493Kb / 40P
32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
89H32T8G2ZBBLI RENESAS-89H32T8G2ZBBLI Datasheet
493Kb / 40P
32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
89H32T8G2ZCBL RENESAS-89H32T8G2ZCBL Datasheet
493Kb / 40P
32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
More results

Similar Description - 89H32H8G2ZCBL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89HPES32NT24AG2 RENESAS-89HPES32NT24AG2 Datasheet
553Kb / 39P
32-Lane 24-Port PCIe® Gen2 System Interconnect Switch
December 17, 201
89HPES32NT24BG2 RENESAS-89HPES32NT24BG2 Datasheet
550Kb / 38P
32-Lane 24-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES24NT24G2 RENESAS-89HPES24NT24G2 Datasheet
479Kb / 36P
24-Lane 24-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES24NT6AG2 RENESAS-89HPES24NT6AG2 Datasheet
546Kb / 35P
24-Lane 6-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES32NT8AG2 RENESAS-89HPES32NT8AG2 Datasheet
532Kb / 36P
32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES32NT8BG2 RENESAS-89HPES32NT8BG2 Datasheet
530Kb / 36P
32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES48T12G2 RENESAS-89HPES48T12G2 Datasheet
543Kb / 44P
48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
Revision 2.0
89HPES48H12AG2 RENESAS-89HPES48H12AG2 Datasheet
656Kb / 60P
48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
December 12, 2013
89HPES64H16AG2 RENESAS-89HPES64H16AG2 Datasheet
671Kb / 63P
64-Lane 16-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
89HPES64H16G2 RENESAS-89HPES64H16G2 Datasheet
659Kb / 58P
64-Lane 16-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com