Electronic Components Datasheet Search |
|
89H32H8G2ZCBL Datasheet(PDF) 6 Page - Renesas Technology Corp |
|
|
89H32H8G2ZCBL Datasheet(HTML) 6 Page - Renesas Technology Corp |
6 / 41 page 6 of 40 November 28, 2011 IDT 89HPES32H8G2 Data Sheet Signal Type Name/Description GCLKN[1:0] GCLKP[1:0] I Global Reference Clock. Differential reference clock input pair. This clock is used as the reference clock by on-chip PLLs to generate the clocks required for the system logic. The frequency of the differential reference clock is determined by the GCLKFSEL signal. P[2:0]CLKN P[2:0]CLKP I Port Reference Clock. Differential reference clock pair associated with ports 0, 1, and 2.1 1. Unused port clock pins should be connected to Vss on the board. Table 2 Reference Clock Pins Signal Type Name/Description MSMBCLK I/O Master SMBus Clock. This bidirectional signal is used to synchronize transfers on the master SMBus. MSMBDAT I/O Master SMBus Data. This bidirectional signal is used for data on the mas- ter SMBus. SSMBADDR[2,1] I Slave SMBus Address. These pins determine the SMBus address to which the slave SMBus interface responds. SSMBCLK I/O Slave SMBus Clock. This bidirectional signal is used to synchronize trans- fers on the slave SMBus. SSMBDAT I/O Slave SMBus Data. This bidirectional signal is used for data on the slave SMBus. Table 3 SMBus Interface Pins Signal Type Name/Description GPIO[0] I/O General Purpose I/O. This pin can be configured as a general purpose I/O pin. Alternate function pin name: PART0PERSTN Alternate function pin type: Input/Output Alternate function: Assertion of this signal initiated a partition fundamental reset in the corresponding partition. GPIO[1] I/O General Purpose I/O. This pin can be configured as a general purpose I/O pin. Alternate function pin name: PART1PERSTN Alternate function pin type: Input/Output Alternate function: Assertion of this signal initiated a partition fundamental reset in the corresponding partition. GPIO[2] I/O General Purpose I/O. This pin can be configured as a general purpose I/O pin. Alternate function pin name: PART2PERSTN Alternate function pin type: Input/Output Alternate function: Assertion of this signal initiated a partition fundamental reset in the corresponding partition. Table 4 General Purpose I/O Pins (Part 1 of 2) |
Similar Part No. - 89H32H8G2ZCBL |
|
Similar Description - 89H32H8G2ZCBL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |