Electronic Components Datasheet Search |
|
89H32H8G2ZCBL Datasheet(PDF) 5 Page - Renesas Technology Corp |
|
89H32H8G2ZCBL Datasheet(HTML) 5 Page - Renesas Technology Corp |
5 / 41 page 5 of 40 November 28, 2011 IDT 89HPES32H8G2 Data Sheet Pin Description The following tables list the functions of the pins provided on the PES32H8G2. Some of the functions listed may be multiplexed onto the same pin. The active polarity of a signal is defined using a suffix. Signals ending with an “N” are defined as being active, or asserted, when at a logic zero (low) level. All other signals (including clocks, buses, and select lines) will be interpreted as being active, or asserted, when at a logic one (high) level. Signal Type Name/Description PE00RP[3:0] PE00RN[3:0] I PCI Express Port 0 Serial Data Receive. Differential PCI Express receive pairs for port 0. PE00TP[3:0] PE00TN[3:0] O PCI Express Port 0 Serial Data Transmit. Differential PCI Express trans- mit pairs for port 0. PE01RP[3:0] PE01RN[3:0] I PCI Express Port 1 Serial Data Receive. Differential PCI Express receive pairs for port 1. When port 0 is merged with port 1, these signals become port 0 receive pairs for lanes 4 through 7. PE01TP[3:0] PE01TN[3:0] O PCI Express Port 1 Serial Data Transmit. Differential PCI Express trans- mit pairs for port 1. When port 0 is merged with port 1, these signals become port 0 transmit pairs for lanes 4 through 7. PE02RP[3:0] PE02RN[3:0] I PCI Express Port 2 Serial Data Receive. Differential PCI Express receive pairs for port 2. PE02TP[3:0] PE02TN[3:0] O PCI Express Port 2 Serial Data Transmit. Differential PCI Express trans- mit pairs for port 2. PE03RP[3:0] PE03RN[3:0] I PCI Express Port 3 Serial Data Receive. Differential PCI Express receive pairs for port 3. When port 2 is merged with port 3, these signals become port 2 receive pairs for lanes 4 through 7. PE03TP[3:0] PE03TN[3:0] O PCI Express Port 3 Serial Data Transmit. Differential PCI Express trans- mit pairs for port 3. When port 2 is merged with port 3, these signals become port 2 transmit pairs for lanes 4 through 7. PE04RP[3:0] PE04RN[3:0] I PCI Express Port 4 Serial Data Receive. Differential PCI Express receive pairs for port 4. PE04TP[3:0] PE04TN[3:0] O PCI Express Port 4 Serial Data Transmit. Differential PCI Express trans- mit pairs for port 4. PE05RP[3:0] PE05RN[3:0] I PCI Express Port 5 Serial Data Receive. Differential PCI Express receive pairs for port 5. When port 4 is merged with port 5, these signals become port 4 receive pairs for lanes 4 through 7. PE05TP[3:0] PE05TN[3:0] O PCI Express Port 5 Serial Data Transmit. Differential PCI Express trans- mit pairs for port 5. When port 4 is merged with port 5, these signals become port 4 transmit pairs for lanes 4 through 7. PE06RP[3:0] PE06RN[3:0] I PCI Express Port 6 Serial Data Receive. Differential PCI Express receive pairs for port 6. PE06TP[3:0] PE06TN[3:0] O PCI Express Port 6 Serial Data Transmit. Differential PCI Express trans- mit pairs for port 6. PE07RP[3:0] PE07RN[3:0] I PCI Express Port 7 Serial Data Receive. Differential PCI Express receive pairs for port 7. When port 6 is merged with port 7, these signals become port 6 receive pairs for lanes 4 through 7. PE07TP[3:0] PE07TN[3:0] O PCI Express Port 7 Serial Data Transmit. Differential PCI Express trans- mit pairs for port 7. When port 6 is merged with port 7, these signals become port 6 transmit pairs for lanes 4 through 7. Table 1 PCI Express Interface Pins |
Similar Part No. - 89H32H8G2ZCBL |
|
Similar Description - 89H32H8G2ZCBL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |