Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34440-01050 Datasheet(PDF) 2 Page - Belden Inc.

Part # 34440-01050
Description  Lead Wire, #4/0 Str TC, CSPE Ins, AWM 3193
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

34440-01050 Datasheet(HTML) 2 Page - Belden Inc.

  34440-01050 Datasheet HTML 1Page - Belden Inc. 34440-01050 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AWM Compliance:
AWM 3193
CEC / C(UL) Compliance:
CL-1052
European Directive Compliance:
EU CE Mark, EU Directive 2015/863/EU (RoHS 2 amendment), EU Directive 2011/65/EU (RoHS 2), EU Directive 2012/19/EU (WEEE)
APAC Compliance:
China RoHS II (GB/T 26572-2011)
Product Notes
Notes:
Exact strand count may vary. Separator material over conductor.
History
Update and Revision:
Revision Number: 0.481 Revision Date: 01-20-2023
Part Numbers
Variants
Item #
Color Putup Type Length
UPC
34440 01050
Black
Reel
50 ft
612825144168
34440 010250 Black
Reel
250 ft
612825144151
© 2023 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.


Similar Part No. - 34440-01050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34440 ETC2-34440 Datasheet
340Kb / 1P
   Wiha Maxiflex Hose System 1/4
logo
Littelfuse
344401 LITTELFUSE-344401 Datasheet
194Kb / 3P
   Traditional Panel Mount Type
344401 LITTELFUSE-344401 Datasheet
440Kb / 1P
   344 Series Blown Fuse Indicating Holders for 3AG and 3AB Fuses
2019
344402 LITTELFUSE-344402 Datasheet
194Kb / 3P
   Traditional Panel Mount Type
344402 LITTELFUSE-344402 Datasheet
440Kb / 1P
   344 Series Blown Fuse Indicating Holders for 3AG and 3AB Fuses
2019
More results

Similar Description - 34440-01050

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
34430 BELDEN-34430 Datasheet
141Kb / 2P
   Lead Wire, #3/0 Str TC, CSPE Ins, AWM 3193
01-20-2023
34400 BELDEN-34400 Datasheet
141Kb / 2P
   Lead Wire, #2/0 Str TC, CSPE Ins, AWM 3193
01-20-2023
34490 BELDEN-34490 Datasheet
141Kb / 2P
   Lead Wire, #1/0 Str TC, CSPE Ins, AWM 3193
01-20-2023
34401 BELDEN-34401 Datasheet
139Kb / 2P
   Lead Wire, #1 Str TC, CSPE Ins, AWM 3193
01-20-2023
34404 BELDEN-34404 Datasheet
141Kb / 2P
   Lead Wire, #4 Str TC, CSPE Ins, AWM 3192
01-20-2023
34922 BELDEN-34922 Datasheet
139Kb / 2P
   Lead Wire, #22 Str TC, CSPE Ins, AWM 3190
05-05-2023
34406 BELDEN-34406 Datasheet
141Kb / 2P
   Lead Wire, #6 Str TC, CSPE Ins, AWM 3192
01-20-2023
34916 BELDEN-34916 Datasheet
140Kb / 2P
   Lead Wire, #16 Str TC, CSPE Ins, AWM 3190
05-05-2023
34403 BELDEN-34403 Datasheet
139Kb / 2P
   Lead Wire, #3 Str TC, CSPE Ins, AWM 3192
01-20-2023
34414 BELDEN-34414 Datasheet
190Kb / 2P
   Lead Wire, #14 Str TC, CSPE Ins, AWM 3191
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com