Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34440-01050 Datasheet(PDF) 1 Page - Belden Inc.

Part # 34440-01050
Description  Lead Wire, #4/0 Str TC, CSPE Ins, AWM 3193
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

34440-01050 Datasheet(HTML) 1 Page - Belden Inc.

  34440-01050 Datasheet HTML 1Page - Belden Inc. 34440-01050 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 34440
Lead Wire, #4/0 Str TC, CSPE Ins, AWM 3193
Product Description
Low Temp Rubber Lead Wire, 4/0AWG (805x26) Tinned Copper, CSPE Insulation, AWM 3193 CSA TYPE CL1052 600V 105C
Technical Specifications
Product Overview
Suitable Applications:
Class 130(B) motor lead systems, internal wiring of appliances, oil resistance applications
Construction Details
Conductor
Element
Number of Element
Size
Stranding
Material
Conductor(s) 1
4/0 AWG 805x26
TC - Tinned Copper
Insulation
Material
Nom. Thickness
Nom. Insulation Diameter
CSPE - Chlorosulphonated Polyethylene 0.084 in (2.1 mm) 0.819 in (20.8 mm)
Overall Cable Diameter (Nominal):
0.819 in (20.8 mm)
Electrical Characteristics
Electricals
Nom. Conductor DCR
Max. Current
0.0574 Ohm/1000ft
481.6 Amps per Conductor at 30ºC
Voltage
UL Voltage Rating
Voltage Rating
600 V (AWM 3193)
300 V (CSA CL-1052)
Mechanical Characteristics
Temperature
UL Temperature
Operating
105°C
-30°C To +105°C
Bend Radius
Stationary Min.
Installation Min.
8.19 in (208 mm) 8.19 in (208 mm)
Max. Pull Tension:
2648 lbs (1201 kg)
Recommended Max Baking Cycles: 24 Hours @ 300°F (149°C)
Bulk Cable Weight:
823 lbs/1000ft
Standards and Compliance
Environmental Suitability:
Indoor, Outdoor, Oil Resistance
Sustainability:
CA Prop 65
Flammability / Reaction to Fire:
Horizontal flame


Similar Part No. - 34440-01050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34440 ETC2-34440 Datasheet
340Kb / 1P
   Wiha Maxiflex Hose System 1/4
logo
Littelfuse
344401 LITTELFUSE-344401 Datasheet
194Kb / 3P
   Traditional Panel Mount Type
344401 LITTELFUSE-344401 Datasheet
440Kb / 1P
   344 Series Blown Fuse Indicating Holders for 3AG and 3AB Fuses
2019
344402 LITTELFUSE-344402 Datasheet
194Kb / 3P
   Traditional Panel Mount Type
344402 LITTELFUSE-344402 Datasheet
440Kb / 1P
   344 Series Blown Fuse Indicating Holders for 3AG and 3AB Fuses
2019
More results

Similar Description - 34440-01050

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
34430 BELDEN-34430 Datasheet
141Kb / 2P
   Lead Wire, #3/0 Str TC, CSPE Ins, AWM 3193
01-20-2023
34400 BELDEN-34400 Datasheet
141Kb / 2P
   Lead Wire, #2/0 Str TC, CSPE Ins, AWM 3193
01-20-2023
34490 BELDEN-34490 Datasheet
141Kb / 2P
   Lead Wire, #1/0 Str TC, CSPE Ins, AWM 3193
01-20-2023
34401 BELDEN-34401 Datasheet
139Kb / 2P
   Lead Wire, #1 Str TC, CSPE Ins, AWM 3193
01-20-2023
34404 BELDEN-34404 Datasheet
141Kb / 2P
   Lead Wire, #4 Str TC, CSPE Ins, AWM 3192
01-20-2023
34922 BELDEN-34922 Datasheet
139Kb / 2P
   Lead Wire, #22 Str TC, CSPE Ins, AWM 3190
05-05-2023
34406 BELDEN-34406 Datasheet
141Kb / 2P
   Lead Wire, #6 Str TC, CSPE Ins, AWM 3192
01-20-2023
34916 BELDEN-34916 Datasheet
140Kb / 2P
   Lead Wire, #16 Str TC, CSPE Ins, AWM 3190
05-05-2023
34403 BELDEN-34403 Datasheet
139Kb / 2P
   Lead Wire, #3 Str TC, CSPE Ins, AWM 3192
01-20-2023
34414 BELDEN-34414 Datasheet
190Kb / 2P
   Lead Wire, #14 Str TC, CSPE Ins, AWM 3191
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com