Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LIS302DL Datasheet(PDF) 6 Page - STMicroelectronics

Part # LIS302DL
Description  MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output piccolo accelerometer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS302DL Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LIS302DL Datasheet HTML 2Page - STMicroelectronics LIS302DL Datasheet HTML 3Page - STMicroelectronics LIS302DL Datasheet HTML 4Page - STMicroelectronics LIS302DL Datasheet HTML 5Page - STMicroelectronics LIS302DL Datasheet HTML 6Page - STMicroelectronics LIS302DL Datasheet HTML 7Page - STMicroelectronics LIS302DL Datasheet HTML 8Page - STMicroelectronics LIS302DL Datasheet HTML 9Page - STMicroelectronics LIS302DL Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Mechanical and electrical specifications
LIS302DL
6/29
2
Mechanical and electrical specifications
2.1
Mechanical characteristics
Table 2.
Mechanical Characteristics(1)
(All the parameters are specified @ Vdd=2.5V, T = 25°C unless otherwise noted)
Symbol
Parameter
Test conditions
Min.
Typ.(2)
Max.
Unit
FS
Measurement range(3)
FS bit set to 0
±2.0
±2.3
g
FS bit set to 1
±8.0
±9.2
So
Sensitivity
FS bit set to 0
16.2
18
19.8
mg/digit
FS bit set to 1
64.8
72
79.2
TCSO
Sensitivity Change Vs
Temperature
FS bit set to 0
±0.01
%/°C
TyOff
Typical Zero-g Level Offset
Accuracy(4),(5)
FS bit set to 0
±40
mg
FS bit set to 1
±60
mg
TCOff
Zero-g Level Change Vs
Temperature
Max delta from 25°C
±0.5
mg/°C
Vst
Self Test Output
Change(6),(7),(8)
FS bit set to 0
STP bit used
X axis
Vdd=2.16V to 3.6V
-16
-3
LSb
FS bit set to 0
STP bit used
Y axis
Vdd=2.16V to 3.6V
316
LSb
FS bit set to 0
STP bit used
Z axis
Vdd=2.16V to 3.6V
316
LSb
BW
System Bandwidth(9)
ODR/2
Hz
Top
Operating Temperature
Range
-40
+85
°C
Wh
Product Weight
30
mgram
1.
The product is factory calibrated at 2.5V. The device can be used from 2.16V to 3.6V
2.
Typical specification are not guaranteed
3.
Verified by wafer level test and measurement of initial offset and sensitivity
4.
Typical zero-g level offset value after MSL3 preconditioning
5.
Offset can be eliminated by enabling the built-in high pass filter
6.
If STM bit is used values change in sign for all axes
7.
Self Test output changes with the power supply. Self test “output change” is defined as OUTPUT[LSb](Self-test bit on ctrl_reg1=1)
-OUTPUT[LSb](Self-test bit on ctrl_reg1=0). 1LSb=4.6g/256 at 8bit representation, ±2.3g Full-Scale
8.
Output data reach 99% of final value after 3/ODR when enabling Self-Test mode due to device filtering
9.
ODR is output data rate. Refer to table 3 for specifications


Similar Part No. - LIS302DL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS302DL STMICROELECTRONICS-LIS302DL Datasheet
613Kb / 42P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
LIS302DL STMICROELECTRONICS-LIS302DL Datasheet
608Kb / 42P
   MEMS motion sensor 3-axis - 짹 2g/짹 8g smart digital output ?쐏iccolo??accelerometer
LIS302DLH STMICROELECTRONICS-LIS302DLH Datasheet
679Kb / 37P
   MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐏iccolo??accelerometer
LIS302DLHTR STMICROELECTRONICS-LIS302DLHTR Datasheet
679Kb / 37P
   MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐏iccolo??accelerometer
LIS302DLTR STMICROELECTRONICS-LIS302DLTR Datasheet
613Kb / 42P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
More results

Similar Description - LIS302DL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS33DE STMICROELECTRONICS-LIS33DE Datasheet
538Kb / 31P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐍ano??accelerometer
LIS35DE STMICROELECTRONICS-LIS35DE Datasheet
656Kb / 39P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
LIS331DL STMICROELECTRONICS-LIS331DL Datasheet
622Kb / 38P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐍ano??accelerometer
LIS331DL STMICROELECTRONICS-LIS331DL_08 Datasheet
647Kb / 42P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output -nano-accelerometer
LIS302DL STMICROELECTRONICS-LIS302DL_07 Datasheet
613Kb / 42P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
LIS202DL STMICROELECTRONICS-LIS202DL Datasheet
332Kb / 36P
   MEMS motion sensor 2-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
LIS302SG STMICROELECTRONICS-LIS302SG Datasheet
227Kb / 19P
   MEMS motion sensor 3-axis - 짹2g analog output -piccolo- accelerometer
LIS302ALK STMICROELECTRONICS-LIS302ALK Datasheet
160Kb / 14P
   MEMS motion sensor 3-axis-짹2g analog output "piccolo" accelerometer
LIS302ALB STMICROELECTRONICS-LIS302ALB Datasheet
197Kb / 17P
   MEMS motion sensor 3-axis - 짹2g analog output piccolo accelerometer
STEVAL-MKI022V1 STMICROELECTRONICS-STEVAL-MKI022V1 Datasheet
118Kb / 5P
   MEMS 3-axis 짹2g /짹4g /짹8g smart digital output demonstration board based on nano accelerometer LIS331DLH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com