Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A67P83181 Datasheet(PDF) 10 Page - AMIC Technology

Part # A67P83181
Description  256K X 18, 128K X 36 LVTTL, Flow-through ZeBL SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A67P83181 Datasheet(HTML) 10 Page - AMIC Technology

Back Button A67P83181 Datasheet HTML 6Page - AMIC Technology A67P83181 Datasheet HTML 7Page - AMIC Technology A67P83181 Datasheet HTML 8Page - AMIC Technology A67P83181 Datasheet HTML 9Page - AMIC Technology A67P83181 Datasheet HTML 10Page - AMIC Technology A67P83181 Datasheet HTML 11Page - AMIC Technology A67P83181 Datasheet HTML 12Page - AMIC Technology A67P83181 Datasheet HTML 13Page - AMIC Technology A67P83181 Datasheet HTML 14Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
A67P83181/A67P73361 Series
PRELIMINARY
(July, 2005, Version 0.0)
10
AMIC Technology, Corp.
Absolute Maximum Ratings*
Power Supply Voltage (VCC) . . . . . . . . . . -0.3V to +3.6V
Voltage Relative to GND for any Pin Except VCC (Vin,
Vout) . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VCC +0.3V
Operating Temperature (Topr) . . . . . . . . . . . 0
°C to 70°C
Storage Temperature (Tbias) . . . . . . . . . . -10
°C to 85 °C
Storage Temperature (Tstg) . . . . . . . . . . -55
°C to 125°C
*Comments
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to this device.
These are stress ratings only. Functional operation of
this device at these or any other conditions above those
indicated in the operational sections of this specification
is not implied or intended. Exposure to the absolute
maximum rating conditions for extended periods may
affect device reliability.
DC Electrical Characteristics and Operating Conditions
(0
°C ≤ TA ≤ 70°C, VCC, VCCQ = +2.5V± 5% unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Max.
Unit
Note
VIH
Input High Voltage
1.7
VCC+0.3
V
1,2
VIL
Input Low Voltage
-0.3
0.8
V
1,2
ILI
Input Leakage Current
0V
≤ VIH ≤ VCC
-2.0
2.0
µA
ILO
Output Leakage Current
Output(s) disabled,
0V
≤ VIN≤ VCC
-2.0
2.0
µA
VOH
Output High Voltage
IOH = -1.0mA
2.0
V
1,3
VOL
Output Low Voltage
IOL = 1.0mA
0.4
V
1,3
VCC
Supply Voltage
2.375
2.625
V
1
VCCQ
Isolated Output Buffer Supply
2.375
VCC
V
1,4
Capacitance
Symbol
Parameter
Conditions
Typ.
Max.
Unit
Note
CI
Control Input Capacitance
3
4
pF
6
CO
Input/Output Capacitance (I/O)
4
5
pF
6
CA
Address Capacitance
TA = 25
°C; f = 1MHz
VCC = 2.5V
3
3.5
pF
6
Note : 1. All voltages referenced to VSS (GND).
2. Overshoot :
VIH
≤ +4.6V for t ≤ tKHKH/2 for I ≤ 20mA
Undershoot :
VIL
≥ -0.7V for t ≤ tKHKH/2 for I ≤ 20mA
Power-up :
VIH
≤ +2.375V and VCC ≤ 2.375V for t ≤ 200ms
3. The load used for VOH, VOL testing is shown in Figure 2. AC load current is higher than the shown DC values.
AC I/O curves are available upon request.
4. VCC and VCCQ can be externally wired together to the same power supply.
5. This parameter is sampled.


Similar Part No. - A67P83181

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A67P8318 AMICC-A67P8318 Datasheet
255Kb / 18P
256K X 18, 128K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8318E-2.6 AMICC-A67P8318E-2.6 Datasheet
255Kb / 18P
256K X 18, 128K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8318E-2.6F AMICC-A67P8318E-2.6F Datasheet
255Kb / 18P
256K X 18, 128K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8318E-2.8 AMICC-A67P8318E-2.8 Datasheet
255Kb / 18P
256K X 18, 128K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8318E-2.8F AMICC-A67P8318E-2.8F Datasheet
255Kb / 18P
256K X 18, 128K X 36 LVTTL, Pipelined ZeBL SRAM
More results

Similar Description - A67P83181

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A67L93181 AMICC-A67L93181 Datasheet
246Kb / 18P
512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
A67P93181 AMICC-A67P93181_15 Datasheet
251Kb / 18P
512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
A67P83361 AMICC-A67P83361 Datasheet
251Kb / 18P
512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
A67L83361 AMICC-A67L83361 Datasheet
200Kb / 18P
512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
A67L93181 AMICC-A67L93181_15 Datasheet
200Kb / 18P
512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
A67P93181 AMICC-A67P93181 Datasheet
246Kb / 18P
512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
A67P8318 AMICC-A67P8318 Datasheet
255Kb / 18P
256K X 18, 128K X 36 LVTTL, Pipelined ZeBL SRAM
A67L06181 AMICC-A67L06181 Datasheet
244Kb / 18P
1M X 18, 512K X 36 LVTTL, Flow-through ZeBL SRAM
A67P16181 AMICC-A67P16181 Datasheet
198Kb / 18P
2M X 18, 1M X 36 LVTTL, Flow-through ZeBL SRAM
A67L06361 AMICC-A67L06361 Datasheet
200Kb / 18P
2M X 18, 1M X 36 LVTTL, Flow-through ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com