Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDS-SMC5602RD-TR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LDS-SMC5602RD-TR
Description  0.56 SINGLE DIGIT SEVEN SEGMENT DISPLAY SURFACE MOUNT, 565nm GREEN CHIPS, BLACK FACE, MILKY WHITE DIFFUSED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LDS-SMC5602RD-TR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LDS-SMC5602RD-TR Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - LDS-SMC5602RD-TR

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
LDS-SMC5612RI-TR LUMEX-LDS-SMC5612RI-TR Datasheet
65Kb / 1P
   Single Digit Seven Segment SMT LED DISPLAY
LDS-SMC5612RISUGTR LUMEX-LDS-SMC5612RISUGTR Datasheet
68Kb / 1P
   Single Digit Seven Segment SMT LED DISPLAY
LDS-SMC5614RI-SITR LUMEX-LDS-SMC5614RI-SITR Datasheet
64Kb / 1P
   Single Digit Seven Segment SMT LED DISPLAY
More results

Similar Description - LDS-SMC5602RD-TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LDD-A5642RI ETC2-LDD-A5642RI Datasheet
46Kb / 1P
   0.56 SEVEN SEGMENT, DUAL DIGIT DISPLAY, 585nm GREEN CHIPS, WITH MILKY WHITE DIFFUSED SEGMENTS, GRAY FACE
logo
LUMEX INC.
LDS-AA402RI LUMEX-LDS-AA402RI Datasheet
74Kb / 1P
   565nm GREEB CHIPS, GRAY FACE, MILKY WHITE DIFFUSED SEGMENTS
logo
List of Unclassifed Man...
LDS-A512RI ETC1-LDS-A512RI Datasheet
72Kb / 1P
   0.56 SEVEN SEGMENT, SINGLE DIGIT DISPLAY, 565nm GREEN, GRAY FACE WITH WHITE SEGMENTS, COMMON ANODE, RIGHT DECIMAL.
logo
LUMEX INC.
LDT-M2804RI LUMEX-LDT-M2804RI Datasheet
99Kb / 2P
   0.28 THREE DIGIT SEVEN SEGMENT DISPLAY, RED CHIPS, GRAY FACE, WHITE DIFFUSED SEGMENTS.
LDD-A5655RE LUMEX-LDD-A5655RE Datasheet
59Kb / 1P
   0.56 SEVEN SEGMENT, DUAL DIGIT DISPLAY, 700mm RED CHIPS, BLACK FACE WITH RED SEGMENTS
logo
List of Unclassifed Man...
LDQ-M282RI ETC1-LDQ-M282RI Datasheet
82Kb / 1P
   0.28 inch FOUR DIGT, SEVEN SEGMENT DISPLAY, GREEN, GRAY FACE WITH MILKY WHITE DIFFUSED SEGMENTS
logo
LUMEX INC.
LDD-A5647RI-USB LUMEX-LDD-A5647RI-USB Datasheet
61Kb / 1P
   0.56 SINGLE DIGIT, SEVEN SEGMENT. LED DISPLAY 470mm BLUE CHIPS, GRAY FACE WITH WHITE SEGMENTS, COMMON ANODE, 18 PINS
LDS-A5202RI LUMEX-LDS-A5202RI Datasheet
63Kb / 1P
   565nm GREEN, GARY FACE, MILKY WHITE SEGMENTS
LDD-A5643RI LUMEX-LDD-A5643RI Datasheet
59Kb / 1P
   0.56 SEVEN SEGMENT, DUAL DIGIT DISPLAY
LDD-A514RO LUMEX-LDD-A514RO Datasheet
59Kb / 1P
   0.56 SEVEN SEGMENT, DUAL DIGIT DISPLAY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com