Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V81 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # IDT72V81
Description  3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT72V81 Datasheet(HTML) 1 Page - Renesas Technology Corp

  IDT72V81 Datasheet HTML 1Page - Renesas Technology Corp IDT72V81 Datasheet HTML 2Page - Renesas Technology Corp IDT72V81 Datasheet HTML 3Page - Renesas Technology Corp IDT72V81 Datasheet HTML 4Page - Renesas Technology Corp IDT72V81 Datasheet HTML 5Page - Renesas Technology Corp IDT72V81 Datasheet HTML 6Page - Renesas Technology Corp IDT72V81 Datasheet HTML 7Page - Renesas Technology Corp IDT72V81 Datasheet HTML 8Page - Renesas Technology Corp IDT72V81 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
DSC-3966/6
©
NOVEMBER 2017
IDT72V81
IDT72V82
IDT72V83
IDT72V84
IDT72V85
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
DUAL 512 x 9, DUAL 1,024 x 9
DUAL 2,048 x 9, DUAL 4,096 X 9
DUAL 8,192 X 9
2017 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc. The AsyncFIFO
™ isatrademarkofIntegratedDeviceTechnology,Inc.
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
LEAD FINISH (SnPb) ARE IN EOL PROCESS - LAST TIME BUY EXPIRES JUNE 15, 2018
FEATURES:
••••• The IDT72V81 is equivalent to two IDT72V01 - 512 x 9 FIFOs
••••• The IDT72V82 is equivalent to two IDT72V02 - 1,024 x 9 FIFOs
••••• The IDT72V83 is equivalent to two IDT72V03 - 2,048 x 9 FIFOs
••••• The IDT72V84 is equivalent to two IDT72V04 - 4,096 x 9 FIFOs
••••• The IDT72V85 is equivalent to two IDT72V05 - 8,192 x 9 FIFOs
••••• Low power consumption
— Active: 330 mW (max.)
— Power-down: 18 mW (max.)
••••• Ultra high speed—15 ns access time
••••• Asynchronous and simultaneous read and write
••••• Offers optimal combination of data capacity, small foot print
and functional flexibility
••••• Ideal for bidirectional, width expansion, depth expansion, bus-
matching, and data sorting applications
••••• Status Flags: Empty, Half-Full, Full
••••• Auto-retransmit capability
••••• High-performance CMOS™ technology
••••• Space-saving TSSOP package
••••• Industrial temperature range (–40
°°°°°C to +85°°°°°C) is available
••••• Green parts available, see ordering information
DESCRIPTION:
TheIDT72V81/72V82/72V83/72V84/72V85aredual-FIFOmemoriesthat
loadandemptydataonafirst-in/first-outbasis.Thesedevicesarefunctionaland
compatible to two IDT72V01/72V02/72V03/72V04/72V05 FIFOs in a single
packagewithallassociatedcontrol,data,andflaglinesassignedtoseparate
pins. The devices use Full and Empty flags to prevent data overflow and
underflowandexpansionlogictoallowforunlimitedexpansioncapabilityinboth
word size and depth.
The reads and writes are internally sequential through the use of ring
pointers,withnoaddressinformationrequiredtoloadandunloaddata. Data
istoggledinandoutofthedevicesthroughtheuseoftheWrite(W)andRead
(R) pins.
The devices utilize a 9-bit wide data array to allow for control and parity
bitsattheuser’soption.Thisfeatureis especiallyusefulindatacommunications
applicationswhereitisnecessarytouseaparitybitfortransmission/reception
errorchecking.ItalsofeaturesaRetransmit(RT)capabilitythatallowsforreset
of the read pointer to its initial position when RT is pulsed low to allow for
retransmission from the beginning of data. A Half-Full Flag is available in the
single device mode and width expansion modes.
TheseFIFOsarefabricatedusinghigh-speedCMOStechnology.Theyare
designed for those applications requiring asynchronous and simultaneous
read/writesinmultiprocessingandratebufferapplications.
FUNCTIONAL BLOCK DIAGRAM
WA
WRITE
CONTROL
READ
CONTROL
RA
FLAG
LOGIC
EXPANSION
LOGIC
XIA
WRITE
POINTER
RAM
ARRAY A
512 x 9
1,024 x 9
2,048 x 9
4,096 x 9
8,192 x 9
READ
POINTER
DATA INPUTS
RESET
LOGIC
THREE-
STATE
BUFFERS
DATA
OUTPUTS
RSA
FLA/RTA
XOA/HFA
FFA
EFA
WB
WRITE
CONTROL
READ
CONTROL
RB
FLAG
LOGIC
EXPANSION
LOGIC
XIB
WRITE
POINTER
READ
POINTER
DATA INPUTS
RESET
LOGIC
THREE-
STATE
BUFFERS
DATA
OUTPUTS
RSB
FLB/RTB
3966 drw 01
XOB/HFB
FFB
EFB
(DA0-DA8)
(QA0-QA8)
(QB0-QB8)
(DB0-DB8)
RAM
ARRAY A
512 x 9
1,024 x 9
2,048 x 9
4,096 x 9
8,192 x 9


Similar Part No. - IDT72V81

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81 Datasheet
98Kb / 11P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
IDT72V81 IDT-IDT72V81 Datasheet
140Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V81 IDT-IDT72V81 Datasheet
125Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
IDT72V81 IDT-IDT72V81 Datasheet
290Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V81 IDT-IDT72V81 Datasheet
100Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
More results

Similar Description - IDT72V81

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81_12 Datasheet
290Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V81 IDT-IDT72V81_17 Datasheet
100Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V81 IDT-IDT72V81_06 Datasheet
140Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V01 IDT-IDT72V01_12 Datasheet
301Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V06 IDT-IDT72V06 Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V01 RENESAS-IDT72V01 Datasheet
288Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT7280 IDT-IDT7280_17 Datasheet
149Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com