Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V81 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # IDT72V81
Description  3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT72V81 Datasheet(HTML) 4 Page - Renesas Technology Corp

  IDT72V81 Datasheet HTML 1Page - Renesas Technology Corp IDT72V81 Datasheet HTML 2Page - Renesas Technology Corp IDT72V81 Datasheet HTML 3Page - Renesas Technology Corp IDT72V81 Datasheet HTML 4Page - Renesas Technology Corp IDT72V81 Datasheet HTML 5Page - Renesas Technology Corp IDT72V81 Datasheet HTML 6Page - Renesas Technology Corp IDT72V81 Datasheet HTML 7Page - Renesas Technology Corp IDT72V81 Datasheet HTML 8Page - Renesas Technology Corp IDT72V81 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
COMMERCIAL ANDINDUSTRIAL
TEMPERATURERANGES
IDT72V81/72V82/72V83/72V84/72V85 3.3V CMOS DUAL ASYNCHRONOUS FIFO
512 x 9, 1024 x 9, 2048 x 9, 4096 x 9, 8192 x 9
Single Device Mode, this pin acts as the retransmit input. The Single Device
Mode is initiated by grounding the Expansion In (XI).
The IDT72V81/72V82/72V83/72V84/72V85 can be made to retransmit
datawhentheRetransmitEnablecontrol(RT)inputispulsedlow. Aretransmit
operationwillsettheinternalreadpointertothefirstlocationandwillnotaffect
the write pointer. Read Enable (R) and Write Enable (W) must be in the high
stateduringretransmitfortheIDT72V81/72V82/72V83/72V84/72V85respec-
tively.Thisfeatureisusefulwhenlessthan512/1,024/2,048/4,096/8,192writes
areperformedbetweenresets.Theretransmitfeatureisnotcompatiblewiththe
Depth Expansion Mode and will affect the Half-Full Flag (HF), depending on
the relative locations of the read and write pointers.
EXPANSION IN ( XI )
Thisinputisadual-purposepin. ExpansionIn(XI)isgroundedtoindicate
an operation in the single device mode. Expansion In (XI) is connected to
Expansion Out (XO) of the previous device in the Depth Expansion or Daisy
Chain Mode.
OUTPUTS:
FULL FLAG ( FF )
TheFullFlag(FF)willgolow,inhibitingfurtherwriteoperation,whenthewrite
pointerisonelocationlessthanthereadpointer,indicatingthatthedeviceisfull.
If the read pointer is not moved after Reset (RS), the Full-Flag (FF) will go low
after 512 writes for the IDT72V81, 1,024 writes for the IDT72V82, 2,048 writes
for the IDT72V83, 4,096 writes for the IDT72V84 and 8,192 writes for the
IDT72V85.
EMPTY FLAG ( EF )
The Empty Flag (EF) will go low, inhibiting further read operations, when
the read pointer is equal to the write pointer, indicating that the device is
empty.
EXPANSION OUT/HALF-FULL FLAG ( XO/HF )
This is a dual-purpose output. In the single device mode, when Expan-
sionIn(XI)isgrounded,thisoutputactsasanindicationofahalf-fullmemory.
After half of the memory is filled and at the falling edge of the next write
operation, the Half-Full Flag (HF) will be set low and will remain set until the
difference between the write pointer and read pointer is less than or equal
toonehalfofthetotalmemoryofthedevice.TheHalf-FullFlag(HF)isthenreset
by using rising edge of the read operation.
IntheDepthExpansionMode,ExpansionIn(XI)isconnectedtoExpansion
Out (XO) of the previous device in the Daisy Chain by providing a pulse to the
next device when the previous device reaches the last location of memory.
DATA OUTPUTS ( Q0 – Q8 )
Data outputs for 9-bit wide data. This data is in a high impedance
condition whenever Read (R) is in a high state.
SIGNAL DESCRIPTIONS
INPUTS:
DATA IN (D0 – D8)
Data inputs for 9-bit wide data.
CONTROLS:
RESET ( RS )
ResetisaccomplishedwhenevertheReset(RS)inputistakentoalowstate.
During reset, both internal read and write pointers are set to the first location.
Aresetisrequiredafterpowerupbeforeawriteoperationcantakeplace.Both
the Read Enable ( R) and Write Enable ( W) inputs must be in the high
state during the window shown in Figure 2, (i.e., tRSS before the rising
edge of RS ) and should not change until tRSR after the rising edge of
RS. Half-Full Flag ( HF ) will be reset to high after Reset ( RS ).
WRITE ENABLE ( W )
A write cycle is initiated on the falling edge of this input if the Full Flag (FF)
isnotset.Dataset-upandholdtimesmustbeadheredtowithrespecttotherising
edgeoftheWriteEnable(W).DataisstoredintheRAMarraysequentiallyand
independently of any on-going read operation.
After half of the memory is filled and at the falling edge of the next write
operation,theHalf-FullFlag(HF)willbesettolowandwillremainsetuntilthe
difference between the write pointer and read pointer is less than or equal to
onehalfofthetotalmemoryofthedevice.TheHalf-FullFlag(HF)isthenreset
by the rising edge of the read operation.
Topreventdataoverflow,theFullFlag(FF)willgolow,inhibitingfurtherwrite
operations. Upon the completion of a valid read operation, the Full Flag (FF)
willgohighaftertRFF,allowingavalidwritetobegin.WhentheFIFOisfull,the
internalwritepointerisblockedfromW,soexternalchangesinWwillnotaffect
the FIFO when it is full.
READ ENABLE ( R )
AreadcycleisinitiatedonthefallingedgeoftheReadEnable(R)provided
theEmptyFlag(EF)isnotset.ThedataisaccessedonaFirst-In/First-Outbasis,
independentofanyongoingwriteoperations.AfterReadEnable(R)goeshigh,
the Data Outputs (Q0– Q8) will return to a high impedance condition until the
next Read operation. When all data has been read from the FIFO, the Empty
Flag (EF) will go low, allowing the “final” read cycle but inhibiting further read
operationswiththedataoutputsremaininginahighimpedancestate.Oncea
validwriteoperationhasbeenaccomplished,theEmptyFlag(EF)willgohigh
aftertWEFandavalidReadcanthenbegin.WhentheFIFOisempty,theinternal
readpointerisblockedfromRsoexternalchangesinRwillnotaffecttheFIFO
when it is empty.
FIRST LOAD/RETRANSMIT ( FL/RT )
This is a dual-purpose input. In the Depth Expansion Mode, this pin is
grounded to indicate that it is the first loaded (see Operating Modes). In the


Similar Part No. - IDT72V81

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81 Datasheet
98Kb / 11P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
IDT72V81 IDT-IDT72V81 Datasheet
140Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V81 IDT-IDT72V81 Datasheet
125Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
IDT72V81 IDT-IDT72V81 Datasheet
290Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V81 IDT-IDT72V81 Datasheet
100Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
More results

Similar Description - IDT72V81

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81_12 Datasheet
290Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V81 IDT-IDT72V81_17 Datasheet
100Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V81 IDT-IDT72V81_06 Datasheet
140Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V01 IDT-IDT72V01_12 Datasheet
301Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V06 IDT-IDT72V06 Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V01 RENESAS-IDT72V01 Datasheet
288Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT7280 IDT-IDT7280_17 Datasheet
149Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com