Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65022 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65022
Description  POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65022 Datasheet(HTML) 3 Page - Texas Instruments

  TPS65022 Datasheet HTML 1Page - Texas Instruments TPS65022 Datasheet HTML 2Page - Texas Instruments TPS65022 Datasheet HTML 3Page - Texas Instruments TPS65022 Datasheet HTML 4Page - Texas Instruments TPS65022 Datasheet HTML 5Page - Texas Instruments TPS65022 Datasheet HTML 6Page - Texas Instruments TPS65022 Datasheet HTML 7Page - Texas Instruments TPS65022 Datasheet HTML 8Page - Texas Instruments TPS65022 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS65022
SLVS667 – JULY 2006
RECOMMENDED OPERATING CONDITIONS (continued)
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
CI(DCDC2)
Input capacitor at VINDCDC2 (2)
10
µF
CO(DCDC2)
Output capacitor at VDCDC2 (2)
10
22
µF
IO(DCDC3)
Output current at L3
900
mA
Inductor at L3 (2)
2.2
3.3
µH
CI(DCDC3)
Input capacitor at VINDCDC3(2)
10
µF
CO(DCDC3)
Output capacitor at VDCDC3 (2)
10
22
µF
CI(VCC)
Input capacitor at VCC (2)
1
µF
Ci(VINLDO)
Input capacitor at VINLDO (2)
1
µF
CO(VLDO1-2)
Output capacitor at VLDO1, VLDO2 (2)
2.2
µF
IO(VLDO1-2)
Output current at VLDO1, VLDO2
200
mA
CO(VRTC)
Output capacitor at VRTC (3)
4.7
µF
TA
Operating ambient temperature
-40
85
°C
TJ
Operating junction temperature
-40
125
°C
Resistor from VINDCDC3, VINDCDC2, VINDCDC1 to VCC used for filtering(4)
1
10
(3)
See applications section for more information.
(4)
Up to 3 mA can flow into VCC when all 3 converters are running in PWM. This resistor causes the UVLO threshold to be shifted
accordingly.
VINDCDC1 = VINDCDC2 = VINDCDC3 = VCC = VINLDO = 3.6 V, VBACKUP = 3 V, T
A = –40°C to 85°C, typical values are
at T
A = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CONTROL SIGNALS : SCLK, SDAT (input), DCDC1_EN, DCDC2_EN, DCDC3_EN, LDO_EN, DEFLDO1, DEFLDO2
Rpullup at SCLK and SDAT = 4.7 k
Ω,
VIH
High level input voltage
1.3
VCC
V
pulled to VRTC
Rpullup at SCLK and SDAT = 4.7 k
Ω,
VIL
Low level input voltage
0
0.4
V
pulled to VRTC
IH
Input bias current
0.01
0.1
µA
CONTROL SIGNALS : HOT_RESET
VIH
High level input voltage
1.3
VCC
V
VIL
Low level input voltage
0
0.4
V
IIB
Input bias current
0.01
0.1
µA
tglitch
Deglitch time at HOT_RESET
25
30
35
ms
CONTROL SIGNALS : LOWBAT, PWRFAIL, RESPWRON, INT, SDAT (output)
VOH
High level output voltage
6
V
VOL
Low level output voltage
IIL = 5 mA
0
0.3
V
Duration of low pulse at RESPWRON
External capacitor 1 nF
100
ms
Resetpwron threshold
VRTC falling
–3%
2.4
3%
V
Resetpwron threshold
VRTC rising
–3%
2.52
3%
V
3
Submit Documentation Feedback


Similar Part No. - TPS65022

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65022RHAR TI1-TPS65022RHAR Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS65022RHARG4 TI1-TPS65022RHARG4 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS65022RHAT TI1-TPS65022RHAT Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS65022RHATG4 TI1-TPS65022RHATG4 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS65022 TI1-TPS65022_16 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
More results

Similar Description - TPS65022

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
TPS650250 TI-TPS650250 Datasheet
1Mb / 35P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS65022 TI1-TPS65022_16 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS65023-Q1 TI1-TPS65023-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250-Q1 TI1-TPS650250-Q1 Datasheet
919Kb / 32P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650231 TI-TPS650231_10 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com