Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65022 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65022
Description  POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65022 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65022 Datasheet HTML 3Page - Texas Instruments TPS65022 Datasheet HTML 4Page - Texas Instruments TPS65022 Datasheet HTML 5Page - Texas Instruments TPS65022 Datasheet HTML 6Page - Texas Instruments TPS65022 Datasheet HTML 7Page - Texas Instruments TPS65022 Datasheet HTML 8Page - Texas Instruments TPS65022 Datasheet HTML 9Page - Texas Instruments TPS65022 Datasheet HTML 10Page - Texas Instruments TPS65022 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS65022
SLVS667 – JULY 2006
VINDCDC1 = VINDCDC2 = VINDCDC3 = VCC = VINLDO = 3.6 V, VBACKUP = 3 V, T
A = –40°C to 85°C, typical values are
at T
A = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDCDC2 STEP-DOWN CONVERTER
VI
Input voltage range, VINDCDC2
2.5
6
V
IO
Maximum output current
1000
mA
I(SD)
Shutdown supply current in VINDCDC2
DCDC2_EN = GND
0.1
1
µA
rDS(on)
P-channel MOSFET on-resistance
VINDCDC2 = V(GS) = 3.6 V
140
300
m
Ilkg
P-channel leakage current
VINDCDC2 = 6 V
2
µA
rDS(on)
N-channel MOSFET on-resistance
VINDCDC2 = V(GS) = 3.6 V
150
297
m
Ilkg
N-channel leakage current
V(DS) = 6 V
7
10
µA
ILIMF
Forward current limit (P- and N-channel)
2.5 V < VINDCDC2 < 6 V
1.4
1.55
1.7
A
fS
Oscillator frequency
1.3
1.5
1.7
MHz
VINDCDC2 = 2.5 V to 6 V;
1.8 V
–2%
2%
0 mA
≤ I
O ≤ 1 A
Fixed output voltage
FPWMDCDC2=0
VINDCDC2 = 2.8 V to 6 V;
2.5 V
–2%
2%
0 mA
≤ I
O ≤ 1 A
VINDCDC2 = 2.5 V to 6 V;
1.8 V
–2%
2%
0 mA
≤ I
O ≤ 1 A
Fixed output voltage
FPWMDCDC2=1
VINDCDC2 = 2.8 V to 6 V;
2.5 V
–1%
1%
0 mA
≤ I
O ≤ 1 A
Adjustable output voltage with resistor
VINDCDC2 = VDCDC2 + 0.3 V (min 2.5 V)
–2%
2%
divider at DEFDCDC2 FPWMDCDC2=0
to 6 V; 0 mA
≤ I
O ≤ 1 A
Adjustable output voltage with resistor
VINDCDC2 = VDCDC2 + 0.3 V (min 2.5 V)
–1%
1%
divider at DEFDCDC2; FPWMDCDC2=1
to 6 V; 0 mA
≤ I
O ≤ 1 A
VINDCDC2 = VDCDC2 + 0.3 V (min. 2.5 V)
Line Regulation
0
%/V
to 6 V; IO = 10 mA
Load Regulation
IO = 10 mA to 1 mA
0.25
%/A
VDCDC2 ramping from 5% to 95% of target
Soft start ramp time
750
µs
value
Internal resistance from L2 to GND
1
M
VDCDC2 discharge resistance
DCDC2 discharge =1
300
7
Submit Documentation Feedback


Similar Part No. - TPS65022

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65022RHAR TI1-TPS65022RHAR Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS65022RHARG4 TI1-TPS65022RHARG4 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS65022RHAT TI1-TPS65022RHAT Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS65022RHATG4 TI1-TPS65022RHATG4 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS65022 TI1-TPS65022_16 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
More results

Similar Description - TPS65022

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
TPS650250 TI-TPS650250 Datasheet
1Mb / 35P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS65022 TI1-TPS65022_16 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS65023-Q1 TI1-TPS65023-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250-Q1 TI1-TPS650250-Q1 Datasheet
919Kb / 32P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650231 TI-TPS650231_10 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com