Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3313PBF Datasheet(PDF) 4 Page - International Rectifier

Part # IR3313PBF
Description  PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3313PBF Datasheet(HTML) 4 Page - International Rectifier

  IR3313PBF Datasheet HTML 1Page - International Rectifier IR3313PBF Datasheet HTML 2Page - International Rectifier IR3313PBF Datasheet HTML 3Page - International Rectifier IR3313PBF Datasheet HTML 4Page - International Rectifier IR3313PBF Datasheet HTML 5Page - International Rectifier IR3313PBF Datasheet HTML 6Page - International Rectifier IR3313PBF Datasheet HTML 7Page - International Rectifier IR3313PBF Datasheet HTML 8Page - International Rectifier IR3313PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IR3313PbF
Current Sense Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Ratio
I Load/Iifb current ratio
7,500
8,800
9,950
Tj=25°C, Rfb=500
Ω,
Iout=60A
Ratio_TC
I Load/Iifb variation aver temperature
-5
+5
%
Tj=-40°C to 150°C
Offset
Load current diagnostic offset
-0.22
0
+0.2
A
Iout=2A
Trst
Ifb response time (low signal)
1
µs
90% of the Iout step
Functional Block Diagram
All values are typical
1 ms
3mA
Charge
Pump
Fast turn-off
Driver
reverse
battery
protection
IN
IFB OUT
VCC
On/Off
Set
Reset
Latch
Q
timer
43V
+
-
-
+
4.7V
Tj > 165°C
Iout > 120A
400µs
timer
-
+
35V
38V
43V
-
+
43V
Wait
Min. Pulse
www.irf.com
4


Similar Part No. - IR3313PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3313S IRF-IR3313S Datasheet
821Kb / 11P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
IR3313SPBF IRF-IR3313SPBF Datasheet
353Kb / 12P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
IR3313STRLPBF IRF-IR3313STRLPBF Datasheet
253Kb / 12P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
More results

Similar Description - IR3313PBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIR3313 INFINEON-AUIR3313 Datasheet
596Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
December, 10th 2010 revision F
logo
International Rectifier
IR3313STRLPBF IRF-IR3313STRLPBF Datasheet
253Kb / 12P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIR3314 INFINEON-AUIR3314 Datasheet
301Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
November, 14th 2010 revision E
logo
International Rectifier
IR3313S IRF-IR3313S Datasheet
821Kb / 11P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
AUIR3313 IRF-AUIR3313 Datasheet
596Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
AUIR3314 IRF-AUIR3314_15 Datasheet
301Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
AUIR3315 IRF-AUIR3315_15 Datasheet
289Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
IR3313SPBF IRF-IR3313SPBF Datasheet
353Kb / 12P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
AUIR3315 IRF-AUIR3315 Datasheet
289Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
1441791 IRF-1441791 Datasheet
313Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com