Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68HC912BL16 Datasheet(PDF) 100 Page - NXP Semiconductors

Part # MC68HC912BL16
Description  16-Bit Microcontroller
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC68HC912BL16 Datasheet(HTML) 100 Page - NXP Semiconductors

Back Button MC68HC912BL16 Datasheet HTML 96Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 97Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 98Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 99Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 100Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 101Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 102Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 103Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 104Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 128 page
background image
MC68HC912BL16
100
MC68HC912BL16TS/D
time of the error. Automatically cleared by a read of the SP0SR (with WCOL set) followed by an access
(read or write) to the SP0DR register.
0 = No write collision
1 = Indicates that a serial transfer was in progress when the MCU tried to write new data into the
SP0DR data register.
MODF — SPI Mode Error Interrupt Status Flag
This bit is set automatically by SPI hardware if the MSTR control bit is set and the slave select input pin
becomes zero. This condition is not permitted in normal operation. In the case where DDRS bit 7 is set,
the PS7 pin is a general-purpose output pin or SS output pin rather than being dedicated as the SS input
for the SPI system. In this special case the mode fault function is inhibited and MODF remains cleared.
This flag is automatically cleared by a read of the SP0SR (with MODF set) followed by a write to the
SP0CR1 register.
Read anytime (normally only after SPIF flag set). Write anytime (see WCOL write collision flag).
Reset does not affect this address.
This 8-bit register is both the input and output register for SPI data. Reads of this register are double
buffered but writes cause data to be written directly into the serial shifter. In the SPI system the 8-bit
data register in the master and the 8-bit data register in the slave are linked by the MOSI and MISO
wires to form a distributed 16-bit register. When a data transfer operation is performed, this 16-bit reg-
ister is serially shifted eight bit positions by the SCK clock from the master so the data is effectively ex-
changed between the master and the slave. Note that some slave devices are very simple and either
accept data from the master without returning data to the master or pass data to the master without re-
quiring data from the master.
13.4 Port S
In all modes, port S bits PS[7:4] and PS[1:0] can be used for either general-purpose I/O, or with the SCI
and SPI subsystems. During reset, port S pins are configured as high-impedance inputs (DDRS is
cleared).
PORTS can be read anytime. When configured as an input, a read will return the pin level. When con-
figured as output, a read will return the latched output data. Writes do not change pin state when pin
configured for SPI or SCI output.
After reset all bits are configured as general-purpose inputs.
Port S shares function with the on-chip serial systems (SPI0 and SCI0).
Read or write anytime.
After reset, all general-purpose I/O are configured for input only.
SP0DR — SPI Data Register
$00D5
Bit 7
6
5
4
3
2
1
Bit 0
Bit 7
6
5
4
3
2
1
Bit 0
RESET:
0
0
0
0
0
0
0
0
PORTS — Port S Data Register
$00D6
Bit 7
6
5
4
3
2
1
Bit 0
PS7
PS6
PS5
PS4
PS3
PS2
PS1
PS0
Pin
Function
SS
CS
SCK
MOSI
MOMI
MISO
SISO
N/A
N/A
TXD0
RXD0
DDRS — Data Direction Register for Port S
$00D7
Bit 7
6
5
4
3
2
1
Bit 0
DDS7
DDS6
DDS5
DDS4
DDS3
DDS2
DDS1
DDS0
RESET:
0
0
0
0
0
0
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68HC912BL16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC912BL16 FREESCALE-MC68HC912BL16 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16CFU8 FREESCALE-MC68HC912BL16CFU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16FU8 FREESCALE-MC68HC912BL16FU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16MFU8 FREESCALE-MC68HC912BL16MFU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16VFU8 FREESCALE-MC68HC912BL16VFU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
More results

Similar Description - MC68HC912BL16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com