Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68HC912BL16 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # MC68HC912BL16
Description  16-Bit Microcontroller
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC68HC912BL16 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button MC68HC912BL16 Datasheet HTML 6Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 7Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 8Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 9Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 10Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 11Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 12Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 13Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 128 page
background image
MC68HC912BL16
10
MC68HC912BL16TS/D
3.2 Power Supply Pins
MC68HC912BL16 power and ground pins are described below and summarized in Table 4.
3.2.1 Internal Power (VDD) and Ground (VSS)
Power is supplied to the MCU through VDD and VSS. Because fast signal transitions place high, short-
duration current demands on the power supply, use bypass capacitors with high-frequency character-
istics and place them as close to the MCU as possible. Bypass requirements depend on how heavily
the MCU pins are loaded.
3.2.2 External Power (VDDX) and Ground (VSSX)
External power and ground for I/O drivers. Because fast signal transitions place high, short-duration cur-
rent demands on the power supply, use bypass capacitors with high-frequency characteristics and
place them as close to the MCU as possible. Bypass requirements depend on how heavily the MCU
pins are loaded.
3.2.3 VDDA, VSSA
Provides operating voltage and ground for the analog-to-digital converter. This allows the supply volt-
age to the A/D to be bypassed independently.
3.2.4 Analog-to-Digital Reference Voltages (VRH, VRL)
3.2.5 VFP
Flash EEPROM programming voltage and supply voltage during normal operation.
3.3 Signal Descriptions
3.3.1 Crystal Driver and External Clock Input (XTAL, EXTAL)
These pins provide the interface for either a crystal or a CMOS compatible clock to control the internal
clock generator circuitry. Out of reset the frequency applied to EXTAL is twice the desired E-clock rate.
All the device clocks are derived from the EXTAL input frequency.
Table 4 MC68HC912BL16 Power and Ground Connection Summary
Mnemonic
Pin Number
Description
VDD
38
Internal power and ground.
VSS
39
VDDX
22, 60
External power and ground, supply to pin drivers.
VSSX
21, 59
VDDA
50
Operating voltage and ground for the analog-to-digital converter,
allows the supply voltage to the A/D to be bypassed independently.
VSSA
51
VRH
40
Reference voltages for the analog-to-digital converter.
VRL
41
VFP
58
Programming voltage for the Flash EEPROM and required supply
for normal operation.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68HC912BL16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC912BL16 FREESCALE-MC68HC912BL16 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16CFU8 FREESCALE-MC68HC912BL16CFU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16FU8 FREESCALE-MC68HC912BL16FU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16MFU8 FREESCALE-MC68HC912BL16MFU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16VFU8 FREESCALE-MC68HC912BL16VFU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
More results

Similar Description - MC68HC912BL16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com