Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68HC912BL16 Datasheet(PDF) 99 Page - NXP Semiconductors

Part # MC68HC912BL16
Description  16-Bit Microcontroller
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC68HC912BL16 Datasheet(HTML) 99 Page - NXP Semiconductors

Back Button MC68HC912BL16 Datasheet HTML 95Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 96Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 97Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 98Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 99Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 100Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 101Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 102Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 103Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 128 page
background image
MC68HC912BL16TS/D
99
Read anytime. Write anytime.
At reset, E Clock divided by 2 is selected.
SPR[2:0] — SPI Clock (SCK) Rate Select Bits
These bits are used to specify the SPI clock rate.
Read anytime. Write has no meaning or effect.
SPIF — SPI Interrupt Request
SPIF is set after the eighth SCK cycle in a data transfer and it is cleared by reading the SP0SR register
(with SPIF set) followed by an access (read or write) to the SPI data register.
WCOL — Write Collision Status Flag
The MCU write is disabled to avoid writing over the data being transferred. No interrupt is generated
because the error status flag can be read upon completion of the transfer that was in progress at the
Pin Mode
SPC01
NOTES:
1. The serial pin control 0 bit enables bidirectional configurations.
MSTR
MISO2
2. Slave output is enabled if DDS4 = 1, SS = 0 and MSTR = 0. (#1, #3)
MOSI3
3. Master output is enabled if DDS5 = 1 and MSTR = 1. (#2, #4)
SCK4
4. SCK output is enabled if DDS6 = 1 and MSTR = 1. (#2, #4)
SS5
5. SS output is enabled if DDS7 = 1, SSOE = 1 and MSTR = 1. (#2, #4)
#1
Normal
0
0
Slave Out
Slave In
SCK In
SS In
#2
1
Master In
Master Out
SCK Out
SS I/O
#3
Bidirectional
1
0
Slave I/O
GPI/O
SCK In
SS In
#4
1
GPI/O
Master I/O
SCK Out
SS I/O
SP0BR — SPI Baud Rate Register
$00D2
Bit 7
6
5
4
3
2
1
Bit 0
0
0
0
0
0
SPR2
SPR1
SPR0
RESET:
0
0
0
0
0
0
0
0
Table 32 SPI Clock Rate Selection
SPR2
SPR1
SPR0
E Clock
Divisor
Frequency at
E Clock = 4 MHz
Frequency at
E Clock = 8 MHz
0
0
0
2
2.0 MHz
4.0 MHz
0
0
1
4
1.0 MHz
2.0 MHz
0
1
0
8
500 kHz
1.0 MHz
0
1
1
16
250 kHz
500 kHz
1
0
0
32
125 kHz
250 kHz
1
0
1
64
62.5 kHz
125 kHz
1
1
0
128
31.3 kHz
62.5 kHz
1
1
1
256
15.6 kHz
31.3 kHz
SP0SR — SPI Status Register
$00D3
Bit 7
6
5
4
3
2
1
Bit 0
SPIF
WCOL
0
MODF
0
0
0
0
RESET:
0
0
0
0
0
0
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68HC912BL16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC912BL16 FREESCALE-MC68HC912BL16 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16CFU8 FREESCALE-MC68HC912BL16CFU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16FU8 FREESCALE-MC68HC912BL16FU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16MFU8 FREESCALE-MC68HC912BL16MFU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16VFU8 FREESCALE-MC68HC912BL16VFU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
More results

Similar Description - MC68HC912BL16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com