Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68HC912BL16 Datasheet(PDF) 90 Page - NXP Semiconductors

Part # MC68HC912BL16
Description  16-Bit Microcontroller
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC68HC912BL16 Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button MC68HC912BL16 Datasheet HTML 86Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 87Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 88Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 89Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 90Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 91Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 92Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 93Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 128 page
background image
MC68HC912BL16
90
MC68HC912BL16TS/D
BTST — Baud Register Test
Reserved for test function
BSPL — Baud Rate Counter Split
Reserved for test function
BRLD — Baud Rate Reload
Reserved for test function
Read or write anytime.
LOOPS — SCI LOOP Mode/Single Wire Mode Enable
0 = SCI transmit and receive sections operate normally.
1 = SCI receive section is disconnected from the RXD pin and the RXD pin is available as general
purpose I/O. The receiver input is determined by the RSRC bit. The transmitter output is con-
trolled by the associated DDRS bit. Both the transmitter and the receiver must be enabled to
use the LOOP or the single wire mode.
If the DDRS bit associated with the TXD pin is set during the LOOPS = 1, the TXD pin outputs the SCI
waveform. If the DDRS bit associated with the TXD pin is clear during the LOOPS = 1, the TXD pin be-
comes high (IDLE line state) for RSRC = 0 and high impedance for RSRC = 1. Refer to Table 30.
WOMS — Wired-Or Mode for Serial Pins
This bit controls the two pins (TXD and RXD) associated with the SCI section.
0 = Pins operate in a normal mode with both high and low drive capability. To affect the RXD bit,
that bit would have to be configured as an output (via DDRS) which is the single wire case when
using the SCI. WOMS bit still affects general-purpose output on TXD and RXD pins when SCI
is not using these pins.
1 = Each pin operates in an open drain fashion if that pin is declared as an output.
RSRC — Receiver Source
When LOOPS = 1, the RSRC bit determines the internal feedback path for the receiver.
0 = Receiver input is connected to the transmitter internally (not TXD pin)
1 = Receiver input is connected to the TXD pin
M — Mode (select character format)
0 = One start, eight data, one stop bit
1 = One start, eight data, ninth data, one stop bit
SC0CR1 — SCI Control Register 1
$00C2
Bit 7
6
5
4
3
2
1
Bit 0
LOOPS
WOMS
RSRC
M
WAKE
ILT
PE
PT
RESET:
0
0
0
0
0
0
0
0
Table 30 Loop Mode Functions
LOOPS RSRC
DDS1
WOMS
Function of Port S Bit 1
0
x
x
x
Normal Operations
1
0
0
0/1
LOOP mode without TXD output (TXD = High Impedance)
1
0
1
0
LOOP mode with TXD output (CMOS)
1
0
1
1
LOOP mode with TXD output (open-drain)
1
1
0
x
Single wire mode without TXD output
(the pin is used as receiver input only, TXD = High Impedance)
1
1
1
0
Single wire mode with TXD output
(the output is also fed back to receiver input, CMOS)
1
1
1
1
Single wire mode for the receiving and transmitting (open-drain)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68HC912BL16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC912BL16 FREESCALE-MC68HC912BL16 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16CFU8 FREESCALE-MC68HC912BL16CFU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16FU8 FREESCALE-MC68HC912BL16FU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16MFU8 FREESCALE-MC68HC912BL16MFU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16VFU8 FREESCALE-MC68HC912BL16VFU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
More results

Similar Description - MC68HC912BL16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com