Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68HC912BL16 Datasheet(PDF) 78 Page - NXP Semiconductors

Part # MC68HC912BL16
Description  16-Bit Microcontroller
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC68HC912BL16 Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button MC68HC912BL16 Datasheet HTML 74Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 75Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 76Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 77Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 78Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 79Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 80Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 81Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 128 page
background image
MC68HC912BL16
78
MC68HC912BL16TS/D
12.1 Timer Registers
Input/output pins default to general-purpose I/O lines until an internal function which uses that pin is
specifically enabled. The timer overrides the state of the DDR to force the I/O state of each associated
port line when an output compare using a port line is enabled. In these cases the data direction bits will
have no affect on these lines.
When a pin is assigned to output an on-chip peripheral function, writing to this PORTTn bit does not
affect the pin but the data is stored in an internal latch such that if the pin becomes available for general-
purpose output the driven level will be the last value written to the PORTTn bit.
Read or write anytime.
NOTE
Port T[6] is not bonded to any pin in MC68HC912BL16.
IOS[7:0] — Input Capture or Output Compare Channel Configuration
0 = The corresponding channel acts as an input capture
1 = The corresponding channel acts as an output compare.
Read anytime but will always return $00 (1 state is transient). Write anytime.
NOTE
Port T[6] is not bonded out to any pin in MC68HC912BL16.
FOC[7:0] — Force Output Compare Action for Channel 7-0
A write to this register with the corresponding data bit(s) set causes the action which is programmed for
output compare “n” to occur immediately. The action taken is the same as if a successful comparison
had just taken place with the TCn register except the interrupt flag does not get set.
Read or write anytime.
NOTE
Port T[6] is not bonded to any pin in MC68HC912BL16.
The bits of OC7M correspond bit-for-bit with the bits of timer port (PORTT). Setting the OC7Mn will set
the corresponding port to be an output port regardless of the state of the DDRTn bit when the corre-
sponding TIOSn bit is set to be an output compare. This does not change the state of the DDRT bits.
TIOS — Timer Input Capture/Output Compare Select
$0080
Bit 7
6
5
4
3
2
1
Bit 0
IOS7
IOS6
IOS5
IOS4
IOS3
IOS2
IOS1
IOS0
RESET:
0
0
0
0
0
0
0
0
CFORC — Timer Compare Force Register
$0081
Bit 7
6
5
4
3
2
1
Bit 0
FOC7
FOC6
FOC5
FOC4
FOC3
FOC2
FOC1
FOC0
RESET:
0
0
0
0
0
0
0
0
OC7M — Output Compare 7 Mask Register
$0082
Bit 7
6
5
4
3
2
1
Bit 0
OC7M7
OC7M6
OC7M5
OC7M4
OC7M3
OC7M2
OC7M1
OC7M0
RESET:
0
0
0
0
0
0
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68HC912BL16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC912BL16 FREESCALE-MC68HC912BL16 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16CFU8 FREESCALE-MC68HC912BL16CFU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16FU8 FREESCALE-MC68HC912BL16FU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16MFU8 FREESCALE-MC68HC912BL16MFU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16VFU8 FREESCALE-MC68HC912BL16VFU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
More results

Similar Description - MC68HC912BL16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com