![]() |
Electronic Components Datasheet Search |
|
MC68HC912BL16 Datasheet(PDF) 7 Page - NXP Semiconductors |
|
|
MC68HC912BL16 Datasheet(HTML) 7 Page - NXP Semiconductors |
7 / 128 page ![]() MC68HC912BL16TS/D 7 2.2 Data Types The CPU12 supports the following data types: • Bit data • 8-bit and 16-bit signed and unsigned integers • 16-bit unsigned fractions • 16-bit addresses A byte is eight bits wide and can be accessed at any byte location. A word is composed of two consec- utive bytes with the most significant byte at the lower value address. There are no special requirements for alignment of instructions or operands. 2.3 Addressing Modes Addressing modes determine how the CPU accesses memory locations to be operated upon. The CPU12 includes all of the addressing modes of the M68HC11 CPU as well as several new forms of in- dexed addressing. Table 2 is a summary of the available addressing modes. Table 2 M68HC12 Addressing Mode Summary Addressing Mode Source Format Abbreviation Description Inherent INST (no externally supplied operands) INH Operands (if any) are in CPU registers Immediate INST #opr8i or INST #opr16i IMM Operand is included in instruction stream 8- or 16-bit size implied by context Direct INST opr8a DIR Operand is the lower 8-bits of an address in the range $0000 – $00FF Extended INST opr16a EXT Operand is a 16-bit address Relative INST rel8 or INST rel16 REL An 8-bit or 16-bit relative offset from the current pc is supplied in the instruction Indexed (5-bit offset) INST oprx5,xysp IDX 5-bit signed constant offset from x, y, sp, or pc Indexed (auto pre-decrement) INST oprx3,–xys IDX Auto pre-decrement x, y, or sp by 1 ~ 8 Indexed (auto pre-increment) INST oprx3,+xys IDX Auto pre-increment x, y, or sp by 1 ~ 8 Indexed (auto post- decrement) INST oprx3,xys– IDX Auto post-decrement x, y, or sp by 1 ~ 8 Indexed (auto post-increment) INST oprx3,xys+ IDX Auto post-increment x, y, or sp by 1 ~ 8 Indexed (accumulator offset) INST abd,xysp IDX Indexed with 8-bit (A or B) or 16-bit (D) accumu- lator offset from x, y, sp, or pc Indexed (9-bit offset) INST oprx9,xysp IDX1 9-bit signed constant offset from x, y, sp, or pc (lower 8-bits of offset in one extension byte) Indexed (16-bit offset) INST oprx16,xysp IDX2 16-bit constant offset from x, y, sp, or pc (16-bit offset in two extension bytes) Indexed-Indirect (16-bit offset) INST [oprx16,xysp] [IDX2] Pointer to operand is found at... 16-bit constant offset from x, y, sp, or pc (16-bit offset in two extension bytes) Indexed-Indirect (D accumulator offset) INST [D,xysp] [D,IDX] Pointer to operand is found at... x, y, sp, or pc plus the value in D Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
Similar Part No. - MC68HC912BL16 |
|
Similar Description - MC68HC912BL16 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |