Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68HC912BL16 Datasheet(PDF) 61 Page - NXP Semiconductors

Part # MC68HC912BL16
Description  16-Bit Microcontroller
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC68HC912BL16 Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button MC68HC912BL16 Datasheet HTML 57Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 58Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 59Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 60Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 61Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 62Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 63Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 64Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 128 page
background image
MC68HC912BL16TS/D
61
RTIF — Real-Time Interrupt Flag
This bit is cleared automatically by a write to this register with this bit set.
0 = Time-out has not yet occurred.
1 = Set when the time-out period is met.
CME — Clock Monitor Enable
Read and write anytime.
If FCME is set, this bit has no meaning nor effect.
0 = Clock monitor is disabled. Slow clocks and stop instruction may be used.
1 = Slow or stopped clocks (including the stop instruction) will cause a clock reset sequence.
FCME — Force Clock Monitor Enable
Write once in normal modes, anytime in special modes. Read anytime.
In normal modes, when this bit is set, the clock monitor function cannot be disabled until a reset occurs.
0 = Clock monitor follows the state of the CME bit.
1 = Slow or stopped clocks will cause a clock reset sequence.
In order to use both STOP and clock monitor, the CME bit should be cleared prior to executing a STOP
instruction and set after recovery from STOP. If you plan on using STOP always keep FCME = 0.
FCM — Force Clock Monitor Reset
Writes are not allowed in normal modes, anytime in special modes. Read anytime.
If DISR is set, this bit has no effect.
0 = Normal operation.
1 = Force a clock monitor reset (if clock monitor is enabled).
FCOP — Force COP Watchdog Reset
Writes are not allowed in normal modes; can be written anytime in special modes. Read anytime.
If DISR is set, this bit has no effect.
0 = Normal operation.
1 = Force a COP reset (if COP is enabled).
DISR — Disable Resets from COP Watchdog and Clock Monitor
Writes are not allowed in normal modes, anytime in special modes. Read anytime.
0 = Normal operation.
1 = Regardless of other control bit states, COP and clock monitor will not generate a system reset.
CR2, CR1, CR0 — COP Watchdog Timer Rate Select Bits
The COP system is driven by a constant frequency of E/213. (RTBYP in the RTICTL register allows all
but two stages of this divider to be bypassed for testing in special modes only.) These bits specify an
additional division factor to arrive at the COP time-out rate (the clock used for this module is the E clock).
Write once in normal modes, anytime in special modes. Read anytime.
RTIFLG — Real-Time Interrupt Flag Register
$0015
Bit 7
6
5
4
3
2
1
Bit 0
RTIF
0
0
0
0
0
0
0
RESET:
0
0
0
0
0
0
0
0
COPCTL — COP Control Register
$0016
Bit 7
6
5
4
3
2
1
Bit 0
CME
FCME
FCM
FCOP
DISR
CR2
CR1
CR0
RESET:
0
0
0
0
0
0
0
1
Normal
RESET:
0
0
0
0
1
0
0
1
Special
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68HC912BL16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC912BL16 FREESCALE-MC68HC912BL16 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16CFU8 FREESCALE-MC68HC912BL16CFU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16FU8 FREESCALE-MC68HC912BL16FU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16MFU8 FREESCALE-MC68HC912BL16MFU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16VFU8 FREESCALE-MC68HC912BL16VFU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
More results

Similar Description - MC68HC912BL16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com