Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68HC912BL16 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MC68HC912BL16
Description  16-Bit Microcontroller
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC68HC912BL16 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MC68HC912BL16 Datasheet HTML 2Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 3Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 4Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 5Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 6Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 7Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 8Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 9Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 128 page
background image
MC68HC912BL16
6
MC68HC912BL16TS/D
2 Central Processing Unit
The CPU12 is a high-speed, 16-bit processing unit. It has full 16-bit data paths and wider internal reg-
isters (up to 20 bits) for high-speed extended math instructions. The instruction set is a proper superset
of the M68HC11instruction set. The CPU12 allows instructions with odd byte counts, including many
single-byte instructions. This provides efficient use of ROM space. An instruction queue buffers pro-
gram information so the CPU always has immediate access to at least three bytes of machine code at
the start of every instruction. The CPU12 also offers an extensive set of indexed addressing capabilities.
2.1 Programming Model
CPU12 registers are an integral part of the CPU and are not addressed as if they were memory loca-
tions.
Figure 2 Programming Model
Accumulators A and B are general-purpose 8-bit accumulators used to hold operands and results of
arithmetic calculations or data manipulations. Some instructions treat the combination of these two 8-
bit accumulators as a 16-bit double accumulator (accumulator D).
Index registers X and Y are used for indexed addressing mode. In the indexed addressing mode, the
contents of a 16-bit index register are added to 5-bit, 9-bit, or 16-bit constants or the content of an ac-
cumulator to form the effective address of the operand to be used in the instruction.
Stack pointer (SP) points to the last stack location used. The CPU12 supports an automatic program
stack that is used to save system context during subroutine calls and interrupts, and can also be used
for temporary storage of data. The stack pointer can also be used in all indexed addressing modes.
Program counter is a 16-bit register that holds the address of the next instruction to be executed. The
program counter can be used in all indexed addressing modes except auto-increment/decrement.
Condition Code Register (CCR) contains five status indicators, two interrupt masking bits, and a
STOP disable bit. The five flags are half carry (H), negative (N), zero (Z), overflow (V), and carry/borrow
(C). The half-carry flag is used only for BCD arithmetic operations. The N, Z, V, and C status bits allow
for branching based on the results of a previous operation.
7
15
15
15
15
15
D
IX
IY
SP
PC
A
B
N
S X H I
Z V C
0
0
0
0
0
0
7
0
CONDITION CODE REGISTER
8-BIT ACCUMULA
TORS A & B
16-BIT DOUBLE ACCUMULA
TORD
INDEX REGISTER X
INDEX REGISTERY
STACKPOINTER
PROGRAM COUNTER
OR
HC12 PROG MODEL
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68HC912BL16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC912BL16 FREESCALE-MC68HC912BL16 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16CFU8 FREESCALE-MC68HC912BL16CFU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16FU8 FREESCALE-MC68HC912BL16FU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16MFU8 FREESCALE-MC68HC912BL16MFU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16VFU8 FREESCALE-MC68HC912BL16VFU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
More results

Similar Description - MC68HC912BL16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com