Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68HC912BL16 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # MC68HC912BL16
Description  16-Bit Microcontroller
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC68HC912BL16 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button MC68HC912BL16 Datasheet HTML 52Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 53Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 54Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 55Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 56Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 57Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 58Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 59Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 128 page
background image
MC68HC912BL16
56
MC68HC912BL16TS/D
To give a maskable interrupt source highest priority, write the low byte of the vector address to the
HPRIO register. For example, writing $F0 to HPRIO would assign highest maskable interrupt priority to
the real-time interrupt timer ($FFF0). If an unimplemented vector address or a non-I-masked vector ad-
dress (value higher than $F2) is written, then IRQ will be the default highest priority interrupt.
9.4 Resets
There are four possible sources of reset. Power-on reset (POR), and external reset on the RESET pin
share the normal reset vector. The computer operating properly (COP) reset and the clock monitor reset
each has a vector. Entry into reset is asynchronous and does not require a clock but the MCU cannot
sequence out of reset without a system clock.
9.4.1 Power-On Reset
A positive transition on VDD causes a power-on reset (POR). An external voltage level detector, or other
external reset circuits, are the usual source of reset in a system. The POR circuit only initializes internal
circuitry during cold starts and cannot be used to force a reset as system voltage drops.
9.4.2 External Reset
The CPU distinguishes between internal and external reset conditions by sensing whether the reset pin
rises to a logic one in less than eight E-clock cycles after an internal device releases reset. When a reset
condition is sensed, the RESET pin is driven low by an internal device for about 16 E-clock cycles, then
released. Eight E-clock cycles later it is sampled. If the pin is still held low, the CPU assumes that an
external reset has occurred. If the pin is high, it indicates that the reset was initiated internally by either
the COP system or the clock monitor.
To prevent a COP or clock monitor reset from being detected during an external reset, hold the reset
pin low for at least 32 cycles. An external RC power-up delay circuit on the reset pin is not recommended
— circuit charge time can cause the MCU to misinterpret the type of reset that has occurred.
9.4.3 COP Reset
The MCU includes a computer operating properly (COP) system to help protect against software fail-
ures. When COP is enabled, software must write $55 and $AA (in this order) to the COPRST register
in order to keep a watchdog timer from timing out. Other instructions may be executed between these
writes. A write of any value other than $55 or $AA or software failing to execute the sequence properly
causes a COP reset to occur.
9.4.4 Clock Monitor Reset
If clock frequency falls below a predetermined limit when the clock monitor is enabled, a reset occurs.
9.5 Effects of Reset
When a reset occurs, MCU registers and control bits are changed to known start-up states, as follows.
9.5.1 Operating Mode and Memory Map
Operating mode and default memory mapping are determined by the states of the BKGD, MODA, and
MODB pins during reset. The SMODN, MODA, and MODB bits in the MODE register reflect the status
of the mode-select inputs at the rising edge of reset. Operating mode and default maps can subsequent-
ly be changed according to strictly defined rules.
9.5.2 Clock and Watchdog Control Logic
The COP watchdog system is enabled, with the CR[2:0] bits set for the shortest duration time-out. The
clock monitor is disabled. The RTIF flag is cleared and automatic hardware interrupts are masked. The
rate control bits are cleared, and must be initialized before the RTI system is used. The DLY control bit
is set to specify an oscillator start-up delay upon recovery from STOP mode.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68HC912BL16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC912BL16 FREESCALE-MC68HC912BL16 Datasheet
3Mb / 128P
16-Bit Microcontroller
MC68HC912BL16CFU8 FREESCALE-MC68HC912BL16CFU8 Datasheet
3Mb / 128P
16-Bit Microcontroller
MC68HC912BL16FU8 FREESCALE-MC68HC912BL16FU8 Datasheet
3Mb / 128P
16-Bit Microcontroller
MC68HC912BL16MFU8 FREESCALE-MC68HC912BL16MFU8 Datasheet
3Mb / 128P
16-Bit Microcontroller
MC68HC912BL16VFU8 FREESCALE-MC68HC912BL16VFU8 Datasheet
3Mb / 128P
16-Bit Microcontroller
More results

Similar Description - MC68HC912BL16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com