Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68HC912BL16 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # MC68HC912BL16
Description  16-Bit Microcontroller
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC68HC912BL16 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button MC68HC912BL16 Datasheet HTML 45Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 46Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 47Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 48Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 49Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 50Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 51Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 52Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 128 page
background image
MC68HC912BL16TS/D
49
8 EEPROM
The MC68HC912BL16 EEPROM serves as a 512-byte nonvolatile memory which can be used for fre-
quently accessed static data or as fast access program code.
The MC68HC912BL16 EEPROM is arranged in a 16-bit configuration. The EEPROM array may be read
as either bytes, aligned words or misaligned words. Access times is one bus cycle for byte and aligned
word access and two bus cycles for misaligned word operations.
Programming is by byte or aligned word. Attempts to program or erase misaligned words will fail. Only
the lower byte will be latched and programmed or erased. Programming and erasing of the user EE-
PROM can be done in all operating modes.
Each EEPROM byte or aligned word must be erased before programming. The EEPROM module sup-
ports byte, aligned word, row (32 bytes) or bulk erase, all using the internal charge pump. Bulk erasure
of odd and even rows is also possible in test modes; the erased state is $FF. The EEPROM module
has hardware interlocks which protect stored data from corruption by accidentally enabling the program/
erase voltage. Programming voltage is derived from the internal VDD supply with an internal charge
pump. The EEPROM has a minimum program/erase life of 10,000 cycles over the complete operating
temperature range.
8.1 EEPROM Programmer’s Model
The EEPROM module consists of two separately addressable sections. The first is a four-byte memory
mapped control register block used for control, testing and configuration of the EEPROM array. The
second section is the EEPROM array itself.
At reset, the four-byte register section starts at address $00F0 and the EEPROM array is located from
addresses $0E00 to $0FFF (see Figure 11). For information on remapping the register block and EE-
PROM address space, refer to 5 Operating Modes and Resource Mapping.
Read access to the memory array section can be enabled or disabled by the EEON control bit in the
INITEE register. This feature allows the access of memory mapped resources that have lower priority
than the EEPROM memory array. EEPROM control registers can be accessed and EEPROM locations
may be programmed or erased regardless of the state of EEON.
Using the normal EEPROG control, it is possible to continue program/erase operations during WAIT.
For lowest power consumption during WAIT, stop program/erase by turning off EEPGM.
If the STOP mode is entered during programming or erasing, program/erase voltage will be automati-
cally turned off and the RC clock (if enabled) is stopped. However, the EEPGM control bit will remain
set. When STOP mode is terminated, the program/erase voltage will be automatically turned back on if
EEPGM is set.
At bus frequencies below 1 MHz, the RC clock must be turned on for program/erase.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68HC912BL16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC912BL16 FREESCALE-MC68HC912BL16 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16CFU8 FREESCALE-MC68HC912BL16CFU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16FU8 FREESCALE-MC68HC912BL16FU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16MFU8 FREESCALE-MC68HC912BL16MFU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16VFU8 FREESCALE-MC68HC912BL16VFU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
More results

Similar Description - MC68HC912BL16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com