Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68HC912BL16 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # MC68HC912BL16
Description  16-Bit Microcontroller
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC68HC912BL16 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button MC68HC912BL16 Datasheet HTML 28Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 29Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 30Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 31Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 32Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 33Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 34Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 35Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 128 page
background image
MC68HC912BL16
32
MC68HC912BL16TS/D
6 Bus Control and Input/Output
Internally the MC68HC912BL16 has full 16-bit data paths, but depending upon the operating mode and
control registers, the external bus may be eight or sixteen bits. There are cases where 8-bit and 16-bit
accesses can appear on adjacent cycles using the LSTRB signal to indicate 8- or 16-bit data.
6.1 Detecting Access Type from External Signals
The external signals LSTRB, R/W, and A0 can be used to determine the type of bus access that is tak-
ing place. Accesses to the internal RAM module are the only type of access that produce LSTRB=A0=1,
because the internal RAM is specifically designed to allow misaligned 16-bit accesses in a single cycle.
In these cases the data for the address that was accessed is on the low half of the data bus and the
data for address + 1 is on the high half of the data bus (data order is swapped).
6.2 Registers
Not all registers are visible in the MC68HC912BL16 memory map under certain conditions. In special
peripheral mode the first 16 registers associated with bus expansion are removed from the memory
map.
In expanded modes, some or all of port A, port B, and port E are used for expansion buses and control
signals. In order to allow emulation of the single-chip functions of these ports, some of these registers
must be rebuilt in an external port replacement unit. In any expanded mode port A and port B are used
for address and data lines so registers for these ports, as well as the data direction registers for these
ports, are removed from the on-chip memory map and become external accesses.
In any expanded mode, port E pins may be needed for bus control (e.g., ECLK, R/W). To regain the
single-chip functions of port E, the emulate port E (EME) control bit in the MODE register may be set.
In this special case of expanded mode and EME set, PORTE and DDRE registers are removed from
the on-chip memory map and become external accesses so port E may be rebuilt externally.
Table 13 Access Type vs. Bus Control Pins
LSTRB
A0
R/W
Type of Access
1
0
1
8-bit read of an even address
0
1
1
8-bit read of an odd address
1
0
0
8-bit write to an even address
0
1
0
8-bit write to an odd address
0
0
1
16-bit read of an even address
1
1
1
16-bit read of an odd address
(low/high data swapped)
0
0
0
16-bit write to an even address
1
1
0
16-bit write to an even address
(low/high data swapped)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68HC912BL16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC912BL16 FREESCALE-MC68HC912BL16 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16CFU8 FREESCALE-MC68HC912BL16CFU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16FU8 FREESCALE-MC68HC912BL16FU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16MFU8 FREESCALE-MC68HC912BL16MFU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16VFU8 FREESCALE-MC68HC912BL16VFU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
More results

Similar Description - MC68HC912BL16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com