Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68HC912BL16 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # MC68HC912BL16
Description  16-Bit Microcontroller
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC68HC912BL16 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button MC68HC912BL16 Datasheet HTML 24Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 25Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 26Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 27Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 28Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 29Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 30Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 31Page - NXP Semiconductors MC68HC912BL16 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 128 page
background image
MC68HC912BL16
28
MC68HC912BL16TS/D
EME — Emulate Port E
Removing the registers from the map allows the user to emulate the function of these registers exter-
nally. In single-chip mode PORTE and DDRE are always in the map regardless of the state of this bit.
0 = PORTE and DDRE are in the memory map.
1 = PORTE and DDRE are removed from the internal memory map (expanded mode).
Normal modes: write once; special modes: write anytime EXCEPT the first time. Read anytime.
5.3 Internal Resource Mapping
The internal register block, RAM, Flash EEPROM and EEPROM have default locations within the 64-
Kbyte standard address space but may be reassigned to other locations during program execution by
setting bits in mapping registers INITRG, INITRM, and INITEE. During normal operating modes these
registers can be written once. It is advisable to explicitly establish these resource locations during the
initialization phase of program execution, even if default values are chosen, in order to protect the reg-
isters from inadvertent modification later.
Writes to the mapping registers go into effect between the cycle that follows the write and the cycle after
that. To assure that there are no unintended operations, a write to one of these registers should be fol-
lowed with a NOP instruction.
If conflicts occur when mapping resources, the register block will take precedence over the other re-
sources; RAM, Flash EEPROM, or EEPROM addresses occupied by the register block will not be avail-
able for storage. When active, BDM ROM takes precedence over other resources although a conflict
between BDM ROM and register space is not possible. Table 10 shows resource mapping precedence.
In expanded modes, all address space not utilized by internal resources is by default external memory.
5.3.1 Register Block Mapping
After reset the 512 byte register block resides at location $0000 but can be reassigned to any 2-Kbyte
boundary within the standard 64-Kbyte address space. Mapping of internal registers is controlled by five
bits in the INITRG register. The register block occupies the first 512 bytes of the 2-Kbyte block.
REG[15:11] — Internal register map position
These bits specify the upper five bits of the 16-bit registers address.
Write once in normal modes or anytime in special modes. Read anytime.
MMSWAI — Memory Mapping Interface Stop in Wait Control
This bit controls access to the memory mapping interface when in Wait mode.
Table 10 Mapping Precedence
Precedence
Resource
1
BDM ROM (if active)
2
Register Space
3
RAM
4
EEPROM
5
Flash EEPROM
6
External Memory
INITRG — Initialization of Internal Register Position Register
$0011
Bit 7
6
5
4
3
2
1
Bit 0
REG15
REG14
REG13
REG12
REG11
0
0
MMSWAI
RESET:
0
0
0
0
0
0
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68HC912BL16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC912BL16 FREESCALE-MC68HC912BL16 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16CFU8 FREESCALE-MC68HC912BL16CFU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16FU8 FREESCALE-MC68HC912BL16FU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16MFU8 FREESCALE-MC68HC912BL16MFU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
MC68HC912BL16VFU8 FREESCALE-MC68HC912BL16VFU8 Datasheet
3Mb / 128P
   16-Bit Microcontroller
More results

Similar Description - MC68HC912BL16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com