Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7530 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN7530
Description  Critical Conduction Mode PFC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7530 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN7530 Datasheet HTML 1Page - Fairchild Semiconductor FAN7530 Datasheet HTML 2Page - Fairchild Semiconductor FAN7530 Datasheet HTML 3Page - Fairchild Semiconductor FAN7530 Datasheet HTML 4Page - Fairchild Semiconductor FAN7530 Datasheet HTML 5Page - Fairchild Semiconductor FAN7530 Datasheet HTML 6Page - Fairchild Semiconductor FAN7530 Datasheet HTML 7Page - Fairchild Semiconductor FAN7530 Datasheet HTML 8Page - Fairchild Semiconductor FAN7530 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7530 Rev. 1.0.0
4
Absolute Maximum Ratings
The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. The
device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables
are not guaranteed at the absolute maximum ratings. TA=25°C, unless otherwise specified.
Thermal Impedance(1)
Note:
1. Regarding the test environment and PCB type, please refer to JESD51-2 and JESD51-10.
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
VZ
V
IOH, IOL
Peak Drive Output Current
+500/-800
mA
Iclamp
Driver Output Clamping Diodes VO>VCC or VO<-0.3V
±10
mA
Idet
Detector Clamping Diodes
±10
mA
VIN
Error Amplifier, MOT, CS Input Voltages
-0.3 to 6
V
TJ
Operating Junction Temperature
150
°C
TA
Operating Temperature Range
-40 to 125
°C
TSTG
Storage Temperature Range
-65 to 150
°C
VESD_HBM
ESD Capability, Human Body Model
2.0
kV
VESD_MM
ESD Capability, Machine Model
300
V
VESD_CDM
ESD Capability, Charged Device Model
500
V
Symbol
Parameter
Value
Unit
θJA
Thermal Resistance, Junction-to-Ambient
8-DIP
110
°C/W
8-SOP
150
°C/W


Similar Part No. - FAN7530

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530 Datasheet
422Kb / 16P
   Design of Power Factor Correction Circuit
FAN7530 FAIRCHILD-FAN7530 Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controllers
FAN7530M FAIRCHILD-FAN7530M Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530MX FAIRCHILD-FAN7530MX Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
More results

Similar Description - FAN7530

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
   Critical Conduction Mode PFC Controller
December-2017, Rev. 3
logo
Fairchild Semiconductor
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
   FAN7930 Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com