Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9EMS9633BFILF Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # 9EMS9633BFILF
Description  ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9EMS9633BFILF Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button 9EMS9633BFILF Datasheet HTML 5Page - Renesas Technology Corp 9EMS9633BFILF Datasheet HTML 6Page - Renesas Technology Corp 9EMS9633BFILF Datasheet HTML 7Page - Renesas Technology Corp 9EMS9633BFILF Datasheet HTML 8Page - Renesas Technology Corp 9EMS9633BFILF Datasheet HTML 9Page - Renesas Technology Corp 9EMS9633BFILF Datasheet HTML 10Page - Renesas Technology Corp 9EMS9633BFILF Datasheet HTML 11Page - Renesas Technology Corp 9EMS9633BFILF Datasheet HTML 12Page - Renesas Technology Corp 9EMS9633BFILF Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
IDTTM/ICSTM Ultra Mobile PC Clock for Embedded Applications
1617—08/19/09
ICS9EMS9633
ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
9
Datasheet
AC Electrical Characteristics - Input/Common Parameters
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Notes
Clk Stabilization
T
STAB
From VDD Power-Up or de-
assertion of PD# to 1st clock
1.8
ms
1
Tdrive_SRC
T
DRSRC
SRC output enable after
CR# assertion
15
ns
1
Tdrive_PD#
T
DRPD
Differential output enable after
PD# de-assertion
300
us
1
Tdrive_CPU
T
DRSRC
CPU output enable after
CPU_STOP# de-assertion
10
ns
1
Tfall_PD#
T
FALL
5ns
1
Trise_PD#
T
RISE
5ns
1
Fall/rise time of PD# and
CPU_STOP# inputs
AC Electrical Characteristics - Low Power Differential Outputs
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
NOTES
Rising Edge Slew Rate
t
SLR
Differential Measurement
0.5
6
V/ns
1,2
Falling Edge Slew Rate
t
FLR
Differential Measurement
0.5
6
V/ns
1,2
Rise/Fall Time Variation
t
SLVAR
Single-ended Measurement
125
ps
1
Maximum Output Voltage
V
HIGH
Includes overshoot
1150
mV
1
Minimum Output Voltage
V
LOW
Includes undershoot
-300
mV
1
Differential Voltage Swing
V
SWING
Differential Measurement
300
mV
1
Crossing Point Voltage
V
XABS
Single-ended Measurement
300
550
mV
1,3,4
Crossing Point Variation
V
XABSVAR
Single-ended Measurement
140
mV
1,3,5
Duty Cycle
D
CYC
Differential Measurement
45
55
%
1
CPU Jitter - Cycle to Cycle
CPUJ
C2C
Differential Measurement
85
ps
1
SRC Jitter - Cycle to Cycle
SRCJ
C2C
Differential Measurement
125
ps
1
DOT Jitter - Cycle to Cycle
DOTJ
C2C
Differential Measurement
250
ps
1
CPU[2:0] Skew
CPU
SKEW10
Differential Measurement
100
ps
1
SRC[2:0] Skew
SRC
SKEW
Differential Measurement
250
ps
1
Electrical Characteristics - REF-14.318MHz
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Notes
Long Accuracy
ppm
see Tperiod min-max values
-300
300
ppm
1,2
Clock period
T
period
14.318MHz output nominal
69.8203
69.8622
ns
2
Absolute min/max period
T
abs
14.318MHz output nominal
69.8203
70.86224
ns
2
Output High Voltage
V
OH
I
OH = -1 mA
2.4
V
1
Output Low Voltage
V
OL
I
OL = 1 mA
0.4
V
1
Output High Current
I
OH
V
OH @MIN = 1.0 V,
V
OH@MAX = 3.135 V
-33
-33
mA
1
Output Low Current
I
OL
V
OL @MIN = 1.95 V,
V
OL @MAX = 0.4 V
30
38
mA
1
Rising Edge Slew Rate
t
SLR
Measured from 0.8 to 2.0 V
1
4
V/ns
1
Falling Edge Slew Rate
t
FLR
Measured from 2.0 to 0.8 V
1
4
V/ns
1
Duty Cycle
d
t1
V
T = 1.5 V
45
55
%
1
Jitter
t
jcyc-cyc
V
T = 1.5 V
1000
ps
1


Similar Part No. - 9EMS9633BFILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9EMS9633BFILF IDT-9EMS9633BFILF Datasheet
161Kb / 22P
   ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
9EMS9633BFILFT IDT-9EMS9633BFILFT Datasheet
161Kb / 22P
   ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
More results

Similar Description - 9EMS9633BFILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9EMS9633 IDT-ICS9EMS9633 Datasheet
161Kb / 22P
   ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
ICS9UMS9633BW IDT-ICS9UMS9633BW Datasheet
180Kb / 18P
   ULTRA MOBILE PC CLOCK FOR AUTOMOTIVE USE
ICS9UMS9633BI IDT-ICS9UMS9633BI Datasheet
215Kb / 22P
   ULTRA MOBILE PC CLOCK FOR INDUSTRIAL TEMPERATURE RANGE
logo
Freescale Semiconductor...
900844 FREESCALE-900844 Datasheet
5Mb / 118P
   Integrated Power Management IC for Ultra-mobile and Embedded Applications
logo
Kingston Technology Far...
UFS64G-TX17 KINGSTON-UFS64G-TX17 Datasheet
3Mb / 2P
   High performance storage for mobile and embedded applications
logo
PulseCore Semiconductor
ASM3P2187A PULSECORE-ASM3P2187A Datasheet
176Kb / 9P
   Spread Spectrum Clock Generator for Mobile Applications
logo
Cypress Semiconductor
SC660E CYPRESS-SC660E Datasheet
56Kb / 8P
   SMBus System Clock Buffer for Mobile Applications
logo
Integrated Device Techn...
ICS9UMS9633B IDT-ICS9UMS9633B Datasheet
214Kb / 22P
   ULTRA MOBILE PC/MOBILE INTERNET DEVICE
logo
Renesas Technology Corp
9UMS9633B RENESAS-9UMS9633B Datasheet
600Kb / 23P
   Ultra-Mobile PC/Mobile Internet Device
Jan 18, 2022
logo
PulseCore Semiconductor
ASM3P2187A PULSECORE-ASM3P2187A_1 Datasheet
342Kb / 9P
   Spread Spectrum Clock Generator for Mobile Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com