Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9EMS9633BFILF Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 9EMS9633BFILF
Description  ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9EMS9633BFILF Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 9EMS9633BFILF Datasheet HTML 4Page - Renesas Technology Corp 9EMS9633BFILF Datasheet HTML 5Page - Renesas Technology Corp 9EMS9633BFILF Datasheet HTML 6Page - Renesas Technology Corp 9EMS9633BFILF Datasheet HTML 7Page - Renesas Technology Corp 9EMS9633BFILF Datasheet HTML 8Page - Renesas Technology Corp 9EMS9633BFILF Datasheet HTML 9Page - Renesas Technology Corp 9EMS9633BFILF Datasheet HTML 10Page - Renesas Technology Corp 9EMS9633BFILF Datasheet HTML 11Page - Renesas Technology Corp 9EMS9633BFILF Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
IDTTM/ICSTM Ultra Mobile PC Clock for Embedded Applications
1617—08/19/09
ICS9EMS9633
ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
8
Datasheet
Absolute Maximum Ratings
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Notes
3.3V Supply Voltage
VDDxxx_3.3
Supply Voltage
3.9
V
1,2
1.5V Supply Voltage
VDDxxx_1.5
Supply Voltage
3.9
V
1,2
3.3_Input High Voltage
V
IH3.3
3.3V Inputs
VDD_3.3+
0.3V
V1,2,3
Minimum Input Voltage
V
IL
Any Input
GND - 0.5
V
1
Storage Temperature
Ts
-
-65
150
°C1,2
Human Body Model
2000
V
1,2
Man Machine Model
200
V
1,2
Notes:
1Guaranteed by design and characterization, not 100% tested in production.
ESD prot
Input ESD protection
2 Operation under these conditions is neither implied, nor guaranteed.
3 Maximum input voltage is not to exceed maximum VDD
Electrical Characteristics - Input/Supply/Common Output Parameters
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Notes
Ambient Operating Temp
T
ambientITEMP
No Airflow
-40
85
°C
1
3.3V Supply Voltage
VDDxxx_3.3
3.3V +/- 5%
3.135
3.465
V
1
1.5V Supply Voltage
VDDxxx_1.5
1.5V - 5% to 3.3V + 5%
1.425
3.465
V
1
3.3V Input High Voltage
V
IHSE3.3
Single-ended inputs
2
V
DD + 0.3
V
1
3.3V Input Low Voltage
V
ILSE3.3
Single-ended inputs
V
SS - 0.3
0.8
V
1
Input Leakage Current
I
IN
V
IN = VDD , VIN = GND
-5
5
uA
1
Input Leakage Current
I
INRES
Inputs with pull or pull down
resistors. (CR# pins)
V
IN = VDD , VIN = GND
-200
200
uA
1
Output High Voltage
V
OHSE
Single-ended outputs, I
OH = -1mA
2.4
V
1
Output Low Voltage
V
OLSE
Single-ended outputs, I
OL = 1 mA
0.4
V
1
Low Threshold Input-
High Voltage
V
IH_FS
3.3 V +/-5%
0.7
1.5
V
1
Low Threshold Input-
Low Voltage
V
IL_FS
3.3 V +/-5%
V
SS - 0.3
0.35
V
1
I
DD_DEFAULT
3.3V supply, LCDPLL off
65
mA
1
I
DD_LCDEN
3.3V supply, LCDPLL enabled
70
mA
1
I
DD_IO
1.5V supply, Differential IO current,
all outputs enabled
55
mA
1
I
DD_PD3.3
3.3V supply, Power Down Mode
2
mA
1
I
DD_PDIO
1.5V IO supply, Power Down Mode
0.5
mA
1
Input Frequency
F
i
V
DD = 3.3 V
15
MHz
2
Pin Inductance
L
pin
7nH
1
C
IN
Logic Inputs
1.5
5
pF
1
C
OUT
Output pin capacitance
6
pF
1
C
INX
X1 & X2 pins
5
pF
1
Spread Spectrum Modulation
Frequency
f
SSMOD
Triangular Modulation
30
33
kHz
1
Operating Supply Current
Power Down Current
Input Capacitance


Similar Part No. - 9EMS9633BFILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9EMS9633BFILF IDT-9EMS9633BFILF Datasheet
161Kb / 22P
   ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
9EMS9633BFILFT IDT-9EMS9633BFILFT Datasheet
161Kb / 22P
   ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
More results

Similar Description - 9EMS9633BFILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9EMS9633 IDT-ICS9EMS9633 Datasheet
161Kb / 22P
   ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
ICS9UMS9633BW IDT-ICS9UMS9633BW Datasheet
180Kb / 18P
   ULTRA MOBILE PC CLOCK FOR AUTOMOTIVE USE
ICS9UMS9633BI IDT-ICS9UMS9633BI Datasheet
215Kb / 22P
   ULTRA MOBILE PC CLOCK FOR INDUSTRIAL TEMPERATURE RANGE
logo
Freescale Semiconductor...
900844 FREESCALE-900844 Datasheet
5Mb / 118P
   Integrated Power Management IC for Ultra-mobile and Embedded Applications
logo
Kingston Technology Far...
UFS64G-TX17 KINGSTON-UFS64G-TX17 Datasheet
3Mb / 2P
   High performance storage for mobile and embedded applications
logo
PulseCore Semiconductor
ASM3P2187A PULSECORE-ASM3P2187A Datasheet
176Kb / 9P
   Spread Spectrum Clock Generator for Mobile Applications
logo
Cypress Semiconductor
SC660E CYPRESS-SC660E Datasheet
56Kb / 8P
   SMBus System Clock Buffer for Mobile Applications
logo
Integrated Device Techn...
ICS9UMS9633B IDT-ICS9UMS9633B Datasheet
214Kb / 22P
   ULTRA MOBILE PC/MOBILE INTERNET DEVICE
logo
Renesas Technology Corp
9UMS9633B RENESAS-9UMS9633B Datasheet
600Kb / 23P
   Ultra-Mobile PC/Mobile Internet Device
Jan 18, 2022
logo
PulseCore Semiconductor
ASM3P2187A PULSECORE-ASM3P2187A_1 Datasheet
342Kb / 9P
   Spread Spectrum Clock Generator for Mobile Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com