Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9EMS9633BFILF Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 9EMS9633BFILF
Description  ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9EMS9633BFILF Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 9EMS9633BFILF Datasheet HTML 2Page - Renesas Technology Corp 9EMS9633BFILF Datasheet HTML 3Page - Renesas Technology Corp 9EMS9633BFILF Datasheet HTML 4Page - Renesas Technology Corp 9EMS9633BFILF Datasheet HTML 5Page - Renesas Technology Corp 9EMS9633BFILF Datasheet HTML 6Page - Renesas Technology Corp 9EMS9633BFILF Datasheet HTML 7Page - Renesas Technology Corp 9EMS9633BFILF Datasheet HTML 8Page - Renesas Technology Corp 9EMS9633BFILF Datasheet HTML 9Page - Renesas Technology Corp 9EMS9633BFILF Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
IDTTM/ICSTM Ultra Mobile PC Clock for Embedded Applications
1617—08/19/09
ICS9EMS9633
ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
6
Datasheet
MLF Pin Description (continued)
PIN #
PIN NAME
TYPE
DESCRIPTION
25
GNDSRC
PWR Ground pin for the SRC outputs
26
SRCC0_LPR
OUT
Complementary clock of differential 0.8V push-pull SRC output with integrated 33ohm
series resistor. No 50ohm resistor to GND needed.
27
SRCT0_LPR
OUT
True clock of differential 0.8V push-pull SRC output with integrated 33ohm series
resistor. No 50ohm resistor to GND needed.
28
*CR#1
IN
Clock request for SRC1, 0 = enable, 1 = disable
29
VDDCORE_3.3
PWR 3.3V power for the PLL core
30
VDDIO_1.5
PWR Power supply for low power differential outputs, nominal 1.5V.
31
SRCC1_LPR
OUT
Complementary clock of differential 0.8V push-pull SRC output with integrated 33ohm
series resistor. No 50ohm resistor to GND needed.
32
SRCT1_LPR
OUT
True clock of differential 0.8V push-pull SRC output with integrated 33ohm series
resistor. No 50ohm resistor to GND needed.
33
GNDSRC
PWR Ground pin for the SRC outputs
34
SRCC2_LPR
OUT
Complementary clock of differential 0.8V push-pull SRC output with integrated 33ohm
series resistor. No 50ohm resistor to GND needed.
35
SRCT2_LPR
OUT
True clock of differential 0.8V push-pull SRC output with integrated 33ohm series
resistor. No 50ohm resistor to GND needed.
36
*CR#2
IN
Clock request for SRC2, 0 = enable, 1 = disable
37
FSB_L
IN
Low threshold input for CPU frequency selection. Refer to input electrical
characteristics for Vil_FS and Vih_FS values.
38
CPUC2_LPR
OUT
Complementary clock of differential pair 0.8V push-pull CPU outputs with integrated
33ohm series resistor. No 50 ohm resistor to GND needed.
39
CPUT2_LPR
OUT
True clock of differential pair 0.8V push-pull CPU outputs with integrated 33ohm
series resistor. No 50 ohm resistor to GND needed.
40
GNDCPU
PWR Ground pin for the CPU outputs
41
VDDIO_1.5
PWR Power supply for low power differential outputs, nominal 1.5V.
42
VDDCORE_3.3
PWR 3.3V power for the PLL core
43
CPUC1_LPR
OUT
Complementary clock of differential pair 0.8V push-pull CPU outputs with integrated
33ohm series resistor. No 50 ohm resistor to GND needed.
44
CPUT1_LPR
OUT
True clock of differential pair 0.8V push-pull CPU outputs with integrated 33ohm
series resistor. No 50 ohm resistor to GND needed.
45
GNDCPU
PWR Ground pin for the CPU outputs
46
VDDIO_1.5
PWR Power supply for low power differential outputs, nominal 1.5V.
47
CPUC0_LPR
OUT
Complementary clock of differential pair 0.8V push-pull CPU outputs with integrated
33ohm series resistor. No 50 ohm resistor to GND needed.
48
CPUT0_LPR
OUT
True clock of differential pair 0.8V push-pull CPU outputs with integrated 33ohm
series resistor. No 50 ohm resistor to GND needed.


Similar Part No. - 9EMS9633BFILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9EMS9633BFILF IDT-9EMS9633BFILF Datasheet
161Kb / 22P
   ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
9EMS9633BFILFT IDT-9EMS9633BFILFT Datasheet
161Kb / 22P
   ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
More results

Similar Description - 9EMS9633BFILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9EMS9633 IDT-ICS9EMS9633 Datasheet
161Kb / 22P
   ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
ICS9UMS9633BW IDT-ICS9UMS9633BW Datasheet
180Kb / 18P
   ULTRA MOBILE PC CLOCK FOR AUTOMOTIVE USE
ICS9UMS9633BI IDT-ICS9UMS9633BI Datasheet
215Kb / 22P
   ULTRA MOBILE PC CLOCK FOR INDUSTRIAL TEMPERATURE RANGE
logo
Freescale Semiconductor...
900844 FREESCALE-900844 Datasheet
5Mb / 118P
   Integrated Power Management IC for Ultra-mobile and Embedded Applications
logo
Kingston Technology Far...
UFS64G-TX17 KINGSTON-UFS64G-TX17 Datasheet
3Mb / 2P
   High performance storage for mobile and embedded applications
logo
PulseCore Semiconductor
ASM3P2187A PULSECORE-ASM3P2187A Datasheet
176Kb / 9P
   Spread Spectrum Clock Generator for Mobile Applications
logo
Cypress Semiconductor
SC660E CYPRESS-SC660E Datasheet
56Kb / 8P
   SMBus System Clock Buffer for Mobile Applications
logo
Integrated Device Techn...
ICS9UMS9633B IDT-ICS9UMS9633B Datasheet
214Kb / 22P
   ULTRA MOBILE PC/MOBILE INTERNET DEVICE
logo
Renesas Technology Corp
9UMS9633B RENESAS-9UMS9633B Datasheet
600Kb / 23P
   Ultra-Mobile PC/Mobile Internet Device
Jan 18, 2022
logo
PulseCore Semiconductor
ASM3P2187A PULSECORE-ASM3P2187A_1 Datasheet
342Kb / 9P
   Spread Spectrum Clock Generator for Mobile Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com