Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRIS-G6623 Datasheet(PDF) 5 Page - International Rectifier

Part # IRIS-G6623
Description  INTEGRATED SWITCHER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRIS-G6623 Datasheet(HTML) 5 Page - International Rectifier

  IRIS-G6623 Datasheet HTML 1Page - International Rectifier IRIS-G6623 Datasheet HTML 2Page - International Rectifier IRIS-G6623 Datasheet HTML 3Page - International Rectifier IRIS-G6623 Datasheet HTML 4Page - International Rectifier IRIS-G6623 Datasheet HTML 5Page - International Rectifier IRIS-G6623 Datasheet HTML 6Page - International Rectifier IRIS-G6623 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.irf.com
IRIS-G6623
MIC TF-PD2 Curve
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
20
40
60
80
100
120
140
160
Internal frame temperature TF[℃]
IRIS-G6623
Transient thermal resistance curve
0.001
0.01
0.1
1
10
time
t [sec]
IRIS-G6623
MOSFET Ta-PD1 Curve
0
5
10
15
20
25
30
0
20
40
60
80
100 120 140 160
Ambient temperature Ta[℃]
10µ
100µ
1m
10m
100m
PD2=0.8[W]
PD1=24[W]
With infinite
heatsink
Without
heatsink
PD1=1.5[W]
IRIS-G6623


Similar Part No. - IRIS-G6623

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRIS-G6624 IRF-IRIS-G6624 Datasheet
277Kb / 7P
   INTEGRATED SWITCHER
More results

Similar Description - IRIS-G6623

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRIS-G5624A IRF-IRIS-G5624A_1 Datasheet
269Kb / 7P
   INTEGRATED SWITCHER
IRIS-G6351S IRF-IRIS-G6351S Datasheet
272Kb / 7P
   INTEGRATED SWITCHER
IRISA6331 IRF-IRISA6331 Datasheet
379Kb / 7P
   INTEGRATED SWITCHER
IRIS-F6428S IRF-IRIS-F6428S Datasheet
278Kb / 7P
   INTEGRATED SWITCHER
IRISG5624A IRF-IRISG5624A Datasheet
271Kb / 7P
   INTEGRATED SWITCHER
IRIS4015 IRF-IRIS4015 Datasheet
63Kb / 6P
   INTEGRATED SWITCHER
IRIS4013 IRF-IRIS4013 Datasheet
66Kb / 6P
   INTEGRATED SWITCHER
IRIS4007 IRF-IRIS4007 Datasheet
62Kb / 6P
   INTEGRATED SWITCHER
IRISA6131 IRF-IRISA6131 Datasheet
396Kb / 7P
   INTEGRATED SWITCHER
IRIS-G6624 IRF-IRIS-G6624 Datasheet
277Kb / 7P
   INTEGRATED SWITCHER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com