Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRIS-G6623 Datasheet(PDF) 3 Page - International Rectifier

Part # IRIS-G6623
Description  INTEGRATED SWITCHER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRIS-G6623 Datasheet(HTML) 3 Page - International Rectifier

  IRIS-G6623 Datasheet HTML 1Page - International Rectifier IRIS-G6623 Datasheet HTML 2Page - International Rectifier IRIS-G6623 Datasheet HTML 3Page - International Rectifier IRIS-G6623 Datasheet HTML 4Page - International Rectifier IRIS-G6623 Datasheet HTML 5Page - International Rectifier IRIS-G6623 Datasheet HTML 6Page - International Rectifier IRIS-G6623 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.irf.com
Electrical Characteristics (for Control IC)
Electrical characteristics for control part (Ta=25℃, Vin=18V,unless otherwise specified)
MIN
TYP
MAX
Vin(ON)
Operation start voltage
14.4
16
17.6
V
Vin=0→17.6V
Vin(OFF) Operation stop voltage
9
10
11
V
Vin=17.6→9V
Iin(ON)
Circuit current in operation
-
-
30
mA
-
Iin(OFF)
Circuit current in non-operation
-
-
100
µA
Vin=14V
TOFF(MAX) Maximum OFF time
45
-
55
µsec
-
Tth(2)
Minimum time for input of quasi
resonant signals
*6
-
-
1
µsec
-
TOFF(MIN) Minimum OFF time
*7
-
-
1.5
µsec
-
Vth(1)
O.C.P/F.B Pin threshold voltage 1
0.68
0.73
0.78
V
-
Vth(2)
O.C.P/F.B Pin threshold voltage 2
1.3
1.45
1.6
V
IOCP/FB
O.C.P/F.B Pin extraction current
1.2
1.35
1.5
mA
-
Vin(OVP) O.V.P operation voltage
20.5
22.5
24.5
V
Vin=0→24.5V
Iin(H)
Vin(La.OFF) Latch circuit release voltage
*8
6.6
-
8.4
V
Vin=24.5→6.6V
Tj(TSD)
Thermal shutdown operating temperature
140
-
-
-
µA
Latch circuit sustaining current *8
Definition
Symbol
Vin=24.5→8.5V
Ratings
Units
Test
Conditions
-
-
400
Electrical Characteristics (for MOSFET)
(Ta=25℃) unless otherwise specified
MIN
TYP
MAX
ID=300µA
V3-2=0V(short)
VDS =450V
V3-2=0V(short)
V3-2=10V
ID=1.5A
tf
Switching time
-
-
250
nsec
-
Between channel and
internal frame
300
-2.3
℃/W
-
θch-F
-
-
Thermal resistance
Symbol
µA
On-resistance
RDS(ON)
--
1.3
Ω
Drain leakage current
IDSS
VDSS
450
-
-
Ratings
Units
Test Conditions
Drain-to-Source breakdown voltage
V
Definition
IRIS-G6623
*6 Recommended operating conditions
Time for input of quasi resonant signals
For the quasi resonant signal inputted to OCP/FB Pin
at the time of quasi resonant operation, the signal shall
be wider than Tth(2).
*7 The minimum OFF time means TOFF width at the time when the minimum quasi resonant signal is inputted.
*8 The latch circuit means a circuit operated O.V.P and T.S.D.
Vth(2)
O.C.P/F.B
Tth(2)≧1.0μsec
0V


Similar Part No. - IRIS-G6623

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRIS-G6624 IRF-IRIS-G6624 Datasheet
277Kb / 7P
INTEGRATED SWITCHER
More results

Similar Description - IRIS-G6623

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRIS-G5624A IRF-IRIS-G5624A_1 Datasheet
269Kb / 7P
INTEGRATED SWITCHER
IRIS-G6351S IRF-IRIS-G6351S Datasheet
272Kb / 7P
INTEGRATED SWITCHER
IRISA6331 IRF-IRISA6331 Datasheet
379Kb / 7P
INTEGRATED SWITCHER
IRIS-F6428S IRF-IRIS-F6428S Datasheet
278Kb / 7P
INTEGRATED SWITCHER
IRISG5624A IRF-IRISG5624A Datasheet
271Kb / 7P
INTEGRATED SWITCHER
IRIS4015 IRF-IRIS4015 Datasheet
63Kb / 6P
INTEGRATED SWITCHER
IRIS4013 IRF-IRIS4013 Datasheet
66Kb / 6P
INTEGRATED SWITCHER
IRIS4007 IRF-IRIS4007 Datasheet
62Kb / 6P
INTEGRATED SWITCHER
IRISA6131 IRF-IRISA6131 Datasheet
396Kb / 7P
INTEGRATED SWITCHER
IRIS-G6624 IRF-IRIS-G6624 Datasheet
277Kb / 7P
INTEGRATED SWITCHER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com