Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF9002NR2 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MRF9002NR2
Description  RF Power Field Effect Transistor Array N-Channel Enhancement-Mode Lateral MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF9002NR2 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MRF9002NR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF9002NR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF9002NR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF9002NR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF9002NR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF9002NR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF9002NR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF9002NR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF9002NR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
RF Device Data
Freescale Semiconductor
MRF9002NR2
TYPICAL CHARACTERISTICS
Crss
Ciss
30
2
12
22
VDS, DRAIN SOURCE SUPPLY (VOLTS)
Figure 10. Capacitance versus Drain Source Voltage
Coss
23
24
25
26
27
28
29
3
4
5
6
7
8
9
10
11
210
109
TJ, JUNCTION TEMPERATURE (°C)
This above graph displays calculated MTTF in hours x ampere2
drain current. Life tests at elevated temperatures have correlated to
better than
±10% of the theoretical prediction for metal failure. Divide
MTTF factor by ID2 for MTTF in a particular application.
108
106
90
110
130
150
170
190
Figure 11. MTTF Factor versus Junction Temperature
100
120
140
160
180
200
107


Similar Part No. - MRF9002NR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF9002R2 MOTOROLA-MRF9002R2 Datasheet
580Kb / 12P
RF Power Field Effect Transistor Array
MRF9002RS MOTOROLA-MRF9002RS Datasheet
292Kb / 12P
RF POWER FIELD EFFECT TRANSISTOR ARRAY
More results

Similar Description - MRF9002NR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6P21190HR6 FREESCALE-MRF6P21190HR6 Datasheet
400Kb / 12P
RF Power Field Effect Transistor, N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP21KHR6 FREESCALE-MRF6VP21KHR6 Datasheet
445Kb / 11P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6P21190HR6 FREESCALE-MRF6P21190HR6_06 Datasheet
437Kb / 12P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP11KHR6 FREESCALE-MRF6VP11KHR6_09 Datasheet
468Kb / 11P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF7S19120NR1 FREESCALE-MRF7S19120NR1_09 Datasheet
517Kb / 14P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF9060LR1 FREESCALE-MRF9060LR1_08 Datasheet
364Kb / 11P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP21KHR6 FREESCALE-MRF6VP21KHR6_10 Datasheet
708Kb / 11P
RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF8S9170NR3 FREESCALE-MRF8S9170NR3_10 Datasheet
463Kb / 13P
RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF7S35015HSR3 FREESCALE-MRF7S35015HSR3_11 Datasheet
825Kb / 12P
RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF6VP2600H FREESCALE-MRF6VP2600H Datasheet
1Mb / 19P
RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com